Part Number Hot Search : 
MFM60 N0613 M8192A DTV64 KA2659D 45010 X323CS UM2103
Product Description
Full Text Search
 

To Download U3280M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * *
Contactless Power Supply and Communication Interface Up to 10 kbaud Data Rate (R/O) Power Management for Contactless and Battery Power Supply Frequency Range 100 kHz to 150 kHz 32 x 16-bit EEPROM Two-wire Serial Interface Shift Register Supported Bi-phase and Manchester Modulator Stage Reset I/O Line Field Clock Extractor Field and Gap Detection Output for Wake-up and Data Reception Field Modulator with Energy-saving Damping Stage
Applications
* Main Areas
- Access Control - Telemetry - Wireless Sensors * Examples: - Wireless Passive Access and Active Alarm Control for Protection of Valuables - Contactless Position Sensors for Alignments of Machines - Contactless Status Verification and/or Data Readout from Sensors
Transponder Interface for Microcontroller U3280M
Description
The U3280M is a transponder interface for use in contactless ID systems, remote control systems, tag and sensor applications. It supplies the microcontroller with power from an RF field via an LC-resonant circuit and it enables contactless bi-directional data communication via this RF field. It includes power management that handles switching between the magnetic field and a battery power supply. To store permanent data like an identifier code and configuration data, the U3280M includes a 512-bit EEPROM with a serial interface. Figure 1. Block Diagram
Energy
U3280M Transponder Interface
VField regulator Damping stage Coil 1 512-bit EEPROM memory Power management
VBatt Sensors, keys, displays, actuators
NRST VDD
Rectifier
Coil 2 Field/gap detect Data Clock extractor >1 _ Serial interface Bi-phase modulator
Low power microcontroller
SDA SCL
VSS
FC
NGAP
MOD
Transmit data Receive data/field detected Field clock
Rev. 4688B-RFID-12/04
Pin Configuration
Figure 2. Pinning
VBatt VDD SCL NRST SDA VSS NC FC 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Coil 2 Coil 1 NC NC NC NC NGAP MOD
Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol VBatt VDD SCL NRST SDA VSS NC FC MOD NGAP NC NC NC NC Coil 1 Coil 2 Function Power supply voltage input to connect a battery Power supply voltage for the microcontroller and EEPROM. At this pin a buffer capacitor (0.5 to 10 F) must be connected to buffer the voltage during field supply and to block the VDD of the microcontroller. Serial clock line Reset line bi-directional Serial data line Circuit ground Not connected Field clock output of the front-end clock extractor Modulation input Gap and field detect output Not connected Not connected Not connected Not connected Coil input 1. Use pin to connect a resonant circuitry for communication and field supply Coil input 2. Use pin to connect a resonant circuitry for communication and field supply
2
U3280M
4688B-RFID-12/04
U3280M
Functional Description
Transponder Interface
The U3280M is a transponder interface IC that can operate microcontrollers using wireless technology and battery independently. Wireless data communication and the power supply are handled via an electromagnetic field and the coil antenna of the transponder interface. The U3280M consists of a rectifier stage for the antenna, power management to handle field and battery power supplies, a damping modulator, and a field-gap detection stage for contactless data communication. Furthermore, a field clock extraction and an EEPROM are on-chip. The internal rectifier stage rectifies the AC from the LC-resonant circuit at the coil inputs and supplies the U3280M device and an additional microcontroller device with power. It is also possible to supply the device via the VBatt input with DC from a battery. The power management handles switching between battery supply (VBatt pin) and field supply automatically. It switches to field supply if a field is applied at the coil, and it switches back to battery if the field is removed. The voltage from the coil or the VBatt pin is output at the VDD pin to supply the microcontroller or any other suited device. At the VDD pin a capacitor must be connected to smooth and buffer the supply voltage. This capacitor is also necessary to buffer the supply voltage during communication (damping and gaps in the field). For communication, the chip contains a damping stage and gap-detect circuitry. By means of the damping stage the coil voltage can be modulated to transmit data via the field. It can be controlled with the modulator input (MOD pin) via the microcontroller. The gap-detection circuitry detects gaps in the field and outputs the gap/field signal at the gap-detect output (Pin NGAP). To store data like keycodes, identifiers and configuration bits, a 512-bit EEPROM is available on-chip. It can be read and written by the microcontroller via a two-wire serial interface. The serial interface, the EEPROM and the microcontroller are supplied with the voltage at the VDD pin. That means the microcontroller can read and write the EEPROM if the supply voltage at VDD is in the operating range of the IC. The U3280M has built-in operating modes to support a wide range of applications. These modes can be activated via the serial interface with special mode control bytes. To support applications with battery supply only, power management can be switched off by software to disable the automatic switching to field supply. An on-chip Bi-phase and Manchester modulator can be activated and controlled by the serial interface. If this modulator is used, it modulates the serial data stream at the serial inputs SDA and SCL into a Bi-phase or Manchester-coded signal for the damping stage.
Modulation
The transponder interface can modulate the magnetic field by its damping stage to transmit data to a base station. It modulates the coil voltage by varying the coil's load. The modulator can be controlled via the MOD pin. A high level ("1") increases the current into the coil and damps the coil voltage. A low level ("0") decreases the current and increases the coil voltage. The modulator generates a voltage stroke of about 2 Vpp at the coil. A high level at the MOD pin makes the maximum of the field energy available at VDD. During reset mode, a high level at the MOD pin causes optimum conditions for starting the device and charging the capacitor at VDD after the field has been applied at the coil.
3
4688B-RFID-12/04
Digital Input to Control the Damping Stage (MOD)
MOD = 0: coil not damped
V coil-peak = V DD x 2 + V CMS = V CU
MOD = 1: coil damped
V coil-peak = V DD x Note: 2 = V CD
VCMS = VCID: modulation voltage stroke at coil inputs
If the automatic power management is disabled, the internal front-end VDD is limited at VDDC. In this case the value VDDC must be used in the above formula.
Field Clock
The field clock extractor of the interface makes the field clock available for the microcontroller. It can be used to supply timer inputs to synchronize modulation and demodulation with the field clock. The transponder interface can also receive data. The base station modulates the data with short gaps in the field. The gap-detection circuit detects these gaps in the magnetic field and outputs the NGAP/field signal at the NGAP pin. A high level indicates that a field is applied at the coil and a low level indicates a gap or that the field is off. The microcontroller must demodulate the incoming data stream at one of its inputs.
Gap Detect
U3280M Signals and Timing
Figure 3. Modulation
MOD
VCU VCMS VCD
Coil inputs
Figure 4. GAP and Modulation Timing
Gap detection and battery to field switching
V
FDON
t FGAP1
t FGAP0
Coil inputs
1. edge used as wakeup signal
V FDOFF
NGAP Field clock FC Power management
Battery supply
t BFS
Coil supply if automatically power management is enabled
Battery supply
tFBS
4
U3280M
4688B-RFID-12/04
U3280M
Digital Output of the Gap-detection Stage (NGAP)
NGAP = 0: gap detected/no field NGAP = 1: field detected
Note:
Vcoil-peak = VFDoff Vcoil-peak = VFDon
No amplifier is used in the gap-detection stage. A digital Schmitt trigger evaluates the rectified and smoothed coil voltage.
Wake-up Signal
If a field is applied at the coil of the transponder interface, the microcontroller can be woken up with the wake-up signal at the NGAP pin. For that purpose, the NGAP pin must be connected to an interrupt input of the microcontroller. A high level at the NGAP output indicates an applied field and can be used as a wake-up signal for the microcontroller via an interrupt. The wake-up signal is generated if power management switches to field supply. The field-detection stage of the power management has lowpass characteristics to avoid generating wake-up signals and unnecessary switching between battery and field supply in case of interferences at the coil inputs. The U3280M has a power management that handles two power supply sources. Normally, the IC is supplied by a battery at the VBatt pin. If a magnetic field is applied at the LC-resonant circuit of the device, the field detection circuit switches automatically from VBatt to field supply. The VDD pin is used to connect a capacitor to smooth the voltage from the rectifier and to buffer the power while the field is modulated by gaps and damping. The EEPROM and the connected controller always operate with the voltage at the VDD pin.
Note: During field supply the maximum energy from the field is used if a high level is applied at the MOD input.
Power Supply
Automatic Power Management
There are different conditions that cause a switch from the battery to field and back from field to the battery. The power management switches from battery to field if the rectified voltage (Vcoil) from the coil inputs becomes higher than the field-on-detection voltage (VFDon), even if no battery voltage is available (0 < VBatt < 1.8 V). It switches back to battery if the coil voltage becomes lower than the field-off-detection voltage (VFDoff). The field detection stage of the power management has low pass characteristics to suppress noise. An applied field needs a time delay tBFS (battery-to-field switch delay) to change the power supply. If the field is removed from the coil, the power management will generate a reset that can be connected to the microcontroller. Figure 5. Switch Conditions for Power Management
VCoil > VFDon for t > tBFS
Battery supply (VBatt)
Field supply
VCoil < VFDon for t > tBFS
Note: The rectified supply voltage from the coil is limited to VDDC (2.9 V). During field supply, the battery is switched off and VDD changes to VDDC.
5
4688B-RFID-12/04
Controlling Power Management via the Serial Interface
The automatic mode of the power management can be switched off and on by a command from the microcontroller. If the automatic mode is switched off, the IC is always supplied by the battery up to the next power-on reset or to a switch-on command. The power management's on and off command must be transferred via the serial interface. If the power management is switched off and the device is supplied from the battery, it can communicate via the field without loading the field. This mode can be used to realize applications with battery supply if the field is too weak to supply the IC with power.
Buffer Capacitor CB
The buffer capacitor connected at VDD is used to buffer the supply voltage for the microcontroller and the EEPROM during field supply. It smoothes the rectified AC from the coil and buffers the supply voltage during modulation and gaps in the field. The size of this capacitor depends on the application. It must be of a dimension so that during modulation and gaps the ripple on the supply voltage is in the range of 100 mV to 300 mV. During gaps and damping the capacitor is used to supply the device, which means the size of the capacitor depends on the length of the gaps and damping cycles. Table 1. Example for a 350 A Supply Current, 200 mV Ripple at VDD
No Field Supply During 250 s 500 s Necessary CB 470 nF 1000 nF
Serial Interface
The transponder interface has a serial interface to the microcontroller for read and write access to the EEPROM. In a special mode, the serial interface can also be used to control the Bi-phase/Manchester modulator or the power management of the U3280M. The serial interface of the U3280M device must be controlled by a master device (normally the microcontroller) which generates the serial clock and controls the access via the SCL and SDA lines. SCL is used to clock the data in and out of the device. SDA is a bi-directional line and used to transfer data into and out of the device. The following protocol is used for the data transfers.
Serial Protocol
* * * *
Data states on the SDA line change only when SCL is low. Changes in the SDA line while SCL is high will be interpreted as a START or STOP condition. A STOP condition is defined as a high-to-low transition on the SDA line while the SCL line is high. Each data transfer must be initialized with a START condition and terminated with a STOP condition. The START condition awakens the device from standby mode, and the STOP condition returns the device to standby mode. A receiving device generates an acknowledge (A) after the reception of each byte. For that purpose the master device must generate an extra clock pulse. If the reception was successful, the receiving master or slave device pulls down the SDA line during that clock cycle. If an acknowledge has not been detected (N) by the interface in transmit mode, it will terminate further data transmissions and switch to receive mode. A master device must finish its read operation by a not acknowledge and then issue a STOP condition to switch the device to a known state.
*
6
U3280M
4688B-RFID-12/04
U3280M
Figure 6. Serial Protocol
SCL
SDA Stand- START by condition Data valid Data/ Data change acknowledge valid STOP Standcondition by
Control Byte Format
EEPROM address START A4 A3 A2 A1 A0 Mode control bits C1 C0 Read/ NWrite R/NW Ackn
The control byte follows the START condition and consists of the 5-bit row address, 2 mode control bits and the read/not-write bit. Data Transfer Sequence
START Control byte Ackn Data byte Ackn Data byte Ackn STOP
* *
After the STOP condition and before the START condition the device is in standby mode and the SDA line is switched to an input with the pull-up resistor. The START condition follows a control byte that determines the following operation. Bit 0 of the control byte is used to control the following transfer direction. A "0" defines a write access and a "1" defines a read access.
EEPROM
The EEPROM has a size of 512 bits and is organized as a 32 x 16-bit matrix. To read and write data to and from the EEPROM, the serial interface must be used. The interface supports one and two-byte write access and one to n-byte read access to the EEPROM. The operating modes of the EEPROM are defined by the control byte. The control byte contains the row address, the mode control bits and the read/not-write bit that is used to control the direction of the following transfer. A "0" defines the write access and a "1" defines a read access. The five address bits select one of the 32 rows of EEPROM memory to be accessed. For complete access the complete 16-bit word of the selected row is loaded into a buffer. The buffer must be read or overwritten via the serial interface. The two mode control bits C1 and C2 define in which order the access to the buffer is performed: high byte - low byte or low byte - high byte. The EEPROM also supports auto-increment and auto-decrement read operations. After sending the START address with the corresponding mode, consecutive memory cells can be read row by row without transmission of the row addresses. Two special control bytes allow the initialization of the complete EEPROM with "0" or with "1".
EEPROM Operating Modes
7
4688B-RFID-12/04
Write Operations
The EEPROM allows for 8-bit and 16-bit write operations. A write access starts with the START condition followed by writing a write control byte and one or two data bytes from the master. It is completed with the STOP condition from the master after the acknowledge cycle. When the EEPROM receives the control byte, it loads the addressed memory cell into a 16-bit read/write buffer. The following data bytes overwrite the buffer. The internal EEPROM programming cycle is started by a STOP condition after the first or second data byte. During the programming cycle, the addressed EEPROM cells are cleared and the contents of the buffer is written back to the EEPROM cells. The complete erasewrite cycle takes about 10 ms.
Acknowledge Polling
If the EEPROM is busy with an internal write cycle, all inputs are disabled and the EEPROM will not acknowledge until the write cycle is finished. This can be used to determine when the write cycle is complete. The master must perform acknowledge polling by sending a START condition followed by the control byte. If the device is still busy with the write cycle, it will not return an acknowledge and the master has to generate a STOP condition or perform further acknowledge polling sequences. If the cycle is complete, the device returns an acknowledge and the master can proceed with the next read or write cycle.
Write One Data Byte
START Control byte A Data byte 1 A STOP
Write Two Data Bytes
START Control byte A Data byte 1 A Data byte 2 A STOP
Write Control Byte Only
START Control byte A STOP A acknowledge
Write Control Bytes
Write Low Byte First MSB A4 Byte Order LB(R) Write High Byte First MSB A4 Byte Order HB(R) A3 A2 Row address LB(R) A1 A0 C1 1 C0 0 LSB R/NW 0 A3 A2 Row address HB(R) A1 A0 C1 0 C0 1 LSB R/NW 0
HB: high byte; LB: low byte; R: row address
8
U3280M
4688B-RFID-12/04
U3280M
Read Operations The EEPROM allows byte-, word- and current address read operations. The read operations are initiated in the same way as write operations. Each read access is initiated by sending the START condition followed by the control byte which contains the address and the read mode. When the device has received a read command, it returns an acknowledge, loads the addressed word into the read/write buffer and sends the selected data byte to the master. The master has to acknowledge the received byte to proceed with the read operation. If two bytes are read out from the buffer, the device automatically increments or decrements the word address and loads the buffer with the next word. The read mode bit determines if the low or high byte is read first from the buffer and if the word address is incremented or decremented for the next read access. When the memory address limit has been reached, the data word address will "roll over" and the sequential read will continue. The master can terminate the read operation after every byte by not responding with an acknowledge (N) and by issuing a STOP condition.
Read One Data Byte
START Control byte A Data byte 1 N STOP
Read Two Data Bytes
START Control byte A Data byte 1 A Data byte 2 N STOP
Read n Data Bytes
START Control byte A Data byte 1 A Data byte 2 A -----Data byte n N STOP
A acknowledge, N no acknowledge
Read Control Bytes
Read Low Byte First, Address Increment MSB A4 A3 A2 Row address A1 A0 C1 0 C0 1 LSB R/NW 1
Byte Order LB(R) HB(R) LB(R+1) HB(R+1) ---LB(R+n) HB(R+n)
Read High Byte First, Address Decrement MSB A4 A3 A2 Row address Byte Order HB(R) LB(R) HB(R-1) LB(R-1) ---HB(R-n) LB(R-n) HB: high byte; LB: low byte; R: row address A1 A0 C1 1 C0 0 LSB R/NW 1
9
4688B-RFID-12/04
Initialization after a Reset Condition
The EEPROM with the serial interface has reset circuitry on-chip. In systems with microcontrollers that have their own reset circuitry for power-on reset, watchdog reset or brown-out reset, it may be necessary to bring the U3280M into a known state independently of the internal reset. This is performed by reading one byte without acknowledging and then generating a STOP condition. Table 2. Control Byte Description
Control Byte 1100x111b 1101x111b 11xx0111b 11xx1111b xxxxx110b Description Bi-phase modulation Manchester modulation Switch power management off disables switching from battery to field supply Switch power management on enables automatic switching between battery and field supply Reserved
Special Modes
Data Transfer Sequence for Bi-phase and Manchester Modulation START Control byte Ackn Bit 1 Bit 2 Bit 3 ----------Bit n STOP
By using special control bytes, the serial interface can control the modulator stage or the power management. The EEPROM access and the serial interface are disabled in these modes until the next STOP condition. If no START or STOP condition is generated, the SCL and SDA lines can be used for the modulator stage. SCL is used for the modulator clock and SDA is used for the data. In this mode, the same conditions for clock and data changing, as in normal mode, are valid. The SCL and SDA lines can be used for continuous bit transfers, an acknowledge cycle after 8 bits must not be generated.
Note: After a reset of the microcontroller it is not assured that the transponder interface has been reset as well. It could still be in a receive or transmit cycle. To switch the device's serial interface to a known state, the microcontroller should read one byte from the device without acknowledge and then generate a STOP condition.
Power-on Reset, NRST
The U3280M transponder front end starts working with the applied field. For the digital circuits like the EEPROM serial interface and registers there is reset circuitry. A reset is generated by a power-on condition at VDD, by switching back from field to battery supply and if a low signal is applied at the NRST-pin. The NRST-pin is a bi-directional pin and can also be used as a reset output to generate a reset for the microcontroller if the circuit switches over from field to battery supply. This sets the microcontroller in a well-defined state after the uncertain power supply condition during switching.
Antenna
For the transponder interface a coil must be used as an antenna. Air and ferrite cored coils can be used. The achievable working distance (passive mode, not battery assisted) depends on the minimum coupling factor of an application, the power consumption, and the size of the antennas of the IC and the base station. With a power consumption of 150 A, a minimum magnetic coupling factor below 0.5% is within reach. For applications with a higher power consumption, the coupling factor must be increased. The Q-factor of the antenna coil should be in a range between 30 and 80 for read only applications and below 40 for bi-directional read-write applications.
10
U3280M
4688B-RFID-12/04
U3280M
The antenna coil must be connected with a capacitor as a parallel LC resonant circuit to the Coil 1 and Coil 2 pins of the IC. The resonance frequency f0 of the antenna circuit should be in the range of 100 kHz to 150 kHz. The correct LC combination can be calculated with the following formula:
1 L A = ----------------------------------------------2 CA x ( 2 x x f0 )
Figure 7. Antenna Circuit Connection
Coil 1
LA CA
Coil 2
Example: Antenna frequency: f0 = 125 kHz, capacitor: CA = 2.2 nF
1 L A = -------------------------------------------------------------------------- = 737 H 2.2 nF x ( 2 x x 125 kHz ) 2
Absolute Maximum Ratings
Voltages are given relative to VSS
Parameter Supply voltage Maximum current out of VSS pin Maximum current into VBatt pin Input voltage (on any pin) Input/output clamp current (VSS > Vi/Vo > VDD) Min. ESD protection (100 pF through 1.5 k) Operating temperature range Storage temperature range Soldering temperature (t 10 s) Note: Tamb TSTG TSD Symbol VDD, VBatt ISS IBatt VIN IIK/IOK Value 0 V to +7.0 V with reverse protection 15 15 VSS -0.6 VIN VDD +0.6 15 2 -40 to +85 -40 to +125 260 Unit V mA mA V mA kV C C C
Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at any condition beyond those indicated in the operational section of these specification is not implied. Exposure to absolute maximum rating conditions for an extended period may affect device reliability. All inputs and outputs are protected against high electrostatic voltages or electric fields. However, precautions to minimize build-up of electrostatic charges during handling are recommended. Reliability of operation is enhanced if unused inputs are connected to an appropriate logic voltage level (for example, VDD).
Thermal Resistance
Parameter Junction ambient Symbol RthJA Value 180 Unit K/W
11
4688B-RFID-12/04
DC Characteristics
Supply voltage VDD = 1.8 V to 6.5 V, VSS = 0 V, Tamb = -40 C to 85 C unless otherwise specified
Parameters Power Supply Operating voltage at VBatt Operating voltage at VDD during battery supply VDD-limiter voltage during coil supply Operating current during field supply Sleep current EEPROM Operating current during erase/write cycle Operating current during read cycle Power Management Field-on detection voltage Field-off detection voltage Voltage drop at power-supply switch Coil Inputs: Coil 1 and Coil 2 Coil input current Input capacitance Coil voltage stroke during modulation Pin MOD Input LOW voltage Input LOW voltage Input leakage current Pin NGAP/FC Output LOW current Output HIGH current VDD = 2.0 V VOL = 0.2 x VDD VDD = 2.0 V VOH = 0.8 x VDD IOL IOH 0.08 -0.06 0.2 -0.15 0.3 -0.25 mA mA VIL VIH IIleakage VIH 0.8 x VDD 10 0.2 x VDD VDD V V nA VCU > 5V Icoil = 3 to 20 mA ICI CIN VCMS 30 1.8 2.3 4.0 20 mA pF V VDD > 1.8 V VDD > 1.8 V IS = 0.5 mA, VBatt = 2 V VFDon VFDoff VSD 2.3 2.5 0.8 150 2.9 V V mV VDD = 2.0 V VDD = 6.5 V VDD = 2.0 V VDD = 6.5 V Peak current during 1/4 of read cycle IWR IWR IRdp IRdp 400 500 1200 300 350 A A A A VDD > 2.0 V VBatt VDDB VDDC IFi ISl 2.6 2.0 VBatt- VSD 2.9 40 3.2 80 0.4 6.5 V V V A A Test Conditions Pin Symbol Min. Typ. Max. Unit
12
U3280M
4688B-RFID-12/04
U3280M
DC Characteristics (Continued)
Supply voltage VDD = 1.8 V to 6.5 V, VSS = 0 V, Tamb = -40 C to 85 C unless otherwise specified
Parameters Test Conditions Pin Symbol Min. Typ. Max. 0.3 x VDD VDD 10 0.7 IOL 2.8 -0.5 IOH -1.8 -2.2 -2.6 mA 3.5 -0.6 4.2 -0.7 mA mA 0.9 1.1 Unit Serial Interface I/O Pins SCL and SDA Input LOW voltage Input HIGH voltage Input leakage current Output LOW current VDD = 2.0 V VOL = 0.2 VDD VDD = 6.0 V VDD = 2.0 V VOH = 0.8 VDD VDD = 6.0 V VIL VIH IIleakage VIH 0.7 x VDD V V nA mA
Output HIGH current
AC Characteristics
Supply voltage VDD = 1.8 V to 6.5 V, VSS = 0 V, Tamb = -40 C to 85 C unless otherwise specified
Parameters Serial Interface Timing SCL clock frequency Clock low time Clock high time SDA and SCL rise time SDA and SCL fall time START condition setup time START condition hold time Data input setup time Data input hold time STOP condition setup time Bus free time Input filter time Data output hold time Coil Inputs Coil frequency Gap Detection Delay field off to GAP = 0 Delay field on to GAP = 1 Power Management Battery to field switch delay Field to battery switch delay VBatt = 6.5 V tBFS tFBS 5 10 1000 30 s ms VcoilGap < 0.7 VDC VcoilGap > 3 VDC TFGAP0 TFGAP1 10 1 50 50 s s fCOIL 100 125 150 kHz fSCL tLOW tHIGH tR tF tSUSTA tHDSTA tSUDAT tHDDAT tSUSTO tBUF tI tDH 300 4.7 4.0 250 0 4.7 4.7 100 1000 0 4.7 4.0 1000 300 100 kHz s s ns ns s s ns ns s s ns ns Test Conditions Pin Symbol Min. Typ. Max. Unit
13
4688B-RFID-12/04
AC Characteristics (Continued)
Supply voltage VDD = 1.8 V to 6.5 V, VSS = 0 V, Tamb = -40 C to 85 C unless otherwise specified
Parameters EEPROM Endurance Data erase/write cycle time Data retention time Power up to read operation Power up to write operation Reset Power-on reset NRST VDDrise = 0 to 2 V VIl < 0.2 VDD trise tres 1 10 ms s Erase/write cycles For 16-bit access Tamb = 25 C ED tDEW tDR tPUR tPUw 10 0.2 0.2 500000 9 12 Cycles ms years ms ms Test Conditions Pin Symbol Min. Typ. Max. Unit
Figure 8. Typical Reset Delay After Switching VDD On
600
500 VDD
tRESDEL (s)
NRST 400 tRESDEL 300
200
100
0 1.0 2.0 3.0 4.0 5.0 6.0
VDD (V)
Figure 9. Typical Reset Delay After Switching VDD On
5.5
5.0
5 ms VDD NRST
4.5
tRESDEL (ms)
tRESDEL
4.0
3.5
3.0
2.5 1.0 2.0 3.0 4.0 5.0 6.0
VDD (V)
14
U3280M
4688B-RFID-12/04
U3280M
Figure 10. VDD Rise Time to Ensure Power-on Reset
6
5
4
VDD (V)
3
2
1
Not allowed
0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0
t rise (ms)
15
4688B-RFID-12/04
Ordering Information
Extended Type Number U3280M-NFB U3280M-NFBG3 Package SSO16 SSO16 Remarks Tube Taped and reeled
Package Information
16
U3280M
4688B-RFID-12/04
U3280M
Revision History
Changes from Rev. 4688A-RFID-03/03 to Rev. 4688B-RFID-12/04
Please note that the following page numbers referred to in this section refer to the specific revision mentioned, not to this document. 1. Page 10: Data Transfer Sequence: Text changed 2. Page 13: Antanna: Text changed 3. Page 16: Ordering Information table changed 4.
17
4688B-RFID-12/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2004. All rights reserved. Atmel(R), logo and combinations thereof, and others, are registered trademarks, and Everywhere You Are SM and others are trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
4688B-RFID-12/04


▲Up To Search▲   

 
Price & Availability of U3280M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X