Part Number Hot Search : 
AD883B SZ526 TDA1013B 30N10 P4KE350A BYV26BZ PA1220 74FCT
Product Description
Full Text Search
 

To Download TX10005JASLPLNH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
1000 WATT AC/DC POWER SUPPLY
TX1000
DESCRIPTION
The TX1000 Series of single-output, 1kW power supplies are fully featured for usage worldwide. With active Power Factor Correction (PFC) to EN61000-32, wide-range input of 90-264VAC, EMI compliance to FCC and CISPR 22, "CE" Mark, and immunity to EN61000-4, the TX1000 series is ready for global deployment. Standard features include remote sense compensation, output voltage adjustment, active current sharing, remote inhibit, power fail warning, DC OK signal, and thermal shutdown. A complete array of output voltages from 2.5 to 48VDC is available. The self-cooled 5" x 4.88" x 12" chassis provides industrystandard modularity that permits optimum flexibility in installation. An optional ORing diode is offered on all models greater than 5VDC models.
FEATURES
Harmonic Correction to EN61000-3-2 Wide Range Input of 90-264VAC FCC / CISPR 22 Class A EMI Filtering Typical Power Factor of 0.99 Active Current Sharing Self-Cooled 5"x 4.88"x 12" Chassis 70-80% Efficiency Optional ORing Diode UL, CSA, and VDE compliant CE Marked EN61000-4 Immunity
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.770.9369 Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141 Page 1
TX1000 2/2000 REV C
Input Specifications
Parameters
Operating Range Input Current Inrush Current Efficiency Holdup Power Factor
(1)
Conditions
47-63Hz Nominal line, full load 120VAC, 25 0C, cold start 240VAC, 25 C, cold start Nominal line, full load Full load Full load
0
Min
90
Typ
Max
264 12 80 160
Units
VAC A Apk Apk % msec
70 20
75 0.99
80
Notes: (1) Harmonic currents meet EN61000-3-2
Output Voltages and Maximum Rated Loads
Model
TX10005AASLPLNH TX10005BASLPLNH
(1)
Output Voltage
5.0 12.0 15.0 18.0 24.0 28.0 36.0 48.0 20.0
(1)
Output Current
200A 84A 67A 56A 42A 36A 28A 21A 50A 182A 200A
TX10005CASLPLNH(1) TX10005DASLPLNH TX10005FASLPLNH
(1)
TX10005EASLPLNH(1)
(1)
TX10005GASLPLNH(1) TX10005HASLPLNH
(1)
TX10005JASLPLNH(1) TXD10005KASLPLNH TXD10005LASLPLNH(1)
3.3 2.5
Notes: (1) Model specified without optional ORing diode; to specify the diode option, replace the letter "N" with the letter "D", no O-Ring diode on 5V models.
Output Specifications
Parameter
Output Power Voltage Adjustment Range Output Regulation Minimum Load PARD Temperature Coefficient Measured at output terminals, 20MHz 00 to 500C +0.2
Conditions
All environmental and line conditions Relative to nominal output voltage Line and load (each)
Min
Typ
+5
Max
1000 +0.2
Units
Watts % % Amps % pk-pk %/0C
0 1
Environmental Specifications
Parameter
Ambient Temperature (Operating) Ambient Temperature Altitude (Operating) Altitude (Non-operating) Shock Vibration Cooling
Conditions
Output de-rated linearly to 50% of rated capacity between 500C and 700C Non-operating
Min
0 -50 -200 -200
Typ
Max
+70 +85 +10,000 +50,000
Units
0 0
C C
Feet Feet
Per MIL-STD-810D, Method 516.3, Procedure II, in each axis, including NTSA drop test Per MIL-STD-810D, Method 514.3, Procedure II, in each axis, including NTSA drop test The TX1000 is provided with an internal cooling fan.
Page 2
TX1000 2/2000 REV C
Product Features
Features
Remote Sense Active Current Sharing ORing Diode OVP Thermal Shutdown DC OK Signal Power Fail Warning Signal Remote Inhibit
Characteristic
500mV compensation Single Wire; 5% tolerance if outputs are over 25% of rated load Optional on all models (not available on 5V model) 125% of nominal (+7.5%) Automatic Restart Logic "1" when output is within +3% of nominal Transition to Logic "0" at least 5msec before loss of output regulation Logic "0" applied will inhibit output (referenced to -Sense terminal)
Product Compliances
Approval
UL and cUL VDE FCC CISPR 22 EN61000-4-2 EN61000-4-4 EN61000-4-5 EN61000-3-2 CE Mark
rd
Characteristic
UL1950, 3rd Edition EN60950 Class A requirements for conducted emissions Class A requirements for conducted emissions Electrostatic Discharge, Level 4 Electrical Fast Transients, Level 3 Input Surge Immunity, Level 3 Harmonic Currents, Class A Low Voltage Directive
(1)
Notes: (1) UL1950, 3 Edition incorporates the requirements of CSA 1950.
Ordering Information
Model Designation
BASE MODEL Chassis: "5" = 5" x 4.88" x 12"; "M" = modified Output Voltage: See Chart below Input Filter: "A" designates Class A EMI filter Fan: "S" designates Standard Fan Remote Inhibit: "L" designates that Logic "0" applied inhibits output "P" designates Active Input Power Factor Correction with widerange input voltage of 90-264 VAC Power Fail Warning: "L" designates transition to Logic "0" upon loss of AC Output ORing diode: "N" = None; "D" = Diode Option DC OK: "H" designates that Logic "1" indicates a DC OK condition OUTPUT VOLTAGES A = 5V B = 12V C = 15V D = 18V E = 24V F = 28V
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications.
TX1000
G = 36V H = 48V J = 20V K = 3.3V L = 2.5V
TX1000 2/2000 REV C
Page 3
J1
10
2
J1 Pin No. 91 2 3 14 5
Remote Inhibit DC OK N/C N/C Power Fail
Function
.19 MAX
12.00
.60
5.00 1/4 - 20 UNC-2A HEX HEAD SCREW 2 PLACES
AIR FLOW
4.88 +.000 -.170
.315 TYP
1.00
1.85
1.60
1.95 3.45
TB1 6-32 UNF-2A PHILSLOT TORQUE TO 9 INCH/LBS MAX. 3 PLACES
V ADJ
3.000
J1 CONNECTOR
AMP NO. 87579-2 OR EQUIVALENT
J1
1.00 PIN 1 1.22 8-32UNC-2B .25 MAX. SCREW PENETRATION 4 PLACES 6.375
PIN NO. 1 2 3 4 5 6 7 8 9 10
FUNCTION REMOTE INHIBIT DC OK N/C N/C POWER FAIL CURRENT SHARE + SENSE N/C _ SENSE N/C
Page 4
TX1000 2/2000 REV C
Pin Function No. 10 N/C 9 - Sense 8 N/C 7 + Sense 6 Current Share
MECHANICAL


▲Up To Search▲   

 
Price & Availability of TX10005JASLPLNH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X