Part Number Hot Search : 
IRU431L M1FS6 CMZ5342 3V10X 500ET SW610 M51981ML SC461
Product Description
Full Text Search
 

To Download TVU100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVU100
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVU100 is Designed for
PACKAGE STYLE .450 BAL FLG(A)
.060x45 B A C D FULL R .100x45
E P F
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
DIM
G H K J M L MINIMUM
inches / mm
N
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC
O
A B C D E F G .838 / 21.28 1.095 / 27.81 .525 / 13.34 .002 / 0.05 .055 / 1.40 .080 . 2.03 .445 / 11.30 H J K L M N P .455 / 11.56 .120 / 3.05 .120 / 3.05
.055 / 1.40 .130 / 3.30 .785 / 19.94 .465 / 11.81 .130 / 3.30 .230 / 5.84 .850 / 21.59 1.105 / 28.07 .535 / 13.59 .005 / 0.15 .065 / 1.65 .095 / 2.41 .195 / 4.95 .455 / 11.56
10 A 60 V 35 V 140 W @TC = 25 C -65 C to +200 C -65 OC to +150 OC 1.0 OC/W
O O
ORDER CODE: ASI10651
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE PGE IC = 50 mA IC = 50 mA IE = 10 mA VE = 28 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5
UNITS
V V V mA --dB
VCE = 5.0 V
IC = 1.0 A f = 860 MHz
10 8.5
100
VCE = 25 V ICQ = 2 X 100 mA POUT = 100 W
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of TVU100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X