Part Number Hot Search : 
GS25U48 ORE9901 59008 0P100 2SD96 OPI2154 BU4530AL 3862PYG
Product Description
Full Text Search
 

To Download TUD4010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TUD-4010 Hiigh Performance Bllade Server TUD-4010 H gh Performance B ade Server
((prelliimiinary Spec -- Tattung Conffiidenttiiall)) pre m nary Spec Ta ung Con den a
The hiigh perrfforrmance bllade serrverr fforr entterrprriise,, datta centterr and HPC applliicattiions The h gh pe o mance b ade se ve o en e p se da a cen e and HPC app ca ons TUD--4010 Systtem Hiighlliightts TUD 4010 Sys em H gh gh s
*
Accommodates up to 10 independent server blades in a 4U chassis with integrated switch blades and management blades; delivering up to 100 high performance dual CPU server blade per rack Modular design helps to reduce the total cost of ownership. Breakthrough levels of manageability delivered by Amphus' ManageSite solution Reduce weight up to 2.6 times per server Ideal for front-end data center applications, application servers, server farms, grid computing and compute cluster applications Dual Gigabit Ethernet-Switch Blades enable ! 10:1 Ethernet cable consolidation; eliminating the cable management problem for IT administrators ! Separation of front-end client traffic from backend storage traffic
* * * * *
THE TUD-4010 DEFINES THE SUPERLATIVE, NEXT-GENERATION, HIGH PERFORMANCE BLADE SERVER PLATFORM. Tatung proudly announces our new Blade server, TUD-4010, to meet the challenging requirements of data center market. The TUD-4010 has been designed to deliver the high CPU density, high performance, low power consumption, and high manageability products for data center and enterprise customers. High Performance and density TUD-4010 integrates 10 server blades in a 4U chassis, delivering the computing power of 200 Xeon processors in a standard 42U height rack up to 2.4 times what is currently achievable with the "thinnest" 1U servers today. Effective density is even higher since the TUD-4010 also integrates dual Gigabit Ethernet switches and dual Management blades, each of which would normally consume an additional 1U of rack space. Low Power Consumption and high performance Based on Intel's LV Xeon 2.4GHz processors, each TUD4010 server blade consumes low power but with the high performance of a Xeon processor. This power efficiency not only yields a direct savings in power costs for the data center, but also reduces air conditioning costs by a similar factor and minimizes UPS or backup generator provisioning. Highest ManageabilityTUD-4010-based blade servers deliver unmatched levels of manageability, through the use of Amphus' ManageSite product. Consisting of the Management blade (that "plugs-in" to the server chassis just like a server blade) and network-based management software, ManageSite delivers integrated ! Deployment management ! Platform Management ManageSite will enable data centers to: (a) reduce capital expenditure on servers; (b) minimize recurring power costs; and (c) increase server uptime and availability.
* * * * * * *
3+1 maximum 1800Watts redundant Power Supplies; designed for peak power consumption Dual high performance fan modules with dual fans each All blades, power supplies and fan modules are hotswappable Inherent Scalability and Serviceability by virtue of modular bladed design and hot-swappability High Availability built inmultiple server blades, dual switch blades, management blades, power supplies and fan modules, means no single point of failure Support Linux and Windows 2000 and Windows server 2003 Lowest TCO high performance platform for data centers and high performance computing
TUD-4010 Hiigh Performance Bllade Server TUD-4010 H gh Performance B ade Server
TUD--4010 Speciiffiicattiions TUD 4010 Spec ca ons
Chassis Overall
*
Accommodates hot-pluggable slots:
! ! ! ! ! 10 Server Blades at the front 2 Switch Blades at the rear 2 Management Blades at the rear 3+1 redundant power supplies at the rear
TUD-4010 Rear View
Switch Blades Specification * IEEE Layer 2 Ethernet switch
* * * * * * * * * * * * * * * * * * *
2 (1+1) high performance fan modules at the rear
* * * *
Supports VLAN, trunking and mirroring The VLAN and trunking configuration can be done through a local serial port or remote management software (ManageSite) Delivers 10:1 Ethernet cable consolidation for TUD-4010 based servers, eliminating the cable management problem for data centers 1Gbs ports support:
! ! ! ! 3 RJ45 external uplink ports 10 Ser/Des to Server Blades 2 Ser/Des to Management Blades 1 Ser/Des to the other switch blades
Passive mid-plane supports dual gigabit LAN and dual AMPC management (3+1) Power Supply maximum output: 1800W+600W
! ! Auto-sensing 110-240V AC 600W maximum rate power per power supply
Rack mountable 4U chassis: 6.88"(H) x 16.7"(W) x 27.5"(D) Weight: 128lbs (Full load); 80lbs (Base unit)
Server Blade Specification (SB4010Xe)
CPU: High performance and low power consumption Intel LV Xeon processor running at 2.4GHz Memory: Supports up to 8GB of ECC registered DDR266 memory (Four DIMM slots) Intel chipset: E7501 One low-profile PCI-X Slot Accommodates single IDE, 2.5" hard disk drive Dual 1Gbs Ethernet NICsConnect to 2 switch blades Integrated MCOP (Management CO-Processor): Custom chip facilitating server blade management by ManageSite Video controller with VGA and SVGA resolutions Integrated KVM (USB Keyboard, Video, USB mouse) connector at frontenables attended installation of OS and applications Supports external USB CDROM , flash memory and FDD Activity indicator LEDsfor CPU, primary and secondary networks, and HDD Dimensions: 6.5"(H) x 1.65"(W) x 15.6"(D)
* * * * *
Supports half-duplex and full-duplex communication Auto-negotiation for speed, flow and duplex control for 1Gbs ports Supports IEEE 802.1 and IEEE 802.3x flow control Up to 2 redundant, hot-swap switch blades Same switch blade with TUD-3114
Management Blades
* * * * * * * * * *
High performance embedded processor / IO processors for hardware and routing control Internal AMPC serial channel (star network) communication controller to monitor voltage, temperature, speed of each blade and module. It has the capability to cycle power, shut down and reset any module. Two internal Ethernet ports to provide redundant communication to internal and external networks. One external Ethernet for remote out of band control Automatic switch over for high availability Redirect serial console of any server blade over Ethernet for remote terminal server function One DB9 serial port for software installation Supports Wake on LAN Up to 2 redundant, hot-swap Supported by ManageSiteTM Software Same management blade with TUD-3114
Software
OS support: WindowsTM 2000, Windows Server 2003 and Linux. Rapid deployment support: Windows(R) 2000, Windows Server 2003 and Linux RedhatTM9.0, AS2.1 and AS3.0 PXE-enabled BIOSfacilitates network-based OS and application installation Server Management Agent (SMA): Optional software component works in conjunction with MCOP chip to facilitate server blade management by ManageSiteTM
TUD-4010 Hiigh Performance Bllade Server TUD-4010 H gh Performance B ade Server
Applliicattiion off Bllade Serrverr App ca on o B ade Se ve
" Enterprise Computing " High Performance Computing -Bio-informatics and Computational Biology Solutions
-Computational Search Solutions -Modeling and Simulation Solution
(B) Terminal Server Farm Storage
" Utility Computing - Computing on Demand " Grid Computing " Game Server " Terminal Server Farm " Distributed Database Server " Stream Media Application -Video On Demand, Music On Demand " Internet Server Application -Security, Virus, SPAM, Content Filtering Gateway " Application and Database Server
-ERP, SCM, BI, ECAD, MCAD, GIS
Any device, any place, any connection, any information on client The Blade Server can run multiple applications simultaneously
(C) Server and Storage
Office A Office B Office C Office D Office E
" Front End Server -Web Server, Mail Server, Ftp Server, etc.
Ser !Integrated monitoring for a single point ver management across all IT systems /St !Server site consolidation reduces the number ora of locations ge
!Storage consolidation reduces application software license fees !Single point of management and data backup
Application Examples
The following are a few examples which can illustrate the advantages of using blade servers to save space, power, weight and remote management to have a significant saving in the total cost of ownership (TCO) for corporations and data centers.
(A) Cluster Computing Example
1000 node virtual mesh cluster
Cluster Module 1 Cluster Module n Cluster Control Module
Serve Storag Blade S
NAS/SAN /iSCSIIB /
(D ) G r id C o n fig u r a tio n fo r G a m e S e rv e rs
SB SB SB SB SB SB SB SB SB SB SB SB SB SB SB SB
D ata b a se S e rv er
Image Distribution & Monitor
G a tew a y S er v er
a n d F irew a ll
SB SB SB SB SB
Cluster Mesh Management Backbone Aggregator
10 Giga Switch 10 Giga Switch
Dual 2 x 10Gigabit Each cluster module is a rack mount cabinet consisting of 10 TUD-4010 with 100 nodes (200 CPU) or 14 TUD-3114 with 196 nodes The ManageSite can assist the overall server management for the cluster control module
G a m e se rv e r re sp o n se to ru n g a m e w ith in G rid . W h e n a g a m e se rv e r is o v e r u tiliz e d o r o u t o f fu n c tio n , T h e g a m e m a n a g e m e n t s o ftw a re a b le to sw itc h th e g a m e to n e w se rv e r.
Tatung Science and Technology, Inc. (TSTI)
436 Kato Terrace, Fremont, CA. 94539, USA Tel: 510-687-9688; 1-800-659-5902 Fax: 510-687-9588 Email: mkt@tsti.com http:// www.tsti.com
* Features and specifications include standard and optional items and are subject to change without notice. * All other products or service names mentioned herein are trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TUD4010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X