Part Number Hot Search : 
PS110 54LS367 G8200 GS4982 MC314 MC314 ILD213 00101
Product Description
Full Text Search
 

To Download TSM9926DCX6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM9926D
20V Dual N-Channel Enhancement Mode MOSFET
Pin assignment: 1. Gate 1 2. Drain 3. Gate 2 4. Source 2 5. Drain 6. Source 1
VDS = 20V RDS (on), Vgs @ 4.5V, Ids @ 6A =30m RDS (on), Vgs @ 2.5V, Ids @ 5.2A =40m
Features
Advanced trench process technology High density cell design for ultra low on-resistance Excellent thermal and electrical capabilities Surface mount Fast switching
Block Diagram
Ordering Information
Part No. TSM9926DCX6 Packing Tape & Reel Package SOT-26
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @4.5V. Pulsed Drain Current, VGS @4.5V Maximum Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Ta = 25 C Ta = 25 oC (Peak)
o
Symbol
VDS VGS ID IDM PD TJ TJ, TSTG
Limit
20 12 6 30 1.25 2 +150 - 55 to +150
Unit
V V A A W W
o o
C C
Thermal Performance
Parameter
Junction to Ambient Thermal Resistance (PCB mounted) Note: Surface mounted on FR4 board t<=5sec.
Symbol
Rja
Limit
100
Unit
o
C/W
TSM9926D
1-3
2003/12 rev. B
Electrical Characteristics (per channel)
Ta = 25 oC unless otherwise noted
Parameter Static
Drain-Source Breakdown Voltage Drain-Source On-State Resistance Drain-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Gate Body Leakage Forward Transconductance
Conditions
VGS = 0V, ID = 250uA VGS = 4.5V, ID = 6A VGS = 2.5V, ID = 5.2A VDS = VGS, ID = 250uA VDS = 20V, VGS = 0V VGS = 12V, VDS = 0V VDS = 10V, ID = 6A
Symbol
BVDSS RDS(ON) RDS(ON) VGS(TH) IDSS IGSS gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss IS
Min
20 --0.6 --7 -------------
Typ
-21 30 ---13 7.1 1.96 2.94 4.9 2.6 15.7 14 620 124 95 ---
Max
-30
Unit
V
m 40 -1.0 100 -----------1.7 1.2 A V pF nS nC V uA nA S
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Max. Diode Forward Current Diode Forward Voltage IS = 1.7A, VGS = 0V VSD VDS = 10V, ID = 6A, VGS = 4.5V VDD = 10V, RL = 10, ID = 1A, VGEN = 4.5V, RG = 6 VDS = 10V, VGS = 0V, f = 1.0MHz
Note : pulse test: pulse width <=300uS, duty cycle <=2%
TSM9926D
2-3
2003/12 rev. B
SOT-26 Mechanical Drawing
DIM A B C D E F H L
SOT-26 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.70 3.00 0.106 0.118 0.25 0.50 0.010 0.020 1.90(typ) 0.075(typ) 0.95(typ) 0.037(typ) 1.50 1.70 0.059 0.067 1.05 1.35 0.041 0.053 2.60 3.00 0.102 0.118 0.60(typ) 0.024(typ)
TSM9926D
3-3
2003/12 rev. B


▲Up To Search▲   

 
Price & Availability of TSM9926DCX6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X