Part Number Hot Search : 
AM27S07 H53326 AD7660 IMX25 SM200 TA0230A BA6906F1 42042
Product Description
Full Text Search
 

To Download TSM3460CX6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM3460
20V N-Channel MOSFET w/ESD Protected
Pin assignment: 1. Drain 6. Drain 2. Drain 5, Drain 3. Gate 4. Source
VDS = 20V RDS (on), Vgs @ 4.5V, Ids @ 6A =22m (typ.) RDS (on), Vgs @ 2.5V, Ids @ 5A =30m (typ.)
Features
Advanced trench process technology High density cell design for ultra low on-resistance Excellent thermal and electrical capabilities Specially designed for Li-ion battery packs. Battery switch application
Block Diagram
Ordering Information
Part No. TSM3460CX6 Packing Tape & Reel 3,000/per reel Package SOT-26
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @4.5V. Ta = 25 C Ta = 70 oC Pulsed Drain Current, VGS @4.5V Diode Forward Current Maximum Power Dissipation Ta = 25 oC Ta = 70 oC Operating Junction and Storage Temperature Range TJ, TSTG
o
Symbol
VDS VGS ID ID IDM Is PD
Limit
20V 12 6 5 30 1.5 1.3 0.96 - 55 to +150
Unit
V V A A A A W
o
C
Thermal Performance
Parameter
Junction to Foot (Drain) Thermal Resistance Junction to Ambient Thermal Resistance (PCB mounted) Note: Surface mounted on FR4 board t<=300uS, Duty < 2%.
Symbol
Rjf Rja
Limit
35 120
Unit
o o
C/W C/W
TSM3460
1-1
2003/12 rev. F
Electrical Characteristics
Tj = 25 oC unless otherwise noted
Parameter Static
Drain-Source Breakdown Voltage Drain-Source On-State Resistance Drain-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Gate Body Leakage On-State Drain Current Forward Transconductance
Conditions
VGS = 0V, ID = 250uA VGS = 4.5V, ID = 6A VGS = 4.5V, ID = 6A VGS = 2.5V, ID = 5A VDS = VGS, ID = 250uA VDS = 12V, VGS = 0V VDS = 12V, VGS = 0V, Tj = 60 C VGS = 12V, VDS = 0V VGS = 4.5V, VDS >= 5V VDS = 10V, ID = 6A VDS = 10V, ID = 6A, VGS = 4.5V VDD = 10V, RL = 10, ID = 1A, VGEN = 4.5V, RG = 6 VDS = 10V, VGS = 0V, f = 1.0MHz
o
Symbol
Min
20 ---0.5 ---30 --------------
Typ
-22 40 30 0.85 ----30 15.5 2 3.5 75 125 600 300 1336 220 130 -0.6
Max
-30 50 40 -1.0 25 100 --30 --100 150 720 360 ---1.5 1.2
Unit
V m m V uA nA A S
BVDSS 25 oC 60 oC RDS(ON) RDS(ON) RDS(ON) VGS(TH) IDSS IGSS ID(ON) gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss IS
Dynamic *
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Max. Diode Forward Current Diode Forward Voltage IS = 1.5A, VGS = 0V A V VSD nC
nS
pF
Note : * for design only, not subject to production tested. pulse test: pulse width <=300uS, duty cycle <=2%
TSM3460
2-2
2003/12 rev. F
Typical Characteristics Curve (Ta = 25 oC unless otherwise noted)
TSM3460
3-3
2003/12 rev. F
Electrical Characteristics Curve (continued)
TSM3460
4-4
2003/12 rev. F
SOT-26 Mechanical Drawing
DIM A B C D E F H L
SOT-26 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.70 3.00 0.106 0.118 0.25 0.50 0.010 0.020 1.90(typ) 0.075(typ) 0.95(typ) 0.037(typ) 1.50 1.70 0.059 0.067 1.05 1.35 0.041 0.053 2.60 3.00 0.102 0.118 0.60(typ) 0.024(typ)
TSM3460
5-5
2003/12 rev. F


▲Up To Search▲   

 
Price & Availability of TSM3460CX6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X