Part Number Hot Search : 
PHM022 HD14051 MC145 HD74LS12 MPL027 6KE30A LT1720 HD14051
Product Description
Full Text Search
 

To Download TSM3400CX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM3400
30V N-Channel Enhancement Mode MOSFET
Pin assignment: 1. Gate 2. Source 3. Drain
VDS = 30V RDS (on), Vgs @ 4.5V, Ids @ 2A =70m RDS (on), Vgs @ 10V, Ids @ 3.5A =50m
Features
Rugged and reliable High density cell design for ultra low on-resistance Excellent thermal and electrical capabilities Compact and low profile SOT-23 package
Block Diagram
Ordering Information
Part No. TSM3400CX Packing Tape & Reel Package SOT-23
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Maximum Power Dissipation Ta = 25 C Ta = 75 oC Operating Junction Temperature Operating Junction and Storage Temperature Range
o
Symbol
VDS VGS ID IDM PD TJ TJ, TSTG
Limit
30V 20 3.5 13 1.25 0.8 +150 - 55 to +150
Unit
V V A A W
o o
C C
Thermal Performance
Parameter
Lead Temperature (1/8" from case) Junction to Ambient Thermal Resistance (PCB mounted) Note: Surface mounted on FR4 board t<=5sec.
Symbol
TL Rja
Limit
5 100
Unit
S
o
C/W
TSM3400
1-5
2005/05 rev. A
Electrical Characteristics
Ta = 25 oC, unless otherwise noted
Parameter Static
Drain-Source Breakdown Voltage Drain-Source On-State Resistance Drain-Source On-State Resistance Gate Threshold Voltage Zero Gate Voltage Drain Current Gate Body Leakage On-State Drain Current Forward Transconductance
Conditions
Symbol
Min
Typ
Max
Unit
VGS = 0V, ID = - 250uA VGS = 10V, ID = 3.5A VGS = 4.5V, ID = 2A VDS = VGS, ID = - 250uA VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V VDS =5V, VGS = 10V VDS = 5V, ID = 3.5A
BVDSS RDS(ON) RDS(ON) VGS(TH) IDSS IGSS ID(ON) gfs
30 --1 --10 --
-40 55 1.7 ---6
-50 70 2.5 1.0 100 ---
V m V uA nA A S
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Diode Forward Voltage IS = - 1.6A, VGS = 0V VSD -- 0.8 - 1.2 V VDS = 10V, VGS = 0V, f = 1.0MHz VDD = 10V, RL = 10, ID = 1A, VGEN = 10V, RG = 6 VDS =10V, ID = 3.5A, VGS = 4.5V Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss ----------6.8 3.1 1.95 14.2 4.8 19.6 9.3 600 125 95 ----------pF nS nC
Note : pulse test: pulse width <=300uS, duty cycle <=2%
TSM3400
2-5
2005/05 rev. A
Typical Characteristics Curve (Ta = 25 oC unless otherwise noted)
TSM3400
3-5
2005/05 rev. A
Typical Characteristics Curve (Ta = 25 oC unless otherwise noted)
TSM3400
4-5
2005/05 rev. A
SOT-23 Mechanical Drawing
A B
F
DIM A B C D E SOT-23 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.88 2.91 0.113 0.115 0.39 0.42 0.015 0.017 1.78 2.03 0.070 0.080 0.51 0.61 0.020 0.024 1.59 1.66 0.063 0.065 1.04 0.07 1.08 0.09 0.041 0.003 0.043 0.004
E
G
F G
D
C
TSM3400
5-5
2005/05 rev. A


▲Up To Search▲   

 
Price & Availability of TSM3400CX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X