Part Number Hot Search : 
100MH 6TRPB 222AT KT315G DF04M BUT11APX BCM542 AA8360
Product Description
Full Text Search
 

To Download TSD882CK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSD882
Low Vce(sat) NPN Transistor
TO-126
Pin assignment:
TO-126
1. Emitter 2. Collector 3. Base
BVCEO = 50V Ic = 3A VCE (SAT), = 0.25V(typ.) @Ic / Ib = 2A / 0.2A
Features
Low VCE (SAT). Excellent DC current gain characteristics
Ordering Information
Part No. TSD882CK Packing Bulk Pack Package TO-126
Structure
Epitaxial planar type. Complementary to TSB772
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw = 2mS DC Pulse TO-126 PD TJ TSTG
Symbol
VCBO VCEO VEBO IC
Limit
50V 50V 5 3 7 (note 1) 1.0 +150 - 55 to +150
Unit
V V V A W
o o
C C
Electrical Characteristics
Ta = 25 oC unless otherwise noted
Parameter Static
Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Transition Frequency Output Capacitance
Conditions
IC = 50uA, IE = 0 IC = 1mA, IB = 0 IE = 50uA, IC = 0 VCB = 40V, IE = 0 VEB = 4V, IC = 0 IC / IB = 2.0A / 0.2A VCE = 2V, IC = 1A VCE = 5V, IC = 100mA, f = 100MHz VCB = 10V, f=1MHz
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT) hFE fT Cob
Min
50 50 6 ---160 --
Typ
-----0.25 -90 45
Max
---1 1 0.5 500 ---
Unit
V V V uA uA V MHz pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
TSD882
1-1
2003/12 rev. B
Electrical Characteristics Curve
TSD882
2-2
2003/12 rev. B
TO-126 Mechanical Drawing
A I B C
DIM A B C D E F G H I TO-126 DIMENSION MILLIMETERS INCHES MIN MAX 8.00 (typ) 4.20 (typ) 10.58 11.00 2.00 (typ) 12.00(typ) 2.50(typ) 0.74 0.78 0.8 (typ) 2.56 3.00 0.38 0.50 1.1 (typ) MIN MAX 0.315(typ) 0.165 (typ) 0.417 0.433 0.079 (typ) 0.472(typ) 0.098 (typ) 0.029 0.031 0.031(typ) 0.101 0.118 0.015 0.020 0.043 (typ)
H
D
1mm
E
G
F
J K
J K
TSD882
3-3
2003/12 rev. B


▲Up To Search▲   

 
Price & Availability of TSD882CK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X