Part Number Hot Search : 
2N5905 TA8880CN 40008 HS9148 W064T SM2Z150 AR3510 1N4749A
Product Description
Full Text Search
 

To Download TSC695F-25SASB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Integer Unit Based on SPARC V7 High-performance RISC Architecture * Optimized Integrated 32/64-bit Floating-point Unit * On-chip Peripherals
- EDAC and Parity Generator and Checker - Memory Interface Chip Select Generator Waitstate Generation Memory Protection - DMA Arbiter - Timers General Purpose Timer (GPT) Real-time Clock Timer (RTCT) Watchdog Timer (WDT) - Interrupt Controller with 5 External Inputs - General Purpose Interface (GPI) - Dual UART Speed Optimized Code RAM Interface 8- or 40-bit boot-PROM (Flash) Interface IEEE 1149.1 Test Access Port (TAP) for Debugging and Test Purposes Fully Static Design Performance: 12 MIPs/3 MFlops (Double Precision) at SYSCLK = 15 MHz Core Consumption: 1.0W Typ. at 20 MIPs/0.7W typ. at 10 MIPs Operating Range: 4.5V to 5.5V(1) -55C to +125C Total Dose Radiation Capability (Parametric and Functional): 300 KRADs (Si) SEU Event Rate Better than 3 E-8 Error/Component/Day (Worst Case) Latch-up Immunity Better than (LET) 100 MeV-cm2/mg Quality Grades: ESA SCC, QML Q or V Package: 256 MQFPF; Bare Die 1. For 3.3V capability see the TSC695FL datasheet on the Atmel site.
* * * * * * * * * * *
Rad-Hard 32-bit SPARC Embedded Processor TSC695F
Note:
Description
The TSC695F (ERC32 Single-Chip) is a highly integrated, high-performance 32-bit RISC embedded processor implementing the SPARC architecture V7 specification. It has been developed with the support of the ESA (European Space Agency), and offers a full development environment for embedded space applications. The processor is manufactured using the Atmel 0.5 m radiation tolerant ( 300 KRADs (Si)) CMOS enhanced process (RTP). It has been specially designed for space, as it has on-chip concurrent transient and permanent error detection. The TSC695F includes an on-chip Integer Unit (IU), a Floating Point Unit (FPU), a Memory Controller and a DMA arbiter. For real-time applications, the TSC695F offers a high security watchdog, two timers, an interrupt controller, parallel and serial interfaces. Fault tolerance is supported using parity on internal/external buses and an EDAC on the external data bus. The design is highly testable with the support of an On-Chip Debugger (OCD), and a boundary scan through JTAG interface.
Rev. 4118H-AERO-06/03
Block Diagram
Figure 1. TSC695F Block Diagram
TAP 32-bit Integer Unit DMA Arbiter Access Controller Wait State Controller Address Interface EDAC General Purpose Interface UART B UART A Interrupt Controller Parity Gen./Check. DMA Ctrl
Clock & Parity Reset Managt Gen./Chk.
32/64-bit Floating-Point Unit Parity Gen./Chk.
Mem Ctrl Ready/Busy Add.+Size+ASI
Error Managt
General Purpose Timer
Real Time Clock Timer
Watch Dog
Data+Check bits Parities
GPI bits
RxD, TxD
Interrupts
Pin Descriptions
Table 1. Pin Descriptions
Signal RA[31:0] RAPAR RASI[3:0] RSIZE[1:0] RASPAR CPAR D[31:0] CB[6:0] DPAR RLDSTO ALE DXFER LOCK RD WE WRT MHOLD MDS MEXC PROM8 BA[1:0] ROMCS ROMWRT MEMCS[9:0] MEMWR Type I/O, I/O I/O I/O I/O I/O I/O I/O I/O I/O O I/O I/O I/O I/O I/O O O O I O O I O O
For pin assignment, refer to package section.
Active
Description 32-bit registered address bus Output buffer: 400 pF MHOLD+FHOLD +BHOLD+FCCV Output buffer: 400 pF Output buffer: 400 pF
High
Registered address bus parity 4-bit registered address space identifier 2-bit registered bus transaction size
High High
Registered ASI and SIZE parity Control bus parity 32-bit data bus 7-bit check-bit bus
High High Low High High High Low High Low Low Low Low Low Low Low Low
Data bus parity Registered atomic load-store Address latch enable Data transfer Bus lock Read access Write enable Advanced write Memory bus hold Memory data strobe Memory exception Select 8-bit wide PROM Latched address used for 8-bit wide boot PROM PROM chip select ROM write enable Memory chip select Memory write strobe
2
TSC695F
4118H-AERO-06/03
TSC695F
Table 1. Pin Descriptions (Continued)
Signal OE BUFFEN DDIR DDIR IOSEL[3:0] IOWR EXMCS BUSRDY BUSERR DMAREQ DMAGNT DMAAS DRDY IUERR CPUHALT SYSERR SYSHALT SYSAV NOPAR INULL INST FLUSH DIA RTC RxA/RxB TxA/TxB GPI[7:0] GPIINT EXTINT[4:0] EXTINTACK IWDE EWDINT WDCLK CLK2 SYSCLK RESET SYSRESET TMODE[1:0] DEBUG TCK TRST TMS TDI TDO VCCI/VSSI VCCO/VSSO Type O O O O O O O I I I O I O O O O I O I O O O O O I O I/O O I O I I I I O O I I I I I I I O Low High Low Low High High High High Active Low Low High Low Low Low Low Low Low Low Low High Low Low Low Low Low High Low High High High High High Description Memory output enable Data buffer enable Data buffer direction Data buffer direction I/O chip select I/O and exchange memory write strobe Exchange memory chip select Bus ready Bus error DMA request DMA grant DMA address strobe Data ready during DMA access IU error Processor (IU & FPU) halt and freeze System error System halt System availability No parity Integer unit nullify cycle Instruction fetch FPU instruction flush Delay instruction annulled Real Time Clock Counter output Receive data UART 'A' and 'B' Transmit data UART 'A' and 'B' GPI input/output GPI interrupt External interrupt External interrupt acknowledge Internal watch dog enable External watch dog input interrupt Watch dog clock Double frequency clock System clock Output reset System input reset Factory test mode Software debug mode Test (JTAG) clock Test (JTAG) reset Test (JTAG) mode select Test (JTAG) data input Test (JTAG) data output Main internal power Output driver power Output buffer: 400 pF Used to check the execute stage of IU instruction pipeline Input trigger Input trigger Input trigger Input trigger Input trigger Functional mode=00 pull-up 37 k pull-up 37 k pull-up 37 k -
Note:
If not specified, the output buffer type is 150 pF, the input buffer type is TTL.
3
4118H-AERO-06/03
System Architecture
The TSC695F is to be used as an embedded processor requiring only memory and application specific peripherals to be added to form a complete on-board computer. All other system support functions are provided by the core.
Figure 2. System Architecture Based on TSC695F DMA Unit Ax[31:0]
Xtd PROM Xchg Mem
Boot PROM
Master
Local Memory
Glue Logic
Xtd RAM I/O 0 to I/O 3
DPAR
DMAGNT DMAREQ DMAAS
Xtd I/O
(BUFFEN, DDIR)
Xtd general
MEMCtrl
RA[31:0]
FPU
Memory Interface
CB[6:0]
(ROMCS, EXMCS, IOSEL[3:0], MEMWR, IOWR, OE, BUSRDY,...)
RAMCtrl
(MEMCS[9:0], MEMWR, OE) SYSCLK ALE
RAM Memory
DMA
A[31:0]
IU
DMA
D[31:0]
(0 WS)
Peripherals
User Application
TSC695F
4
TSC695F
4118H-AERO-06/03
TSC695F
Product Description
Integer Unit
The Integer Unit (IU) is designed for highly dependable space and military applications, and includes support for error detection. The RISC architecture makes the creation of a processor that can execute instructions at a rate approaching one instruction per processor clock possible. To achieve that rate of execution, the IU employs a four-stage instruction pipeline that permits parallel execution of multiple instructions. * * Fetch - The processor outputs the instruction address to fetch the instruction. Decode - The instruction is placed in the instruction register and is decoded. The processor reads the operands from the register file and computes the next instruction address. Execute - The processor executes the instruction and saves the results in temporary registers. Pending traps are prioritized and internal traps are taken during this stage. Write - If no trap is taken, the processor writes the result to the destination register.
* *
All four stages operate in parallel, working on up to four different instructions at a time. A basic `single-cycle' instruction enters the pipeline and completes infour cycles. By the time it reaches the write stage, three more instructions have entered and are moving through the pipeline behind it. So, after the first four cycles, a single-cycle instruction exits the pipeline and a single-cycle instruction enters the pipeline on every cycle. Of course, a 'single-cycle' instruction actually takes four cycles to complete, but they are called single cycle because with this type of instruction the processor can complete one instruction per cycle after the initial four-cycle delay.
Floating-point Unit
The FLoating Point Unit (FPU) is designed to provide execution of single and doubleprecision floating-point instructions concurrently with execution of integer instructions by the IU. The FPU is compliant to the ANSI/IEEE-754 (1985) floating-point standard. The FPU is designed for highly dependable space and military applications, and includes support for concurrent error detection and testability. The FPU uses a four stage instruction pipeline consisting of fetch, decode, execute and write stages (F, D, E and W). The fetch unit captures instructions and their addresses from the data and address buses. The decode unit contains logic to decode the floatingpoint instruction opcodes. The execution unit handles all instruction execution. The execution unit includes a floating-point queue (FP queue), which contains stored floatingpoint operate (FPop) instructions under execution and their addresses. The execution unit controls the load unit, the store unit, and the datapath unit. The FPU depends upon the IU to access all addresses and control signals for memory access. Floating-point loads and stores are executed in conjunction with the IU, which provides addresses and control signals while the FPU supplies or stores the data. Instruction fetch for integer and floating-point instructions is provided by the IU. The FPU provides three types of registers: f registers, FSR, and the FP queue. The FSR is a 32-bit status and control register. It keeps track of rounding modes, floating-point trap types, queue status, condition codes, and various IEEE exception information. The floating-point queue contains the floating-point instruction currently under execution, along with its corresponding address.
5
4118H-AERO-06/03
Instruction Set
TSC695F instructions fall into six functional categories: load/store, arithmetic/logical/shift, control transfer, read/write control register, floating-point, and miscellaneous. Please refer to SPARC V7 Instruction-set Manual.
Note: The execution of IFLUSH will cause an illegal instruction trap.
On-chip Peripherals
Memory Interface Table 2. Memory Mapping
Memory Contents Boot PROM Start Address 0x 0000 0000 Size (bytes) 128K 16M Data Size and Parity Options 8-bit mode 40-bit mode Extended PROM 0x 0100 0000 Max: 15M 8-bit mode 40-bit mode Exchange Memory System Registers RAM (8 blocks) Extended RAM I/O Area 0 I/O Area 1 I/O Area 2 I/O Area 3 Extended I/O Area Extended General 0x 01F0 0000 0x 01F8 0000 0x 0200 0000 0x 0400 0000 0x 1000 0000 0x 1100 0000 0x 1200 0000 0x 1300 0000 0x 1400 0000 0x 8000 0000 4k 512k 512K (124 used) 8*32K 8*4M Max: 192M 0 16M 0 16M 0 16M 0 16M Max: 1728M Max: 2G No parity/-All data sizes allowed Parity option/-All data sizes allowed No parity/-No EDAC/-Only byte write Parity + EDAC mandatory/-Only word write No parity/-No EDAC/-Only byte write Parity + EDAC mandatory/-Only word write
The TSC695F is designed to allow easy interfacing to internal/external memory resources.
Parity + EDAC option/-Only word write Parity/-Only word read/write access Parity + EDAC option/-All data sizes allowed
System Registers
The system registers are only writable by IU in the supervisor mode or by DMA during halt mode. Table 3. System Registers Address Map
System Register Name System Control Register Software Reset Power Down System Fault Status Register Failing Address Register Error & Reset Status Register Test Control Register SYSCTR SWRST PDOWN SYSFSR FAILAR ERRRSR TESCTR Address 0x 01F8 0000 0x 01F8 0004 0x 01F8 0008 0x 01F8 00A0 0x 01F8 00A4 0x 01F8 00B0 0x 01F8 00D0
6
TSC695F
4118H-AERO-06/03
TSC695F
Table 3. System Registers Address Map (Continued)
System Register Name Memory Configuration Register I/O Configuration Register Waitstate Configuration Register Access Protection Segment 1 Base Register Access Protection Segment 1 End Register Access Protection Segment 2 Base Register Access Protection Segment 2 End Register Interrupt Shape Register Interrupt Pending Register Interrupt Mask Register Interrupt Clear Register Interrupt Force Register Watchdog Timer Register Watchdog Timer Trap Door Set Real Time Clock Timer Register Real Time Clock Timer Register General Purpose Timer Register General Purpose Timer Register Timers Control Register General Purpose Interface Configuration Register General Purpose Interface Data Register UART 'A' Rx & Tx Register UART 'B' Rx & Tx Register UART Status Register MCNFR IOCNFR WSCNFR APS1BR APS1ER APS2BR APS2ER INTSHR INTPDR INTMKR INTCLR INTFCR WDOGTR WDOGST RTCCR RTCSR GPTCR GPTSR TIMCTR GPICNFR GPIDATR UARTAR UARTBR UARTSR Address 0x 01F8 0010 0x 01F8 0014 0x 01F8 0018 0x 01F8 0020 0x 01F8 0024 0x 01F8 0028 0x 01F8 002C 0x 01F8 0044 0x 01F8 0048 0x 01F8 004C 0x 01F8 0050 0x 01F8 0054 0x 01F8 0060 0x 01F8 0064 0x 01F8 0080 0x 01F8 0084 0x 01F8 0088 0x 01F8 008C 0x 01F8 0098 0x 01F8 00A8 0x 01F8 00AC 0x 01F8 00E0 0x 01F8 00E4 0x 01F8 00E8
Wait-state and Time-out Generator
It is possible to control the wait-state generation by programming a Wait-state Configuration Register. The maximum programmable number of wait-states is applied by default at reset. It is possible to program the number of wait-states for the following combinations: - - - - RAM read and write PROM read and write (i.e. EEPROM or Flash write) Exchange Memory read/write Four individual I/O peripherals read/write
A bus time-out function of 256 system clock cycles is provided for the bus ready controlled memory areas, i.e., the Extended PROM, Exchange Memory, Extended RAM,
7
4118H-AERO-06/03
Extended I/O and the Extended General areas. EDAC The TSC695F includes a 32-bit EDAC (Error Detection And Correction). Seven bits (CB[6:0]) are used as check bits over the data bus. The Data Bus Parity signal (DPAR) is used to check and generate the odd parity over the 32-bit data bus. This means that altogether 40 bits are used when the EDAC is enabled. The TSC695F EDAC uses a 7-bit Hamming code which detects any double bit error on the 40-bit bus as a non-correctable error. In addition, the EDAC detects all bits stuck-atone and stuck-at-zero failure for any nibble in the data word as a non-correctable error. Stuck-at-one and stuck-at-zero for all 32 bits of the data word is also detected as a noncorrectable error. Memory and I/O Parity The TSC695F handles parity towards memory and I/O in a special way. The processor can be programmed to use no parity, only parity or parity and EDAC protection towards memory and to use parity or no towards I/O. The signal used for the parity bit is DPAR. Programming the Memory Configuration Register, the TSC695F provides chip selects for two redundant memory banks for replacement of faulty banks. * * Unimplemented Areas - Access to all unimplemented memory areas are handled by the TSC695F and detected as illegal. RAM Write Access Protection - The TSC695F can be programmed to detect and mask write accesses in any part of the RAM. The protection scheme is enabled only for data area, not for the instruction area. The programmable write access protection is based on two segments. Boot PROM Write Protection - The TSC695F supports a qualified PROM write for an 8-bit wide PROM and/or for a 40-bit wide PROM.
Memory Redundancy
Memory Access Protection
*
DMA
DMA Interface The TSC695F supports Direct Memory Access (DMA). The DMA unit requests access to the processor bus by asserting the DMA request signal (DMAREQ). When the DMA unit receives the DMAGNT signal in response, the processor bus is granted. In case the processor is in the power-down mode the processor is permanent tri-stated, and a DMAREQ will directly give a DMAGNT. The TSC695F includes a DMA session time-out function. The TSC695F always has the lowest priority on the system bus. A trap is a vectored transfer of control to the supervisor through a special trap table that contains the first four instructions of each trap handler. The base address of the table is established by supervisor and the displacement, within the table, is determined by the trap type. Two categories of traps can appear.
Bus Arbiter
Traps
8
TSC695F
4118H-AERO-06/03
TSC695F
Synchronous Traps Table 4. Synchronous Traps
Trap Priority Trap Type (tt) Comments Sources: SYSRESET* pin software reset watchdog reset IU or System error reset Severe error requiring a re-boot TSC695F enters (if not masked) in halt or reset mode Error not removable, PC & nPC OK TSC695F enters (if not masked) in halt or reset mode Special case of non-restartable, precise error. TSC695F enters (if not masked) in halt or reset mode Retrying instruction but PC & nPC have to be re-adjusted TSC695F enters (if not masked) in halt or reset mode Retrying instruction TSC695F enters (if not masked) in halt or reset mode Parity error on control bus Parity error on data bus Parity error on address bus Access to protected or unimplemented area Uncorrectable error in memory Bus time out Bus error
Reset Non-restartable, imprecise error Non-restartable, precise error Register file error Hardware Error Restartable, late error Restartable, precise error
1 2.1 2.2 2.3 2.4 2 2.5
- 64h 62h 65h 63h 61h
Instruction access (Error on instruction fetch) 3 Illegal Instruction Privileged instruction FPU disabled Overflow Window Underflow 7 8 9.1 9.2 9.3 9.4 9.5 4 5 6 01h 02h 03h 04h 05h 06h 07h
- - -
During SAVE instruction or trap taken During RESTORE instruction or RETT instruction
Memory address not aligned Non-restartable error Data bus error Restartable error Sequence error Unimplemented FPop FPU exception
-
Severe error, cannot restart the instruction Parity error on FPU data bus Can be removed restarting the instruction
- -
Invalid operation Division by zero Overflow Underflow Inexact
IEEE exceptions:
9
9.6
08h
9
4118H-AERO-06/03
Table 4. Synchronous Traps (Continued)
Trap Data access exception (Error on data load) Tag overflow Trap instructions Priority Trap Type (tt) Comments Idem "instruction access" System register access violation TADDccTV and TSUBccTV instructions Trap on integer condition codes (Ticc)
10 11 12
09h 0Ah 80h to FFh
Table 5. Interrupts or Asynchronous Traps
Trap Watchdog time-out External INT 4 Real time clock timer General purpose timer External INT 3 External INT 2 DMA time-out DMA access error UART Error Correctable error in memory UART B UART A Data ready Transmitter ready Data ready Transmitter ready Priority 13 14 15 16 17 18 19 20 21 22 23 24 25 26
Trap Type (tt) Comments
1Fh 1Eh 1Dh 1Ch 1Bh 1Ah 19h 18h 17h 16h 15h
Internal or external (EWDINT pin) EXTINTAK on only one of EXTINT[4:0]
- -
EXTINTAK on only one of EXTINT[4:0] EXTINTAK on only one of EXTINT[4:0]
- - -
Data read OK but source not updated
- -
14h 13h 12h EXTINTAK on only one of EXTINT[4:0] EXTINTAK on only one of EXTINT[4:0] Logical OR of: IU hardware error masked IU error mode masked System hardware error masked
External INT 1 External INT 0
Masked hardware errors
27
11h
It is possible to mask each individual interrupt (except Watchdog time-out). The interrupts in the Interrupt Pending Register are cleared automatically when the interrupt is acknowledged. By programming the Interrupt Shape Register, it is possible to define the external interrupts to either be active low or active high and to define the external interrupts to either be edge or level sensitive.
10
TSC695F
4118H-AERO-06/03
TSC695F
Timers
General Purpose Timer In software debug mode the timers are controlled by a system register bit and the external pin DEBUG. The General Purpose Timer (GPT) provides, in addition to a generalized counter function, a mechanism for setting the step size in which actual time counts are performed. GPT is clocked by the internal system clock. They are possible to program to be either of single-shot type or periodical type and in both cases generate an interrupt when the delay time has elapsed. The current value of the scaler and counter of the GPT can be read. Real Time Clock Timer The only functional differences between the two timers are that the Real Time Clock Timer (RTCT) has an 8-bit scaler (16-bit scaler for GPT) and that the RTCT interrupt has higher priority than the GPT interrupt. RTCT information is available on RTC output pin. Watchdog Timer Setting the external pin IWDE to VCC enables the internal watchdog timer. Otherwise the watchdog function must be externally provided. The watchdog is supplied from a separate external input (WDCLK). After reset, the timer is enabled and starts running with the maximum range. If the timer is not refreshed (reprogrammed) before the counter reaches zero value, an interrupt is sent. Simultaneously, the timer starts counting a reset time-out period. If the timer is not acknowledged before the reset time-out period elapses, a reset is applied to TSC695F.
UARTs
Two full duplex asynchronous receiver transmitters (UART) are included. In software debug mode the UART's are controlled by system register bits. The data format of the UART's is eight bits. It is possible to choose between even or odd parity, or no parity, and between one and two stop bits. The UART's provide double buffering, i.e. each UART consists of a transmitter holding register, a receiver holding register, a transmitter shift register, and a receiver shift register. Each of these registers are 8-bit wide. For each UART a RX and TX Register is provided. The UART's generate an interrupt each time a byte has been received or a byte has been sent. There is another interrupt to indicate errors. The baud rate of both the UART's is programmable. The clock is derived either from the system clock or can use the watchdog clock.
General Purpose Interface
The General Purpose Interface (GPI) is an 8-bit parallel I/O port. Each pin can be configured as an input or an output. A falling or rising edge detection is made on each selected GPI inputs. Every input transition on GPI generates an external positive pulse on GPIINT pin of two SYSCLK width.
Execution Modes
Reset Mode Reset mode is entered when: - - - - The SYSRES input is asserted Software reset which is caused by the software writing to a Software Reset Register Watchdog reset which is caused by a Watchdog counter time-out Error reset which is caused by a hardware parity error
11
4118H-AERO-06/03
This RESET output has a minimum of 1024 SYSCLK width to allow the usage of Flash memories. The error and Reset Status Register contain the source of the last processor reset. Run Mode In this mode the IU/FPU is executing, while all peripherals are running (if software enabled). System Halt mode is entered when the SYSHALT input is asserted. In this mode, the IU and FPU are frozen, while the timers (includeing the internal watchdog timer) and UART's are stopped. This mode is entered by writing to the Power-down Register. In this mode, the IU and FPU are frozen. The TSC695F leaves the power-down mode if an external interrupt is asserted. Error Halt mode is entered under the following circumstances: - - A internal hardware parity error. The IU enters error mode.
System Halt Mode
Power Down Mode
Error Halt Mode
The only way to exit Error Halt Mode is through Cold Reset by asserting SYSRESET.
Error Handler
The TSC695F has one error output signal (SYSERR) which indicates that an unmasked error has occurred. Any error signalled on the error inputs from the IU and the FPU is latched and reflected in the Error and Reset Status Register. By default, an error leads to a processor halt. The TSC695F includes: - - - - - Parity checking and generation (if required) on the external data bus Parity checking on the external address bus Parity checking on ASI and SIZE Parity checking and generation on all system registers Parity generation and checking on the internal control bus to the IU
Parity Checking
All external parity checking can be disabled using the NOPAR signal.
System Clock
The TSC695F uses CLK2 clock input directly and creates a system clock signal by dividing CLK2 by two. It drives SYSCLK pin with a nominal 50% duty cycle for the application. It is highly recommended that only SYSCLK rising edge is used as reference as far as possible. The SYSAV bit in the Error and Reset Status Register can be used by software to indicate system availability. The TSC695F includes a number of software test facilities such as EDAC test, Parity test, Interrupt test, Error test and a simple Test Access Port. These test functions are controlled using the Test Control Register.
System Availability Test Mode
12
TSC695F
4118H-AERO-06/03
TSC695F
Test and Diagnostic Hardware Functions
Test Access Port
A variety of TSC695F test and diagnostic hardware functions, including boundary scan, internal scan, clock control and On-chip Debugger, are controlled through an IEEE 1149.1 (JTAG) standard Test Access Port (TAP). The TAP interfaces to the JTAG bus via 5 dedicated pins on the TSC695F chip. These pins are: * * * * * TCK (input): Test Clock TMS (input): Test Mode Select TDI (input): Test Data Input TDO (output): Test Data Output TRST (input): Test Reset
Instruction Register
Five standard instructions are supported by the TSC695F TAP.
Binary Value 00. 0000 00. 0001 00. 0011 11. 1111 10. 0000 Name of Instruction EXTEST SAMPLE/PRELOAD INTEST BYPASS IDCODE Data Register Boundary Scan Register Boundary Scan Register Boundary Scan Register Bypass Register Device ID Register Scan Chain Accessed Boundary scan chain Boundary scan chain Boundary scan chain Bypass register ID register scan chain
Debugging
The design is highly testable with the support of an On-Chip Debugger (OCD), an internal and boundary scan through JTAG interface.
13
4118H-AERO-06/03
Electrical Characteristics
Absolute Maximum Ratings
Military Range............................................... -55C to +125C Storage Temperature ..................................... -65C to +150C Supply Voltage...................................................-0.5V to +7.0V Input Voltage......................................................-0.5V to +7.0V Note: Stresses at or above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability.
DC Characteristics
Table 6. DC Characteristics at VDD 5V 10%
Symbol VIL trigger VIH trigger VT VIL TTL VIH TTL VOL400 pF VOH400 pF VOL150 pF VOH150 pF Parameter Input Low Voltage for trigger input Input High Voltage for trigger input Input Hysteresis for trigger input Input Low Voltage for TTL input Input High Voltage for TTL input Output Low Voltage for 400 pF buffer Output High Voltage for 400 pF buffer Output Low Voltage for 150 pF buffer Output High Voltage for 150 pF buffer Min - 3.0 - - 2.2 Typ - - 0.9 - - Max 0.8 - - 0.8 - Unit V V V V V Test Conditions VCC = 4.5 to 5.5V VCC = 4.5 to 5.5V VCC = 4.5 to 5.5V VCC = 4.5 to 5.5V VCC = 4.5 to 5.5V VCC = 4.5 to 5.5V IOL = 12 mA VCC = 4.5 to 5.5V IOH = -16 mA VCC = 4.5 to 5.5V IOL = 4 mA VCC = 4.5 to 5.5V IOH = -6 mA VCC = 5.5V, f = 25 MHz mA VCC = 5.5V, f = 20 MHz VCC = 5.5V, f = 10 MHz VCC = 5.5V, f = 25MHz mA VCC = 5.5V, f = 20 MHz VCC = 5.5V, f = 10 MHz
-
0.3
0.4
V
2.4
0.3
-
V
-
0.3
0.4
V
2.4 -
4.3 - - - - - -
- 230 210 170 41 38 30
V
IccOP
Operating Supply Current for core processor
- - -
IccPD
Power Down Supply Current for core processor
- -
14
TSC695F
4118H-AERO-06/03
TSC695F
Capacitance Ratings
Parameter CIN COUT CIO Description Input Capacitance Output Capacitance Input/Output Capacitance Max 7 pF 8 pF 8 pF
AC Characteristics
Table 7. AC Characteristics (SYSCLK Freq. = 25 MHz - 5V 10%) Cload = 50 pF, Vref = 2.5V
Parameter t1 t2 t3 t4 t5 t6 t7 Min (ns) 20 40 9.75 - - - - Max (ns) - - - 6.5 12.5 15 23.5 Comment CLK2 period SYSCLK period CLK2 high and low pulse width RA(31:0) RAPAR RSIZE RLDSTO output delay MEMCS*(9:0) ROMCS* EXMCS* output delay DDIR DDIR* output delay MEMWR* IOWR*output delay formula: 13.5 ns + 1/4 t2 OE* HL output delay formula: 10.5 ns + 1/4 t2 Data setup time during load Data setup time during load mNOPAR = 0 rpa = rec = either 1 or 0 Data hold time during load Data output delay Data output valid to HZ - guaranteed by design CB output delay ALE* output delay BUFFEN* HL output delay formula: 11 ns + 1/4 t2 MHOLD* output delay - guaranteed by design MDS* DRDY* output delay MEXC* output delay RASI(3:0) RSIZE(1:0) RASPAR setup time RASI(3:0) RSIZE(1:0) RASPAR hold time BOOT PROM address output delay Reference Edge - - - SYSCLK+ SYSCLK+ SYSCLK+
SYSCLK- or SYSCLK+
t8 t9_1 t9 t9_2 t10 t11 t12 t13 t14 t15 t16 t17 t20 t21 t22 t23
- 11.5 9 5 - 8 - - - - - - 10 3 -
20.5 - - - 28 - 19 13 21 15 15 15 - - 13
SYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ SYSCLKSYSCLK+ SYSCLK+ SYSCLK-
SYSCLK+ SYSCLK+ SYSCLK+ SYSCLKSYSCLK+ SYSCLK+ SYSCLK+
15
4118H-AERO-06/03
Table 7. AC Characteristics (SYSCLK Freq. = 25 MHz - 5V 10%) Cload = 50 pF, Vref = 2.5V (Continued)
Parameter t24 t25 t27 Min (ns) 12 0 - Max (ns) - - 15 Comment BUSRDY* setup time BUSRDY* hold time IOSEL output delay DMAAS setup time formula of max: 1/2 t2 DMAAS hold time formula of max: 1/2 t2 DMAREQ* setup time DMAGNT* output delay RA(31:0) RAPAR CPAR setup time RA(31:0) RAPAR CPAR hold time TCK period TMS setup time TMS hold time TDI setup time TDI hold time TDO output delay INULL output delay RESET* CPUHALT* output delay SYSERR* SYSAV output delay IUERR* output delay EXTINT(4:0) setup time EXTINT(4:0) hold time EXTINTACK output delay OE* LH output delay (no DMA mode) BUFFEN* LH output delay INST output delay Reference Edge SYSCLK+ SYSCLK+ SYSCLK+ HL SYSCLK- LH
t28
12
20
SYSCLK+
t29 t30 t31 t32 t33 t36 t37 t38 t39 t40 t41 t46 t48 t49 t50 t52 t53 t54 t56 t57 t60 t61
0 12 - 10 3 100 10 4 10 10 - - - - - 12 0 - - - - 20
20 - 15 - - - - - - - 20 22 22 20 20 - - 15 8.5 9 22 -
SYSCLKSYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ TCK+ TCK+ TCK+ TCK+ TCKSYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ SYSCLKSYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+ SYSCLK+
Data output delay to low-Z - guaranteed by design SYSCLK+ formula: 10 ns + 1/4 t2
16
TSC695F
4118H-AERO-06/03
Figure 3. 150 pF Buffer Response (Data from simulation)
17
TSC695F
4118H-AERO-06/03
Figure 4. 400 pF Buffer Response (Data from simulation)
18
TSC695F
4118H-AERO-06/03
TSC695F
Figure 5. OE*/400 pF Buffer Response (Data from simulation)
19
4118H-AERO-06/03
Figure 6. RAM Fetch, RAM Load and RAM Store Sequence - n Waitstates for Read, m Waitstates for Write
Timing Diagrams
20
1 (RAM fetch) t1 CLK2 n ws SYSCLK t4_1 RA [31:0] t14 ALE t5 MEMCS* [0] t5 MEMCS* [1] ROMCS* t6 DDIR t7 MEMWR* BUFFEN* t8 OE* t10 t9 D [31:0]
FD1 LD1 FD2 previous stored data FA1 LA1
2 (RAM load)
3 (RAM fetch) t3
4 (RAM store) t3
5 (RAM fetch)
TSC695F
4118H-AERO-06/03
n ws t2
n ws
m ws
n ws
t4_1
FA2
t4_1
SA1
t4_1
FA3
t14
t5
t5
t6
t7
t56
t56
t8
t11 t61
SD1
t12
FD3
t10 t9 DPAR
FP1 LP1 FP2
t11 t61
SP1 previous stored parity
t12
FP3
t10 t9 CB [6:0] t60 INST t16 MHOLD* t17 MDS* t17 t17 t17 t17 t17 t17 t16
FC1 LC1 FC2 previous stored checkbyte
t61
t13
SC1
t12
FC3
t60
t60
t60
4118H-AERO-06/03
Figure 7. RAM Atomic-load-store byte Sequence - 0 Waitstate
1 (RAM fetch) t2 SYSCLK
2 (RAM atomic load store)
3 (RAM fetch)
t4_1
RA [31:0] ALE* t5 MEMCS* [0] t5 MEMCS* [1] t6 DDIR t7 MEMWR* BUFFEN* t8 OE* t10 t9 D [31:0]
FD1 byte from RAM word from RAM word to RAM FA1 ALSA
t4_1
FA5
t5
t5
t6
t6
t6
t7
t56
t8
t56
t8
t10 t61 t9 t11 t12
FD5
t10 t9 DPAR
FP1
t10 t61 t9 parity from RAM t10 t61 t9 checkbyte from RAM t11 parity to RAM t13 checkbyte to RAM t60 t12
FC5
t12
FP5
parity from RAM
t10 t9 CB [6:0]
FC1
checkbyte from RAM t60 INST t16 MHOLD* MDS* t46 INULL
t16
held to update the full word
t46
t4_1
RLDSTO
t4_1
TSC695F
t4_2
LOCK
t4_2
21
Figure 8. RAM Load-double and RAM Store-double Sequence - 0 Waitstate
22
1 (RAM fetch) SYSCLK
t4_1 t4_1
LA1 LA2
2 (RAM double load) t2
3 (RAM fetch)
4 (RAM double store)
5 (RAM fetch)
TSC695F
4118H-AERO-06/03
t4_1
FA2
t4_1
SA1
t4_1
SA2
t4_1
FA3
RA [31:0] ALE*
FA1
t5 MEMCS* [0] t5 MEMCS* [1]
t5
t5
t5
t5
t5
t5
t6 DDIR t7 MEMWR* BUFFEN* t8 OE* t9 D [31:0]
FD1 LD1
t6
t7
t7
t7
t56
t8
t56
t8
t10
LD2 FD2
t61
t11
SD1
t11
SD2
t12
FD3
t9 DPAR
FP1 LP1
t10
LP2 FP2
t61
t11
SP1
t11
SP2
t12
FP3
t9 CB [6:0]
FC1 LC1
t10
LC2 FC2
t61
t13
SC1
t13
SC2
t12
FC3
t60 INST t16 MHOLD* MDS* t46 INULL
t4_2 t4_2
t60
t16
t46
LOCK
4118H-AERO-06/03
Figure 9. RAM Load with Correctable Error - 0 Waitstate
1 (RAM fetch) load SYSCLK
2 (RAM load correctable data) internal error correction
3 (RAM fetch) t2
4 (RAM fetch)
t14 ALE*
t4_1 t4_1
t14
t4_1
RA[31-0]
FA1 t5
LA1 t5
FA2
FA3
MEMCS*[0] t5 MEMCS*[1] DDIR MEMWR* IOWR* t8 OE* BUFFEN* t9 D[31-0] CB[6-0] DPAR FD1 FC1 FP1 t10 t9 t10 LD1 LC1 LP1 1-bit error on 40-bit data t16 MHOLD* MEXC* t17 MDS* t60 INST INULL t60 t17 t56 t56 t8 t5
FD2
FD2
FD3 FC3 FP3
data correction
FC2 FP2 t16
made inside
FC2 FP2
TSC695F
23
Figure 10. RAM Load with Uncorrectable Error - 0 Waitstate
24
1 (RAM fetch) load SYSCLK t14 ALE*
t4_1 t4_1 t4_1 t4_1
2 (RAM load) internal error detection
3 (RAM fetch) exception
4 (null cycle) t2
5 (RAM fetch) trap
6 (RAM fetch)
TSC695F
4118H-AERO-06/03
t14
RA[31-0]
FA1 t5
LD1 t5
FA2
FA3
TA1
TA2
MEMCS*[0] t5 MEMCS*[1] DDIR MEMWR* IOWR* t8 OE* BUFFEN* t10 t9 D[31-0] CB[6-0] DPAR FD1 FC1 FP1 LD1 LC1 LP1 2-bit error on 40-bit data t16 MHOLD* t20 MEXC* t17 MDS* t60 INST t46 INULL t46 t60 t60 t60 t17 t20 FD2 FC2 FP2 FD2 FC2 FP2 t16 t9 FD2 FC2 FP2 FD3 FC3 FP3 TD1 TC1 TP1 TD2 TC2 TP2 t10 t56 t8 t56 t5
4118H-AERO-06/03
Figure 11. RAM Load with Unimplemented Area Access - 0 Waitstate
1 (RAM fetch) t2 SYSCLK ALE*
2 (RAM load)
3 (RAM fetch) internal error fetch
4 (null cycle)
5 (RAM fetch) trap
6 (RAM fetch)
RA[31-0]
FA1
unimplemented address LA1 t5 t5
t4_1
t4_1
FA2
FA3
TA1
TA2
MEMCS*[0] MEMCS*[1] DDIR MEMWR* IOWR* BUFFEN* t56 OE* t9 D[31-0] t10 FD1 t9 no data t16 MHOLD* t20 MEXC* t17 MDS* t60 INST t46 INULL t46 t60 t60 t60 t17 t20 t16 t10 FD2 t8 t8 t56
FD3
TD1
TD2
TSC695F
25
Figure 12. I/O Store Sequence with BUSRDY* and n Waitstates (Timing for 0 Waitstate = Timing for 1 Waitstates)
26
1 (RAM fetch) start of cycle t2 SYSCLK ALE*
t4_1 t4_1 FA1 SA1 t4_1 FA2
2 (i/o store) (n-1) ws rdy waiting end of cycle
3 (RAM fetch)
TSC695F
4118H-AERO-06/03
RA[31-0]
t5 MEMCS*[0] t27 IOSEL*[0] t25 t24 BUSRDY* t6 DDIR MEMWR* t7 IOWR* t15 BUFFEN* t56 OE* t10 t61 t9 D[31-0]
FD1 previous stored data
t5
t27
t24
t6
t7
t57
t8
t11
SD1
t12
FD2
t60 INST t16 MHOLD* MDS* t16
t60
4118H-AERO-06/03
Figure 13. I/O Load Sequence with BUSRDY* and n Waitstates (Timing for 0 ws = Timing for 1 ws)
1 (RAM fetch)
start of cycle t2
2 (i/o load) (n-1) ws rdy waiting end of cycle
3 (RAM fetch)
SYSCLK t14 ALE* t4_1 RA[31-0]
FA1 LA1
t14
t4_1
FA2
t5 MEMCS*[0] t27 IOSEL*[0] t25 t24 BUSRDY* DDIR
MEMWR*
t5
t27
t24
IOWR* t15 BUFFEN* t56 OE* t10 t9 D[31-0]
FD1
t57
t8
t56
t8
data driven by external buffers (c.f BUFFEN*)
t9
LD1
t10
FD2
t60 INST
t60
t16 MHOLD*
t16
TSC695F
t17 MDS*
t17
27
Figure 14. EXCHANGE RAM Store with BUSDRY* and n Waitstates
28
1 (RAM fetch) start of cycle t2 SYSCLK ALE* t4_1 RA[31-0] FA1 t5 MEMCS*[0] t5 EXMCS* t6 DDIR t7 MEMWR* t7 IOWR* t15 BUFFEN* t56 OE* t25 t24 BUSRDY* t61 D[31-0] FD1 previous stored data t60 INST t16 MHOLD*
4118H-AERO-06/03
2 (xchgRAM store) rdy waiting in between n ws end of cycle
3 (RAM fetch)
TSC695F
t4_1 SA1 t5 FA2
t5
t6
t7
t7
t57
t8
t24
t11 SD1
t12 FD2 t60
t16
MDS*
4118H-AERO-06/03
Figure 15. EXCHANGE RAM Load with BUSDRY* and n Waitstates
1 (RAM fetch) start of cycle t2 SYSCLK t14 ALE*
t4_1
2 (xchgRAM load) rdy waiting n ws end of cycle
3 (RAM fetch)
t14
t4_1
RA[31-0]
FA1 t5
LA1 t5
FA2
MEMCS*[0] t5 EXMCS* DDIR MEMWR* IOWR* t15 BUFFEN* t56 OE* t24 BUSRDY* t9 D[31-0] FD1 data driven by external buffers (c.f BUFFEN*) t60 INST t16 MHOLD* t17 MDS* t17 t16 t60 LD1 t10 FD2 t24 t25 t8 t57 t5
TSC695F
29
Figure 16. 8-bit BOOT PROM Fetch (or Load Word) - n Waitstates
30
1 (ROM fetch) start of cycle SYSCLK t14 ALE* t4 byte 0 (n-1) ws 2 (8-bit ROM fetch or load word) byte 1 (n-1) ws t2 byte 2 (n-1) ws byte 3 (n-1) ws end of cycle 3 (ROM fetch)
TSC695F
4118H-AERO-06/03
t4_1
RSIZE[0,1] 10
t4_1 t4_1
FA2 t23 t23 1 2 (address mod. 4) t23 3 t23 0 t5 FA2
t4_1
RA[31-0] FA1
BA[0,1] t5 ROMCS* MEMCS*[0] DDIR MEMWR* t15 BUFFEN* t8 OE* t5
0
t57
t15
t56 data driven by external buffers (c.f BUFFEN*)
t8
D[31-8] t10 t9 D[7-0] t60 INST t16 MHOLD* t17 MDS* t17 t17 t16 (1 = fetch, 0 = load word) t16 FD2-0 t9 FD2-1 t10 t9 FD2-2 t10 t10 t9 FD2-3 t60
4118H-AERO-06/03
Figure 17. 8-bit BOOT PROM 2x Store byte - n Waitstate
1 (RAM fetch) start of cycle SYSCLK ALE*
2 (8-bit ROM write) (n-1) ws
3 (RAM fetch) t2 start of cycle
4 (8-bit ROM write) (n-1) ws
5 (RAM fetch)
t4_1
RA[31-0] FA1 SA1 addr.=mod. 4
t4_1
FA2
t4_1
SA2 t23 addr.=mod. 4 +1
t4_1 FA3
t23 00
BA[0,1]
00
01
t4_1
RSIZE[0,1] 10 t5 MEMCS*[0] t5 ROMCS* t6 DDIR t7 MEMWR* IOWR* t15 BUFFEN* t56 OE* t61 t9 D[31-0] FD1 t60 INST t16 MHOLD* t16 t11 byte D[7:0] SD1 t7 00
t4_1
10 t5
t4_1
00 t5
t4_1
10 t5
t5
t5
t5
t6
t6
t6
t7
t7
t57
t15
t57
t8
t56
t61 t12 t9 FD2 t60 t60 t11 byte D[7:0] SD2 t12
t16
t16
TSC695F
MDS*
31
Figure 18. DMA RAM load with or without Correctable Error and DMA RAM Store - 0 Waitstates
32
1 (RAM fetch) 2 (RAM fetch) (null cycle)lead-in SYSCLK t14 ALE* RA[31-0] RASI[3-0] RSIZE[1-0] DMAREQ* t31 DMAGNT* t28 DMAAS t31 RD WRT MEMCS*[9-0] t17 DRDY* t8 OE* t7 MEMWR* corrected data if needed DDIR D[31-0] DPAR CB[7-0]
4118H-AERO-06/03
3 (DMA session) (0 cycle min) 1st DMA load (0 ws) (0 cycle min) nth DMA store (0 ws) t2 t14 t14 t32 t33 t14 t32 t33 D SAn (held to the end of RAM access) t22 t22
lead-out
4 (RAM fetch) 5 (RAM fetch) cont'
TSC695F
FA1 FS1 FZ1 t30
t4_1 FA2 t4_1 FS2 t4_1 FZ2
t4_1 t4_1 t4_1
D LA1 (held to the end of RAM access) t22 t21 D LS1 t21 10 (only word access) t22
t4_1 FA2 t4_1 FS2 t4_1 FZ2
FA3 FS3 FZ3
t21 D SSn
t21 10 (only word access)
t30 early time for DMAREQ* desassertion t31
t29 t33 t33 t5 t17
t28 t32 t32 t33 t33 t5
t29 t31 t31 t5 t17 t17 t8 t7 t6 t56 t5
t32 t32
(pull-up on WE*) t5
t31
t56
t6
t10 t9 FD1 t10 t9 FP1 t10 t9 FC1 t16
t10 t10 t9 t9 t10 t9 t11 t12 D SDn D LD1 D LD1 FD2 (from RAM) (held to the end of RAM access) (from TSC695F) t10 t10 t9 t9 t11 t12 t13 t13 DSPn D LP1 D LP1 FP2 (from RAM) Parity generated by TSC695F if dpe =1, (from TSC695F) else, same timing as D[31-0] t10 t10 corrected parity if needed t13 t9 t9 t13 D SCn D LC1 FC2 (from RAM) t16
MHOLD*
4118H-AERO-06/03
Figure 19. Edge Triggered Interrupt Timing
Sampled Latched SYSCLK RA[31:0] ALE* D[31:0] INULL t52 EXTINT[i] t53 FD(-1) FD0 FD1 FD2 FA(-1) FA0 FA1 FA2
Prioritized Taken
FA3
FA4
TTA0
TTA1
TSA0
TSA1
TSA2
FD3
FD4
TD0
TD1
TSD0
TSD1
t54
EXTINTACK
t54
TSC695F
33
Figure 20. Halt Timing
34
TSC695F
SYSCLK RA[31:0] RASI[3:0] RSIZE[1:0] FAn-1 09H 10 FAn 09H 10 FAn+1 09H 10 t14 ALE* SYSHALT* t16 MHOLD* t49 SYSAV t48 CPUHALT* D[31:0] FDn-1 FDn
FDn+1 FDn+2
FAn+1 09H 10 t14
FAn+2 09H 10
t16
t49
t48
4118H-AERO-06/03
4118H-AERO-06/03
Figure 21. External Error with Halt Timing
SYSCLK RA[31:0] RASI[3:0] RSIZE[1:0] FAn-1 09H 10 FAn 09H 10 FAn+1 09H 10 t14 ALE* t50 IUERR* t49 SYSERR* t16 MHOLD* t49 SYSAV t48 CPUHALT* D[31:0] FDn-1 FDn t50
TSC695F
35
Figure 22. Reset Timing
36
TSC695F
SYSCLK SYSRESET* RA[31:0] RASI[3:0] RSIZE[1:0] t14 ALE* t46 INULL t48 RESET* t48 t47 t14 FA n FA n+1 0H 4H 8H
4118H-AERO-06/03
TSC695F
Package Description
Thermal Characteristics
The thermal performance of a package is measured by its ability to dissipate the power required by the device into its surroundings. The electrical power drawn by the device generates heat on the top surface of the die. This heat is conducted through the package to the surface and then transferred when there is surrounding air by convection. Each heat transfer step has corresponding resistance, when there is surrounding air, to the heat flow, which is given the value R, the thermal resistance coefficient. Subscripts are added to the coefficient to specify the two points that the heat is transferred between. Commonly used coefficients are Rja (junction to ambient air), Rjc (junction to case) and Rca (case to ambient). An electrical analogy can be made, as shown in Figure 23, to illustrate the heat flow of a package. The heat transfer can be characterized mathematically by the following equation:
Tj - Ta = P x Rja
- -
Where: P = Device operating power (Watts) Tj = Temperature of a junction on the device (C) Ta = Temperature of the surrounding ambient air (C) Rja = Rjc + Rca in C/W
Figure 23. Thermal Model
Rja
Rca
Heat Flow
Cavity Die Package
Rjc
Table 8. Thermal Characteristics
Conditions R ja jc ja jc Value 20 ~ 23 Blown air 0.4 C/W 31 ~ 41 Stationary air 0.4 25/90C Unit Temperature Air
37
4118H-AERO-06/03
256-lead MQFP-F Package
38
TSC695F
4118H-AERO-06/03
TSC695F
256-lead MQFP-F Pin Assignments
Table 9. Pin Assignments
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 Signal GPIINT GPI[7] VCCO VSSO GPI[6] GPI[5] GPI[4] GPI[3] VCCO VSSO GPI[2] GPI[1] GPI[0] D[31] D[30] VCCO VSSO D[29] D[28] VCCI VSSI D[27] D[26] VCCO VSSO D[25] D[24] D[23] D[22] VCCO VSSO D[21] D[20] D[19] D[18] Pin 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 Signal D[0] RSIZE[1] RSIZE[0] RASI[3] VCCO VSSO RASI[2] RASI[1] RASI[0] RA[31] RA[30] VCCO VSSO RA[29] RA[28] RA[27] VCCO VSSO RA[26] RA[25] RA[24] VCCI VSSI VCCO VSSO RA[23] RA[22] RA[21] VCCO VSSO RA[20] RA[19] RA[18] VCCO VSSO Pin 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 Signal RA[0] VCCO VSSO RAPAR RASPAR DPAR VCCO VSSO SYSCLK TDO TRST TMS TDI TCK CLK2 DRDY DMAAS VCCO VSSO DMAGNT EXMCS VCCI VSSI DMAREQ BUSERR BUSRDY ROMWRT NOPAR SYSHALT CPUHALT VCCO VSSO SYSERR SYSAV EXTINT[4] Pin 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 Signal DXFER MEXC VCCO VSSO RESET SYSRESET BA[1] BA[0] CB[6] CB[5] VCCO VSSO CB[4] CB[3] CB[2] CB[1] VCCO VSSO CB[0] ALE VCCI VSSI PROM8 ROMCS MEMCS[9] VCCO VSSO MEMCS[8] MEMCS[7] MEMCS[6] MEMCS[5] MEMCS[4] MEMCS[3] VCCO VSSO
39
4118H-AERO-06/03
Table 9. Pin Assignments (Continued)
Pin 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 Signal VCCO VSSO D[17] D[16] VCCI VSSI D[15] D[14] VCCO VSSO D[13] D[12] D[11] D[10] VCCO VSSO D[9] D[8] D[7] D[6] VCCO VSSO D[5] D[4] D[3] D[2] VCCO VSSO D[1] Pin 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 Signal RA[17] RA[16] RA[15] VCCO VSSO RA[14] VCCI VSSI RA[13] RA[12] VCCO VSSO RA[11] RA[10] RA[9] VCCO VSSO RA[8] RA[7] RA[6] VCCO VSSO RA[5] RA[4] RA[3] VCCO VSSO RA[2] RA[1] Pin 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 Signal EXTINT[3] EXTINT[2] EXTINT[1] EXTINT[0] VCCI VSSI EXTINTACK IUERR VCCO VSSO CPAR TXA RXA RXB TXB IOWR IOSEL[3] VCCO VSSO IOSEL[2] IOSEL[1] IOSEL[0] WRT WE VCCO VSSO RD RLDSTO LOCK Pin 228 229 230 231 232 233 234 235 236 237 238 239 240 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 Signal MEMCS[2] MEMCS[1] MEMCS[0] VCCI VSSI OE VCCO VSSO MEMWR BUFFEN DDIR VCCO VSSO DDIR MHOLD MDS WDCLK IWDE EWDINT TMODE[1] TMODE[0] DEBUG INULL DIA VCCO VSSO FLUSH INST RTC
40
TSC695F
4118H-AERO-06/03
TSC695F
Ordering Information
Table 10. Possible Order Entries
Temperature Part-Number TSC695F-25MA-E TSC695F-25MA 5962-0054001QXC 5962-0054001VXC TSC695F-25SASB TSC695F-25MB-E 5962-0054001Q9A 5962-0054001V9A Supply Voltage 5V 5V 5V 5V 5V 5V 5V 5V Range 25C -55 to +125C -55 to +125C -55 to +125C -55 to +125C 25C -55 to +125C -55 to +125C Maximum Speed (MHz) 25 25 25 25 25 25 25 25 Packaging MQFP-F256 MQFP-F256 MQFP-F256 MQFP-F256 MQFP-F256 Die Die Die Quality Flow Engineering Samples Standard Mil. QML-Q QML-V SCC B Engineering Samples QML-Q QML-V
41
4118H-AERO-06/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. (c) Atmel Corporation 2003. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
4118H-AERO-06/03 /xM


▲Up To Search▲   

 
Price & Availability of TSC695F-25SASB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X