Part Number Hot Search : 
15683C AD1376 A7260 ISL95520 6330452 ISL95520 V7238SN MCF52231
Product Description
Full Text Search
 

To Download TSA1036DCU6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSA1036D
General Purpose Dual PNP Transistor
Pin assignment: 6. Collector 1 1. Emitter 1 5. Base 2 2. Base 1 4. Emitter 2 3. Collector 2
BVCEO = - 32V Ic = - 500mA VCE (SAT), = 0.4V(typ.) @Ic / Ib = 300mA / 30mA
Features
Two TSA1036 chips in a STO-363 package Transistor elements are independent, eliminating interference Optimal for low voltage operation
Ordering Information
Part No. TSA1036DCU6 Packing 3kpcs / reel Package SOT-363 Marking 1PR
Structure
Epitaxial planar type. Mounting possible with SOT-323 automatic mounting machines. Complementary to TSC2411DCU6
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation (note) Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. 150mW per element must not be exceeded.
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Limit
- 40V - 32V -5 - 0.5 200 (total) +150 - 55 to +150
Unit
V V V A mW
o o
C C
Electrical Characteristics (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage DC Current Transfer Ratio Transition Frequency Output Capacitance
Conditions
IC = - 100uA, IE = 0 IC = - 1mA, IB = 0 IE = - 100uA, IC = 0 VCB = - 20V, IE = 0 VEB = - 4V, IC = 0 IC / IB = - 100mA / - 10mA IC / IB = - 300mA / - 30mA VCE = - 3V, IC = 100mA VCE = - 10V, IC= - 1mA, f=100MHz VCB = - 10V, f=1MHz
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT)1 VCE(SAT)2 hFE fT Cob
Min
- 40 - 32 -6 ----120 ---
Typ
------- 0.40 -180 2
Max
---- 0.5 - 0.5 - 0.4 - 0.75 390 ---
Unit
V V V uA uA V V MHz pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
TSA1036D
1-1
2004/06 rev. A
Electrical Characteristics Curve
TSA1036D
2-2
2004/06 rev. A
SOT-363 Mechanical Drawing
DIM A A1 bp C D E e e1 He Lp Q W
SOT-363 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 0.80 1.10 0.031 0.043 -0.10 -0.004 0.10 0.30 0.004 0.012 0.10 0.25 0.004 0.010 1.80 2.20 0.071 0.087 1.15 1.35 0.045 0.053 1.30 (typ) 0.052 (typ) 0.65 (typ) 0.026(typ) 2.00 2.20 0.10 0.3 0.20 (typ) 0.20 (typ) 10o (typ) 0.079 0.087 0.004 0.012 0.008 (typ) 0.008 (typ) 10o (typ)
TSA1036D
3-3
2004/06 rev. A


▲Up To Search▲   

 
Price & Availability of TSA1036DCU6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X