Part Number Hot Search : 
75N60 RFACEB DG423 AM2088AT 20U150 AO7413 HBD678 RB050
Product Description
Full Text Search
 

To Download TS7924CZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS7900 series
3-Terminal Fixed Negative Output Voltage Regulator
ITO-220
Pin assignment: 1. Ground 2. Input 3. Output (Heatsink surface connected to Pin 2)
Voltage Range - 5V to - 24V Output Current up to 1A
General Description
The TS7900 series of fixed output negative voltage regulators are intended as complements to the popular TS7800 series device. These negative regulators are available in the same seven-voltage options as the TS7800 devices. In addition, one extra voltage option commonly employed in MECL systems is also available in the negative TS7900 Series. Available in fixed output voltage options from -5.0 to -24 volts, these regulators employ current limiting, thermal shutdown, and safe-area compensation--making them remarkably rugged under most operating conditions. With adequate heatsinking they can deliver output currents in excess of 1 ampere. This series is offered in 3-pin TO-220, ITO-220 package.
Features
Output current up to 1A No external components required Internal thermal overload protection Internal short-circuit current limiting Output transistor safe-area compensation Output voltage offered in 4% tolerance
Standard Application
Ordering Information
Part No.
TS79xxCZ TS79xxCI
Operating Temp. (Ambient)
-20 ~ +85oC
Package
TO-220 ITO-220
Note: Where xx denotes voltage option.
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0V above the output voltage even during the low point on the Input ripple voltage. XX = these two digits of the type number indicate voltage. * = Cin is required if regulator is located an appreciable distance from power supply filter. ** = Co is not needed for stability; however, it does improve transient response.
Absolute Maximum Rating
Input Voltage Input Voltage Power Dissipation TO-220 TO-220 ITO-220 Operating Junction Temperature Range Storage Temperature Range Note : * TS7905 to TS7918 ** TS7924 *** Follow the derating curve Vin * Vin ** Without heatsink Pt *** Without heatsink TJ TSTG - 35 - 40 2 15 10 0 ~ +150 -65 ~ +150
o o o
V V
C/W
C C
TS7900 series
1-7
2003/12 rev. A
TS7905 Electrical Characteristics
(Vin= -10V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output voltage
Symbol
o
Test Conditions
Tj=25 C -7.5VVin -20V, 10mAIout1A, PD15W
Min
-4.80 -4.75
Typ
-5 -5
Max
-5.20 -5.25
Unit
V
Vout
Line Regulation
REGline
Tj=25 C
o
o
-7.5VVin-25V -8VVin-12V 10mAIout1A 250mAIout750mA
o
--------
3 1 15 5 4 --40 74 2 2.1 -1
100 50 100 50 8 1.3 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Tj=25 C
Iout=0, Tj=25 C -7.5VVin-25V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -8VVin-18V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-62 ----
C
TS7906 Electrical Characteristics
(Vin=-11V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -8.5VVin-21V, 10mAIout1A, PD15W
Min
-5.75 -6.3
Typ
-6 -6
Max
-6.25 -6.3
Unit
V
Vout
Line Regulation
REGline
Tj=25 oC Tj=25 oC
-8.5VVin-25V -9VVin-13V 10mAIout1A 250mAIout750mA
o
--------
5 1.5 14 4 4 --44 73 2 2.1 -1
120 60 120 60 8 1.3 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Iout=0, Tj=25 C -8.5VVin-25V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -9VVin-19V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-60 ----
C
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
TS7900 series
2-7
2003/12 rev. A
TS7908 Electrical Characteristics
(Vin=-14V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -10.5VVin-23V, 10mAIout1A, PD15W
Min
-7.69 -7.61
Typ
-8 -8
Max
-8.32 -8.40
Unit
V
Vout
Line Regulation
REGline
Tj=25 C
o
o
-10.5VVin-25V -11VVin-17V 10mAIout1A 250mAIout750mA
o
--------
6 2 12 4 4 --52 72 2 2.1 -1
160 80 160 80 8 1 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Tj=25 C
Iout=0, Tj=25 C -10.5VVin-25V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -11VVin-21V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-56 ----
C
TS7909 Electrical Characteristics
(Vin=-15V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -11.5VVin-23V, 10mAIout1A, PD15W
Min
-8.65 -8.57
Typ
-9 -9
Max
-9.36 -9.45
Unit
V
Vout
Line Regulation
REGline
Tj=25 oC Tj=25 oC
-11.5VVin-26V -12VVin-17V 10mAIout1A 250mAIout750mA
o
--------
6 2 12 4 4 --58 71 2 2.1 -1
180 90 180 90 8 1 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Iout=0, Tj=25 C -11.5VVin-26V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -12VVin-22V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-56 ----
C
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
TS7900 series
3-7
2003/12 rev. A
TS7912 Electrical Characteristics
(Vin=-19V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -14.5VVin-27V, 10mAIout1A, PD 15W
Min
-11.53 -11.42
Typ
-12 -12
Max
-12.48 -12.60
Unit
V
Vout
Line Regulation
REGline
Tj=25 C
o
o
-14.5VVin-30V -15VVin-19V 10mAIout1A 250mAIout750mA
--------
10 3 12 4 4 --75 70 2 2.1 -1
240 120 240 120 8 1 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Tj=25 C
o
Tj=25 C, Iout=0 -14.5VVin-30V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, 15VVin25V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-55 ----
C
TS7915 Electrical Characteristics
(Vin=-23V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -17.5VVin-30V, 10mAIout1A, PD 15W
Min
-14.42 -14.28
Typ
-15 -15
Max
-15.60 -15.75
Unit
V
Vout
Line Regulation
REGline
Tj=25 oC Tj=25 oC
o
-17.5VVin-30V -18VVin-22V 10mAIout1A 250mAIout750mA
--------
12 3 12 4 4 --90 69 2 2.1 -1
300 150 300 150 8 1 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Tj=25 C, Iout=0 -17.5VVin-30V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -18VVin-28V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-54 ----
C
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
TS7900 series
4-7
2003/12 rev. A
TS79818 Electrical Characteristics
(Vin=-27V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -21VVin-33V, 10mAIout1A, PD 15W
Min
-17.30 -17.14
Typ
-18 -18
Max
-18.72 -18.90
Unit
V
Vout
Line Regulation
REGline
Tj=25 C
o
o
-21VVin-33V -22VVin-26V 10mAIout1A 250mAIout750mA
--------
15 5 12 4 4 --110 68 2 2.1 -1
360 180 360 180 8 1 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Tj=25 C
o
Tj=25 C, Iout=0 -21VVin-33V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -21VVin-31V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-53 ----
C
TS7824 Electrical Characteristics
(Vin=-33V, Iout=500mA, 0 C Tj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C -27VVin-38V, 10mAIout1A, PD 15W
Min
-23.07 -22.85
Typ
-24 -24
Max
-24.96 -25.20
Unit
V
Vout
Line Regulation
REGline
Tj=25 oC Tj=25 oC
-27VVin-38V -28VVin-32V 10mAIout1A 250mAIout750mA
o
--------
18 6 12 4 4 --170 65 2 2.1 -1
480 240 480 240 8 1 0.5 -----uV dB V A mV/
o
mV
Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGload Iq lq Vn RR Vdrop Io peak Vout/Tj
Iout=0, Tj=25 C -27VVin-38V 10mAIout1A 10Hzf100KHz, Tj=25 C f=120Hz, -27VVin-37V Iout=1.0A, Tj=25 C Tj=25 C Iout=10mA, 0 C Tj125 C
o o o o o
mA
-50 ----
C
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
TS7900 series
5-7
2003/12 rev. A
Electrical Characteristics Curve
FIGURE 1 - Worst Case Power Dissipation v.s. Ambient Temperature FIGURE 2 - Peak Output Current v.s. Input-Output Differential Voltage
FIGURE 3 -Ripple Rejection v.s. Frequency
FIGURE 4 -Ripple Rejection v.s. Output Voltage
FIGURE 5 -Output Voltage v.s. Junction Temperature
FIGURE 6 -Quiescent Current v.s. Temperature
TS7900 series
6-7
2003/12 rev. A
TO-220 Mechanical Drawing
A
B
C
K L
DIM
TO-220 DIMENSION MILLIMETERS MIN MAX 10.000 3.240 2.440 0.381 2.345 4.690 12.700 8.382 14.224 3.556 0.508 27.700 2.032 0.255 5.842 10.500 4.440 2.940 6.350 1.106 2.715 5.430 14.732 9.017 16.510 4.826 1.397 29.620 2.921 0.610 6.858 INCHES MIN MAX 0.394 0.128 0.096 0.015 0.092 0.092 0.500 0.330 0.560 0.140 0.020 1.060 0.080 0.010 0.230 0.413 0.175 0.116 0.250 0.040 0.058 0.107 0.581 0.355 0.650 0.190 0.055 1.230 0.115 0.024 0.270
P
A B C D
J I
M
E F G H I J K L M N
D H F G E
O N
TS7900 series 7-7
O P
ITO-220 Mechanical Drawing
ITO-220 DIMENSION DIM A B C D E F G H I J K L M N O MILLIMETERS MIN MAX 10.04 10.07 6.20 (typ.) 2.20 (typ.) 1.40 (typ.) 15.0 0.52 2.35 13.50 1.11 2.60 4.49 15.20 0.54 2.73 13.55 1.49 2.80 4.50 INCHES MIN MAX 0.395 0.396 0.244 (typ.) 0.087 (typ.) 0.055 (typ.) 0.591 0.020 0.093 0.531 0.044 0.102 0.176 0.598 0.021 0.107 0.533 0.058 0.110 0.177
1.15 (typ.) 3.03 3.05 2.60 6.55 2.80 6.65
0.045 (typ.) 0.119 0.120 0.102 0.258 0.110 0.262
2003/12 rev. A


▲Up To Search▲   

 
Price & Availability of TS7924CZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X