Part Number Hot Search : 
0ZA1T NCP5220 821F3109 78315 IRFB4215 KWT7331 MUR1540 KTY81220
Product Description
Full Text Search
 

To Download TS2N2222ACXRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS2N2222A
General Purpose NPN Transistor
Pin assignment: 1. Base 2. Emitter 3. Collector
BVCEO = 40V Ic = 600mA VCE (SAT), = 0.2V(typ.) @Ic / Ib = 500mA / 50mA
Features
Driver stage of AF amplifier. General purpose switching application
Ordering Information
Part No. TS2N2222ACX RF Packing Package 3kpcs / Reel SOT-23
Structure
Epitaxial planar type.
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw = 380uS, Duty <= 2%
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Limit
60V 40V 6 0.6 225 +150 - 55 to +150
Unit
V V V A mW
o o
C C
Electrical Characteristics
Ta = 25 oC unless otherwise noted
Parameter Static
Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage DC Current Transfer Ratio Transition Frequency Output Capacitance
Conditions
IC = 100uA, IE = 0 IC = 1mA, IB = 0 IE = 10uA, IC = 0 VCB = 20V, IE = 0 VEB = 4V, IC = 0 IC / IB = 150mA / 15mA IC / IB = 500mA / 50mA VCE = 1V, IC = 0.15A VCE =10V, IC=20mA, f=100MHz VCB = 5V, f=1MHz
Symbol
Min
60 40 6 ----100 ---
Typ
------0.20 -250 --
Max
---0.1 0.1 0.4 0.75 300 -6.5
Unit
V V V uA uA V V MHz pF
BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT)1 VCE(SAT)2 hFE fT Cob
Note : pulse test: pulse width <=380uS, duty cycle <=2%
TS2N2222A
1-1
2003/12 rev. A
Electrical Characteristics Curve
TS2N2222A
2-2
2003/12 rev. A
SOT-23 Mechanical Drawing
A B
F
DIM A B C D E SOT-23 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.80 3.04 0.110 0.120 0.30 0.50 0.012 0.020 1.70 2.30 0.067 0.091 0.25 0.65 0.010 0.026 1.2 1.60 0.047 0.063 0.89 0.08 1.30 0.17 0.035 0.003 0.051 0.006
E
G
F G
D
C
TS2N2222A
3-3
2003/12 rev. A


▲Up To Search▲   

 
Price & Availability of TS2N2222ACXRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X