Part Number Hot Search : 
2A104J F10JC6 DTC114Y SMA64 2N649 B1012 50502 IR3220
Product Description
Full Text Search
 

To Download TS2418CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS2418
Telephone tone ringer with bridge diode
Supply Voltage 26V (max.) Calling Voltage (f=50Hz) Continuous
General Description
The TS2418 is a monolithic integrated circuit telephone tone ringer with bridge diode, when coupled with an appropriate transducer, it replaces the electromechanical bell. This device is designed for use with either a piezo transducer or an inexpensive transformer coupled speaker to produce a pleasing tone composed of a high frequency (fR) alternating with a low frequency (fL) resulting in a warble frequency. The supply voltage is obtained from the AC ring signal and the circuit is designed so that noise on the line or variation of the ringing signal can not affect correct operation of the device.
Features
On chip high voltage full wave diode bridge rectifier. Low current consumption, in order to allow the parallel operation of the 4 devices. Low external component count. Tone and switching frequencies adjustable by external components. High noise immunity due to built-in voltage current hysteresis. Activation voltage adjustable. Internal zener diodes to protect against over voltages. Ringer impedance adjustable with external components.
Ordering Information
Part No.
TS2418CD TS2418CS
Operating Temp.
o -20 ~ +70 C
Package
DIP-8 SOP-8
Block Diagram
TS2418
1-4
2004/09 rev. A
Absolute Maximum Rating
Description
Calling Voltage (f=50Hz) Continuous Calling Voltage (f=50Hz) 5 Sec ON/10 Sec OFF Supply Current Operating Temperature Storage and Junction Temperature
Symbol
VTP VTP ICC TOP Tstg
Value
120 200 22 -20~+70 -65~+150
Unit
Vrms Vrms mA
0 0
C C
Note: *Maximum Rating are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
Recommended Operating Conditions
Description
Supply Voltage
Symbol
VCC
Min --
Max
26
Unit
V
0 -20 +70 Operating Temperature TA C Note: This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC ). Unused output must be left open.
Electrical Characteristics (Ta=25 C unless otherwise specified)
0
Parameter
Supply Voltage Current Consumption without Load Activation Voltage Activation Voltage Range Sustaining Voltage Differential Resistance in Off Condition Output Voltage Swing Short Circuit Current
Symbol VCC ICC VON VONR VSUS RD VOUT IOUT
Test Conditions
Vs = 8.8 to 26V
Min
--12.2
Typ
-1.5 ----VCC-3 35
Max
26 1.8 13 10 8.8 ----
Unit
V mA V V V K V mA
RA=1K
8.0 8.0 6.4 --
Vs=26V
--
AC Operation
Output Frequency fH1 fH2 fH1 Range Sweep Frequency fL fH1 fH2 VCC =26V,R1=14K VCC =0V VCC =6V R1=27K to 1.7 K R1=14K,C1=100nF 0.1 -2300 1700 -10 15 -Hz Hz KHz Hz
TS2418
2-4
2004/09 rev. A
Test and Application Circuit
.
Description:
The TS2418 tone ringer derives its power supply by rectifying the AC ringing signal. It uses this power to activate two tone generators. The two tone frequencies generated are switched by internal oscillator in a fast sequence and made audible across an output amplifier in the loudspeaker; both tone frequencies and the switching frequency can be externally adjusted. The device can drive either directly a piezo ceramic converter (buzzer) or small loudspeaker. In case of using a loud-speaker, a transformer is needed. An internal shunt voltage regulator provides DC voltage to the output stage, low frequency oscillator, and high f frequency oscillator. To protect the IC from telephone line transients, a zener Diode is included.
TS2418
3-4
2004/09 rev. A
SOP-8 Mechanical Drawing
A
DIM SOP-8 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 4.80 5.00 0.189 0.196 3.80 4.00 0.150 0.157 1.35 1.75 0.054 0.068 0.35 0.49 0.014 0.019 0.40 1.25 0.016 0.049 1.27 (typ) 0.05 (typ) 0.10 0.25 0.004 0.009 0o 7o 0o 7o 5.80 6.20 0.229 0.244 0.25 0.50 0.010 0.019
16
9 B P
1
8
G C D K
M
R
F
A B C D F G K M P R
DIP-8 Mechanical Drawing
A
DIP-8 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 9.07 9.32 0.357 0.367 6.22 6.48 0.245 0.255 3.18 4.45 0.125 0.135 0.35 0.55 0.019 0.020 2.54 (typ) 0.10 (typ) 0.29 0.31 0.011 0.012 3.25 3.35 0.128 0.132 7.75 8.00 0.305 0.315 10o 10o
8
5
DIM
B
1 4
L
C K G D
M
J
A B C D G J K L M
TS2418
4-4
2004/09 rev. A


▲Up To Search▲   

 
Price & Availability of TS2418CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X