Part Number Hot Search : 
HD74LV2 E13007 SB160S TS7809 CF553K5 TS7809 ONTROL BL2000
Product Description
Full Text Search
 

To Download TQ7625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Product Information
WIRELESS COMMUNICATIONS DIVISION
Preliminary: Subject to change without notice
3V HBT TDMA Power Amplifier IC
Selected Electrical Characteristics
Test Conditions: VCC = +3.5 V, TC = 25C, VBIAS=2.75V
Parameter Usable Frequency Range TDMA Output Power TDMA Power Added Efficiency ACP, Pout = +28 dBm ALT, Pout = +28 dBm Large Signal Gain Small Signal Gain (Vmode=low) Receive Band Noise Quiescent Current, uses Vmode Switching Vmode, Externally Switched. Vmode= low Vmode= high POUT <=+15dBm POUT =+28dBm 0 2.65 Min. 1850 28 40 -30 -53 27.5 26 -92 60 80 0 2.75 -45 -55 0.3 2.85 Typ. Max. 1910 Units MHz dBm % dBc dBc dB dB dBm/30KHz mA mA V V dBc dBc
TQ7625
Primary Application(s)
* * IS-136 Mobile Phones Dual Band Mobile phones
Key Features
* * * * * * High Efficiency Low Quiescent Current, Mode Selectable Small size 3x3 mm leadless package Few external components Excellent ACP Performance Single +2.7V Supply
Second Harmonic, POUT =+28dBm Third Harmonic, POUT =+28dBm
Application Circuit, US PCS Band
VCC 2
Package: 3x3 mm
Leadless 16 pin
3.0 mm
V CC 1
V CC1 GND GND GND
GND
16
15
14
13
RFOUT
RF Input
50 OhmLine
RFIN
TQ7625
GND
RFOUT
50 Ohm
RF Output
1
12
RFOUT RFOUT Vmode
Bypass
V REG V REG Vbias V bias
GND
2 GND 3
11
3.0 mm
10
4
9
V mode
5 6 7 8
TQS Wireless Communications 2300 NE Brookwood Parkway Hillsboro, OR 97124
(503) 615-9000 FAX:(503) 615-8900 05/17/01 REV. 4


▲Up To Search▲   

 
Price & Availability of TQ7625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X