Part Number Hot Search : 
1N6165US AV2BI DBLS206G A1050 ADM220 4AX103V1 SS4036G LOV196
Product Description
Full Text Search
 

To Download TQ1422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TQ1422
(Advanced data sheet)
GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
Package Outline:
Features: * * * * * * * * Low insertion loss High suppression of 2nd,3rd , 4th harmonics High selectivity Balanced to single-ended operation GSM Input: 310 Ohm balanced PCN/PCS Input: 80 Ohm balanced 50 single-ended output impedances. Integrated DC-biasing to input MLP 10L 3x3 package (3x3mm)
Dimensions in mm
Application:
TX H2,H3,H4-Bandpass Filter / Balun for GSM850/900 and DCS/PCS systems
Description:
TQ1422 is a quadband capable TX bandpass filter for GSM850/E-GSM/DCS1800/PCS1900 applications. The integrated passive filter provides an optimum interface between the TQM7M4011/4012/4014 Power Amplifier Modules and direct conversion transceiver with balanced outputs. TQ1422 replaces up to 17 surface-mount components [including 2 Baluns and/or SAW filter] typically required on the phone board to provide similar functionality. High value inductors to supply open collector modulators are integrated.
Copyright (c) 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 1.17 2004-08-06)
All specifications subject to change without notice
1
Absolute Maximum Ratings:
Parameter Maximum input power Maximum bias current GSM Maximum bias current PCN/PCS Operation temperate range Storage temperature range
Min
Max 25 50mA(Rmax=2Ohm) 50mA(Rmax=1.5Ohm)
Unit dBm mA mA C C
-40 -60
+85 +150
Schematic:
Copyright (c) 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 1.17 2004-08-06)
All specifications subject to change without notice
2
Electrical Specifications Low Band GSM850 / E-GSM (T= 25C)
Passband Parameter Passband Insertion attenuation Insertion attenuation T= 85C Ripple in Passband [any 40MHz] Differential input conductance Differential input susceptance Single ended output impedance Amplitude balance Phase balance Inband VSWR Input Inband VSWR Output 0.075 1 / 310 -0.85 50 0.15 180 1.2 1.6 1.4 1.8 Min. Typ. 824-915 1.90 2.1 2.25 0.20 Max. Unit MHz dB dB dB S pF dB deg
Stoppband Parameter (ZDIFF=310||-0.85pF;ZCOMMON=50;ZOUTPUT=50) Attenuation Differential Mode Dc ... 300 MHz 1648 ... 1668 MHz 1760 ... 1850 MHz 2472 ... 2547 MHz [ 3x850 ] 2640 ... 2775 MHz [ 3x900 ] 3296 ... 3770 MHz [ 4xfc ] 2775 ... 8000 MHz Attenuation Common Mode 100 ... 1400 MHz 1648 ... 1668 MHz 1760 ... 1850 MHz 2472 ... 2547 MHz [ 3x850 ] 2640 ... 2775 MHz [ 3x900 ] 3296 ... 3770 MHz [ 4xfc ] 2775 ... 5000 MHz 5000 ... 8000 MHz Min. 5 10 17 40 40 30 20 Min. 30 30 30 30 25 17 17 5 Typ. 10 15 22 45 45 35 25 Typ. 35 35 35 35 30 22 22 10 Max. Max. Unit dB dB dB dB dB dB dB Unit dB dB dB dB dB dB dB dB
Copyright (c) 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 1.17 2004-08-06)
All specifications subject to change without notice
3
Electrical Specifications High Band DCS1800 / PCS1900 (T= 25C)
Passband Parameter Passband Insertion attenuation Insertion attenuation T= 85C Ripple in Passband [any 80MHz] Differential input conductance Differential input susceptance Single ended output impedance Amplitude balance Phase balance Inband VSWR Input Inband VSWR Output 0.25 1 / 80 -0.8 50 0.8 175 1.2 1.4 1.4 1.6 Min. Typ. 1710-1910 2.6 3.1 3.3 0.35 Max. Unit MHz dB dB dB S pF dB deg
Stoppband Parameter (ZDIFF=80||-0.80pF;ZCOMMON=50;ZOUTPUT=50) Attenuation Differential Mode Dc ... 600 MHz 3420 ... 5130 MHz 5130 ... 5730 MHz [ 3xfc ] 5730 ... 10000 MHz Attenuation Common Mode 100 ... 1710 MHz 1710 ... 1910 MHz 1910 ... 3420 MHz 3420 ... 3820 MHz [ 2xfc ] 3820 ... 6840 MHz 6840 ... 7640 MHz [ 4xfc ] 7640 ... 10000 MHz Min. 5 20 33 25 Min. 8 15 25 28 28 18 5 Typ. 7 25 40 32 Typ. 13 20 30 33 33 25 10 Max. Max. Unit dB dB dB dB Unit dB dB dB dB dB dB dB
Copyright (c) 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 1.17 2004-08-06)
All specifications subject to change without notice
4
Pin Out:
Pin #
Description
Function
1 2 3 4 5 6 7 8 9 10 (11)
1
DCS_IN1 DCS balanced input , 80Ohm || -0.8pF @ 1810MHz DCS_IN2 VCC1 GSM_IN1 GSM balanced input, 310Ohm || -0.85pF @ 875MHz GSM_IN2 GSM_OUT GND VCC2 GND DCS_OUT Heat sink GSM single ended output, 50Ohm GSM isolated GND *)2 Input bias voltage *)1 DCS isolated GND *)2 DCS single ended output, 50Ohm Common GND Input bias voltage *)1
*) Either VCC1 or VCC2 needs to be connected. VCC1 and VCC2 are alternate inputs short-circuited on TQ1422. *)2 Isolated GND pins must not be connected to the heat sink directly. Use (separated) vias to connect to the PCB RF ground plane as close as possible !
Copyright (c) 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 1.17 2004-08-06)
All specifications subject to change without notice
5
Typical Performance
* GSM 850 / E-GSM:
Differential Mode: Transmission S21 [dB]
0 0
Common Mode: Transmission S21 [dB]
-10
-10
-20
-20
db(S(2,1))
-30
db(S(2,1))
0 1 2 3 4 5 6 7 8 9 10
-30
-40
-40
-50
-50
-60
-60 0 1 2 3 4 5 6 7 8 9 10
freq, GHz
freq, GHz
*
DCS1800 / PCS1900:
Differential Mode: Transmission S21 [dB]
0 0
Common Mode: Transmission S21 [dB]
-10
-10
-20
-20
db(S(2,1))
db(S(2,1))
-30
-30
-40
-40
-50
-50
-60 0 1 2 3 4 5 6 7 8 9 10
-60 0 1 2 3 4 5 6 7 8 9 10
freq, GHz
freq, GHz
Copyright (c) 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 1.17 2004-08-06)
All specifications subject to change without notice
6


▲Up To Search▲   

 
Price & Availability of TQ1422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X