Part Number Hot Search : 
CLL4690 06N60 DMF09RF BU401 NCV4276 47M63V 3CD4C 1N5244B
Product Description
Full Text Search
 

To Download TPES22-300080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
FEATURES:
UNIVERSAL AC SOURCES DESKTOP IEC320 AC RECEPTACLE MEDICAL STANDARDS EN6061/UL2601 EMI MEET EN55022 / FCC CLASS B CE MARKING COMPLIANCE
TOTAL POWER INT'L
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac. Input Connector: IEC320-3P DT7 AC receptacle. Input Frequency: 47-63Hz. Inrush Current: 35A @ 230Vac. typical or less than 30A by adding thermister. Input Current: Typ. 0.38A @ 115Vac. & 0.15A @ 230Vac. Dielectric Withstand: Meet IEC601. EMI: Meet EN 55022 Class B. Hold-up Time: Typ.16mS @115Vac. or 64mS @230Vac. Earth Leakage: Less than 0.1 mA.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 22-24W typical. Output Connector & Cord: Optional. Line Regulation: Typ. 0.1%. Load Regulation: Typ. 1.5-3.0 %. Noise & Ripple: Typ.1.0% peak to peak. OVP: Built-in, by latched circuit. Adjustability: Factory set. Overload Protection: Typ.115-130% of max. power of overrange or short circuit, power foldback & self-recovering. Operating Temperature: 0 to +40C. Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04% /C. Cooling: Free air convection. Construction: Impact resistant thermo- plastic enclosure case. Desktop construction format.
GENERAL SPECIFICATION
Efficiency: Typ. 80%. Switching Frequency: Typ. 75K Hz. Circuit Topology: Fixed Frequency flyback circuit. Transient Response: Output voltage returns in less than 3mS following a 50% load change. Safety Standard: IEC601/EN 60601/UL 2601 Class I for medical applications. Power Density: 1.75Watts / Cubic Inch.
Notes: (1) All measurements are at nominal input, full load, and +25 unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load(). (3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
In application.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -1-
MODEL NO. DESCRIPTION:TPES22 - X X X Y Y Y
OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (Total Power External Switcher) : About 22W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. TPES22-033400 TPES22-050400 TPES22-075300 TPES22-090250 TPES22-120200 TPES22-150160 TPES22-210115 TPES22-240100 TPES22-300080 AC PLUG DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 OUTPUT CURRENT (Vdc) 3.3Vdc 5.0Vdc 7.5Vdc 9.0Vdc 12.0Vdc 15.0Vdc 21.0Vdc 24.0Vdc 30.0Vdc OUTPUT CURRENT (A) 4.00A 4.00A 3.00A 2.50A 2.00A 1.60A 1.15A 1.00A 0.80A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 206.0g (6.23 Oz.).
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -2-


▲Up To Search▲   

 
Price & Availability of TPES22-300080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X