Part Number Hot Search : 
2SK40 2N6505 PA0480 H100M 2SK545 74F241SC 244630 D2225UK
Product Description
Full Text Search
 

To Download TPES09-150060-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOTAL POWER INT'L USA OR AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE
EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
FEATURES:
VERY SMALL & COMPACT IN SIZE 2-BLADE USA OR EURO-STECKER AC PLUG EMI MEET EN55022 / FCC CLASS B MEET UNIVERSAL SAFETY STANDARDS CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-132Vac or 90-264Vac. Input Connector: 2-blade USA WM1 or Euro-Stecker WM3 AC plug. Input Frequency: 47-63Hz. Inrush Current: Typical 34A @230Vac. 21A @ 230 Vac by adding the thermister. Input Current: 0.22A@115Vac. / 0.1A @ 230Vac. Dielectric Withstand: Meet IEC950. EMI: Meet EN55022 / FCC Class B. Hold-up Time: 10mS @115Vac or 40mS @230Vac typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 9 ~ 10 Watts typical. Output Connector: Optional. Line Regulation: 0.1% typical. Load Regulation: 1.5 ~3.0% typical. Noise & Ripple: Typ. 1.0% peak to peak. OVP: Built-in, Zener Diode clamping. Overload Protection: Typ. 125 ~ 150% of max. power overrange or short circuit, power foldback & self-recovering. Operating Temperature: 0 to +40C. Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04%/C. Cooling: Free air convection. Construction: Impact resistant thermo-plastic enclosure case. Wallmount Format.
GENERAL SPECIFICATION
Efficiency: 75% typical. Switching Frequency: Fixed 100K Hz. Circuit Topology: Fixed Frequency flyback circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: UL1950 / EN60950 Class II. Power Density: 1.73 Watts / Cubic Inch.
Notes: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (%). (3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
For the details of safety approval, please consult the factory.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -1-
MODEL NO. DESCRIPTION: TPES09 - X X X Y Y Y - S ( 1 )
(1) IF INPUT VOLTAGE 90-132Vac INPUT AC PLUG: [1]WM1,[3]WM3. OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (Total Power External Switcher): About 9W
OUTPUT VOLTAGE / CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc) OUTPUT VOLTAGE (Vdc)/CURRENT (A)
5.0-5.6V/1.8-1.6A, 5.7-6.0V/1.58-1.5A, 6.1-6.4V/1.47-1.4A, 6.5-6.9V/1.38-1.3A, 7.0-7.5V/1.28-1.2A, 7.6-8.2V/1.18-1.1A, 8.3-9.0V/1.08-1.0A, 9.1-10.0V/0.99-0.9A, 10.1-11.2V/0.89-0.8A, 11.3-12.8V/0.79-0.7A, 12.9-13.8V/0.69-0.65A, 13.9-15.0V/0.64-0.6A.
5.0Vdc Any Voltage 15.0Vdc
Note: Refer to the upper Chart or consult factory for the exact Model No. and V/A ratings.
SINGLE OUTPUT (Model No. for example.)
MODEL NO. TPES09-050160-1(1) TPES09-050180-1 TPES09-050180-1(1) TPES09-050180-3 TPES09-050200-1 TPES09-050200-3 TPES09-120075-1 TPES09-120075-1(1) TPES09-120075-3 TPES09-150060-1 TPES09-150060-1(1) TPES09-150060-3 AC INPUT 90-132Vac 90-264Vac 90-132Vac 90-264Vac 90-264Vac 90-264Vac 90-264Vac 90-132Vac 90-264Vac 90-264Vac 90-132Vac 90-264Vac AC PLUG WM1 WM1 WM1 WM3 WM1 WM3 WM1 WM1 WM3 WM1 WM1 WM3 O/P VOLTAGE 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 12.0V 12.0V 12.0V 15.0V 15.0V 15.0V O/P CURRENT 1.60A 1.80A 1.80A 1.80A 2.00A 2.00A 0.75A 0.75A 0.75A 0.60A 0.60A 0.60A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 113.0g (4.0 Oz)
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -2-


▲Up To Search▲   

 
Price & Availability of TPES09-150060-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X