Part Number Hot Search : 
2SC36 L63ID HC123 ST441 2SC36 TDA381 LVC540B L63ID
Product Description
Full Text Search
 

To Download TPAC200P-490O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
FEATURES:
200W 3U X 8HP EUROCARD PACKAGE MEET IEC1000-3-2 HARMONIC CORRECTION INTERNAL OR-ING DIODES FOR N+1 REDUNDANCY HOT-SWAPPABLE THIRD-WIRE CURRENT SHARING EMI MEET EN 55022 / FCC CLASS A CE MARKING COMPLIANCE FULLY COMPLIANT WITH PICMG
TOTAL POWER INT'L
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac. Power Factor Correction: Meet Harmonic Correction IEC1000-3-2.Power Factor typ. 0.96-0.98. Input Connector: Positronic 47-pin PCIH47M400A1. Input Frequency: 47-63Hz. Inrush Current: Less than 30.6A @ 230Vac. Input Current: 2.3A @115Vac/1.2A @230Vac. Dielectric Withstand: Meet IEC950 regulation. EMI: Meet EN55022 / FCC Class A. Hold-up Time: 10mS after power fail signal. Turn-on Delay/Rise Time: 1 Sec./20 mS. Earth Leakage: Less than 0.5mA @230Vac. Remote ON/OFF: Available at [INH#] & [EN#] pins. Power Fail Signal: Available at [FAL#] pin. Status LED: means valid input voltage. means a critical fault. Thermal Protection (OTP): Installed NTC and thermostat. for thermal sensor at [DEG#] pin. Leakage Current: Typ. 0.5A. Power OK Signal: Available at all output. Over Current Protection (OCP): Installed in each rail.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 200W continuous. Output Connector: Positronic 47-PIN PCIH47M400A1 connector. Line Regulation: Typ. 0.1%. Load Regulation: VO1 & VO2 typ. 1.0%. VO3 & VO4 typ. 2.0%. Noise & Ripple: Typ. 1% peak to peak or 50mV, which is greater. OVP: Built-in at all outputs. Adjustability: Available at VO1,2&3. Output Trim: Electrical trim available at VO1&2. [ADJ #]. Remote Sensing: Available at VO1,VO2 & VO3. Hot-Swap: Available. N+1 Redundancy: Installed with internal OR-ing diodes at all outputs for N+1 redundancy operation. Current Sharing: Third-wire current sharing at VO1,2 & 3. Overload Protection (OLP): Fully protected against output overload or short circuit. Typ. set at 130% max. load. Consult the factory for special OLP setting. Operating Temperature: 0 to +50 C at full load with specified air flow. Derates linearly to 50% at +70C. Storage Temperature: -40 to +85 C. Temperature Coefficient: Typ. 0.02% / C. Cooling: At least 20cfm (600 lfm) moving air is required to achieve full rating power 200W in a confined area. Power Density: 3.73 Watts/ Cubic Inch.
GENERAL SPECIFICATION
Efficiency: Typ. 76-79 %. Switching Frequency: 130K Hz. Circuit Topology: Forward circuit. Transient Response: Peak transient less than 100mV and recovers within 3mS after 25% load-change. Safety Standard: IEC60950 Class I. Construction: Eurocard 3U X 8HP X 160mm CompactPCI format. Front Panel with either Ordinary handle or Extractor handle.
Remark: All measurements are at nominal input, full load and +25C unless otherwise specifications.
In application
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -1-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
QUAD OUTPUT
MODEL NO. TPAC200P-490(E) TPAC200P-490(O)
MAIN +VO1 @#
Min. 2.0A 2.0A Typ. 25.0A 25.0A Volt. +5V +5V Max. 33.0A 33.0A
AUX. +VO2 @#
Typ. 10.0A 10.0A Volt. +3.3V +3.3V Max. 33.0A 33.0A
AUX. +VO3 #@
Typ. 3.0A 3.0A Volt. +12V +12V Max. 5.0A 5.0A Peak 6.0A 6.0A
AUX. -VO4 =
Typ. 0.5A 0.5A Volt. -12V -12V Max. 1.0A 1.0A Peak. 1.0A 1.0A
Symbol: "" OVP built-in. "@" Adjustable. "#" Remote sensing. "" 3rd- wire Load Sharing. "=" Droop Current Sharing. "" Installed with Or-ing diode. "" Magnetic Amplifier. "" Installed with Post-regulator. "" Common Choke. Remark: Peak load less than 60sec. with duty cycle <10%. Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
TPAC200P-490(E)
TPAC200P-490(O)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT LNG 47 46 45 QUAD OUTPUT VO1 S+ S- Adj. C.S. 1,2, 3,4 30 34 29 35 VO2 13,14, 15,16, 17,18 S+ Adj. C.S. VO3 33 32 41 20 STATUS/CONTROL S+ C.S VO4 DC COM EN# DEG# INH# FAL# 5,6,7,8,9, 36 44 21 10,11,12, 27 38 39 42 19,22,24
ASSIGNMENT CNTR &PIN #
Mating connector: PCIH47F400A1.
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -2-


▲Up To Search▲   

 
Price & Availability of TPAC200P-490O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X