Part Number Hot Search : 
HIP9011 M38503 57840 002FT 2SC2791 H78L24 ZMY20MTA 1E106
Product Description
Full Text Search
 

To Download TMLM10124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encapsulated Power Supply
TMLM Series
Features
AC/DC Power Modules for PCB Mounting Highest Power Density Fully encapsulated Plastic Case Universal Input 90-264 VAC, 47 - 440 Hz High Efficiency EMI meets EN 55022, Class B Low Ripple and Noise Short Circuit and Overload Protection 3 Year Product Warranty
10 Watt
The TMLM Series switching power supplies, offer highest power density in a fully encapsulated module. This feature makes these modules an ideal solution for all space critical applications in commercial and industrial electronic equipment. Full compliance to European low voltage and EMC directive, UL and cUL safety approval qualifies this product for worldwide markets. SMD-technology and a high efficiency guarantees a high reliability of these Power Supplies.
Models
Order code TMLM 10103 TMLM 10105 TMLM 10112 TMLM 10115 TMLM 10124 10 Watt Output power, max. Output voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC Output current, max. 2500 mA 2000 mA 830 mA 666 mA 420 mA
http://www.tracopower.com
Page 1 of 3
Encapsulated Power Supply
TMLM Series 10 Watt
Input Specifications
Input voltage range Input frequency Input current full load External fuse (recommended) 90 - 264 VAC or 120 - 370 VDC 47 - 440 Hz 220 mA @ 115 VAC / 150 mA @ 230 VAC 1.5 A slow blow type
Output Specifications
Voltage set accuracy Regulation Minimum load Ripple and noise (20 MHz Bandwidth) Over voltage protection Current limitation Short circuit protection Maximum capacitive load - 3.3 & 5 VDC output models: - other models: - Input variation - Load variation (5- 100%) 2% 0.3 % max. 0.5 % max. 0% < 1.5 % of Vout < 1.0 % of Vout Zener diode clamp > 120 % fold back hiccup mode, indefinite (automatic recovery) 10'000 F
General Specifications
Temperature ranges - Operating - Power derating above 50C - Storage (non operating) Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time Isolation voltage - Input/ Output - 25 C...+71 C 3.75 %/C - 40 C...+85 C 0.02 % / C 80 % (depending on model) 95 % rel max. 125 kHz typ. (Puls width modulation PWM) 15 ms min. 3`000 VAC t.b.a. EN 55022, class B - Electrostatic discharge ESD - RF field susceptibility - Electrical fast transients / bursts on mainsline Safety Class ll Safety standards Safety approval Case material IEC / EN 61000-4-2 IEC / EN 61000-4-3 IEC / EN 61000-4-4 to IEC / EN 60536 UL 60950, IEC 60950, EN 60950 cUL / UL File E188913 Plastic resin + Fiberglass (UL 94V-0 - rated) 4 kV / 8 kV 3 V/m 1 kV
Reliability /calculated MTBF (MIL-HDBK-217E) EMI / RFI conducted EMC compliance
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
Encapsulated Power Supply
TMLM Series 10 Watt
Outline Dimensions mm (inches)
(0.13)
3.4
10.16 0.3
20.32 0.3
(0.8 0.012)
AC in
Bottom view
27.2
(1.07)
- Vout +Vout
AC in
(0.4 0.012)
45.72 0.3 (1.80 0.012) 52.4
(2.06)
3.4
(0.13)
23.0
(0.91)
10
(0.39)
Pin diameter o 1.0 mm
Weight:
30 g (1.1 oz)
( ) = Inches Tolerances = 0.5mm (0.02)
Specifications can be changed without notice
Rev. 03/05
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43311 4511 * Fax +41 43311 4545 * info@traco.ch
*
www.tracopower.com
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TMLM10124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X