Part Number Hot Search : 
UF1504S D856A 6812MG09 2SK1728 AO7403 4HCT7 M29W160 BH6113FV
Product Description
Full Text Search
 

To Download TMG25D80L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRIAC(Through Hole /Non-isolated)
TMG25D80L
Triac TMG25D80L is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation.
Typical Applications
( Sensitive Gate)
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro Wave Ovens, Hair Dryers, other control applications Industrial Use : SMPS, Copier Machines, Motor Controls, Dimmer, SSR, Heater Controls, Vending Machines, other control applications
Features
IT(RMS)=25A High Surge Current Low Voltage Drop Lead-Free Package
Identifying Code T25D8L
Unit mm
Maximum Ratings
Symbol VDRM IT RMS ITSM I2t PGM PG AV IGM VGM Tj Tstg Item Repetitive Peak Off-State Voltage R.M.S. On-State Current Surge On-State Current I2t for fusing Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Operating Junction Temperature Storage Temperature Mass Reference
Tj=25
unless otherwise specified
Tc 89 One cycle, 50Hz/60Hz, Peak value non-repetitive
Ratings 800 25 225/250 260 5 0.5 2 10 40 125 40 150 5.1
Unit V A A A2S W W A V
g
Electrical Characteristics
Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth Item Repetitive Peak Off-State Current Peak On-State Voltage 1 2 Gate Trigger Current 3 4 1 2 Gate Trigger Voltage 3 4 Non-Trigger Gate Voltage
Critical Rate of Rise of Off-State Voltage at Commutation
Reference VD=VDRM, Single phase, half wave, Tj 125 IT 35A, Inst. measurement
Ratings Min. Typ. Max. 5 1.4 10 10 10 1.5 1.5 1.5
Unit mA V
mA
VD 6V RL 10
V
Tj 125 Tj 125
VD
1
2VDRM
0.2 A/ms VD 400V 10 35 1.2
V V/ s mA /W
di/dt c
Holding Current Thermal Resistance
Junction to case
Trigger mode of the triac
Mode I
Mode
I
Mode
Mode
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com
TMG25D80L
! !
! ! #
#
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of TMG25D80L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X