Part Number Hot Search : 
2SC47 KA79L15A GRM188R6 C4001 89LPC SM16JZ47 BYT230P A480C
Product Description
Full Text Search
 

To Download TMG1C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRIAC( Through Hole)
TMG1C60
Triac TMG1C60 is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation.
Typical Applications
( Sensitive Gate)
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro Wave Ovens, Hair Dryers, other control applications Industrial Use : SMPS, Copier Machines, Motor Controls, Dimmer, SSR, Heater Controls, Vending Machines, other control applications
Features
IT(RMS)=1A High Surge Current Lead-Free Package
Identifying Code T1C6 Unit mm
Maximum Ratings
Symbol VDRM IT
RMS
Tj=25
unless otherwise specified
Item Repetitive Peak Off-State Voltage R.M.S. On-State Current Surge On-State Current I t for fusing
2
Reference Tc 58 One cycle, 50Hz/60Hz, Peak value non-repetitive
Ratings 600 1 9.1/10 0.41 1 0.1 0.5 6 40 40 0.2 125 150
Unit V A A A2S W W A V
ITSM It
2
PGM PG
AV
Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Operating Junction Temperature Storage Temperature Mass
IGM VGM Tj Tstg
g
Electrical Characteristics
Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth j-c Item Repetitive Peak Off-State Current Peak On-State Voltage 1 2 3 4 1 2 3 4 Non-Trigger Gate Voltage
Critical Rate of Rise of Off-State Voltage at Commutation
Reference VD=VDRM, Single phase, half wave, Tj 125 IT 1.5A, Inst. measurement
Ratings Min. Typ. Max. 0.5 1.6 5 5 10 5 1.8 1.8 2.0 1.8
Unit mA V
Gate Trigger Current VD 6V RL 10 Gate Trigger Voltage
mA
V
Tj 125 Tj 125
VD
1
2VDRM
0.2 A/ms VD
2 3VDRM
V V/ s 4 mA 50 /W
di/dt c
2
Holding Current Thermal Resistance Junction to case
Trigger mode of the triac
Mode I
Mode
I
Mode
Mode
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com
TMG1C60
1 1 1
1
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of TMG1C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X