Part Number Hot Search : 
STK0160I AT88SC 300MFRA NJU7710 MAX38 06002 PJSR70 16C2070
Product Description
Full Text Search
 

To Download TMG16D60J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRIAC(Through Hole / Isolated)
TMG16D60J
Triac TMG16D60J is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation.
Typical Applications
( Sensitive Gate)
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro Wave Ovens, Hair Dryers, other control applications Industrial Use : SMPS, Copier Machines, Motor Controls, Dimmer, SSR, Heater Controls, Vending Machines, other control applications
Features
IT(RMS)=16A High Surge Current Low Voltage Drop Lead-Free Package
Identifying Code T16D6J
Unit mm
Maximum Ratings
Symbol VDRM IT RMS ITSM I2t PGM PG AV IGM VGM VISO Tj Tstg Item Repetitive Peak Off-State Voltage R.M.S. On-State Current Surge On-State Current I2t for fusing Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Isolation Breakdown Voltage R.M.S. Operating Junction Temperature Storage Temperature Mass Reference
Tj=25
unless otherwise specified
Tc 91 One cycle, 50Hz/60Hz, Peak value non-repetitive
A.C. 1minute
Ratings 600 16 155/170 120 5 0.5 2 10 1500 40 125 40 150 5.6
Unit V A A A2S W W A V V
g
Electrical Characteristics
Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth Item Repetitive Peak Off-State Current Peak On-State Voltage 1 2 Gate Trigger Current 3 4 1 2 Gate Trigger Voltage 3 4 Non-Trigger Gate Voltage
Critical Rate of Rise of Off-State Voltage at Commutation
Reference VD=VDRM, Single phase, half wave, Tj 125 IT 25A, Inst. measurement
Ratings Min. Typ. Max. 2 1.4 10 10 10 1.5 1.5 1.5
Unit mA V
mA
VD 6V RL 10
V
Tj 125 Tj 125
VD
1
2VDRM
0.2 A/ms VD
2 3VDRM
V V/ s 25 1.8 mA /W
di/dt c
10
Holding Current Thermal Resistance
Junction to case
Trigger mode of the triac
Mode I
Mode
I
Mode
Mode
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com
TMG16D60J
3 1 1 1 1 3
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of TMG16D60J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X