Part Number Hot Search : 
2N5905 TA8880CN 40008 HS9148 W064T SM2Z150 AR3510 1N4749A
Product Description
Full Text Search
 

To Download TLYH17TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Toshiba TLxH17 Series LEDs
Features 5mm Package InGaAlP Technology All Plastic Mold Type Transparent Lens High Intensity Light Emission Excellent Low Current Light Output Applications Backlight Safety Equipment Traffic Signals
Series Line-Up
Part Number TLOH17TP TLRMH17TP TLSH17TP TLYH17TP Color Ultra Bright Orange Ultra Red Ultra Bright High Efficency Red Ultra Bright Yellow Material InGaAlP InGaAlP InGaAlP InGaAlP
Maximum Ratings (Ta=25oC)
Part Number TLOH17TP TLRMH17TP TLSH17TP TLYH17TP Unit Forward Current IF 50 50 50 50 mA Reverse Voltage VR 4.00 4.00 4.00 4.00 V Power Dissipation PD Operating Temperature Topr Storage Temperature Tstg 120.00 120.00 120.00 120.00 mW -40 ~ 100 -40 ~ 100 -40 ~ 100 -40 ~ 100
o
-40 ~ 120 -40 ~ 120 -40 ~ 120 -40 ~ 120
o
C
C
Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314
Toshiba TLxH17 Series LEDs
Electrical and Optical Characteristics (Ta=25 C)
Part Number PWL nm P Material View Angle 21/2 min. TLOH17TP TLRMH17TP TLSH17TP TLYH17TP - 612 636 623 590 nm InGaAlP InGaAlP InGaAlP InGaAlP - 20 20 20 20
o o o o
o
Luminous Intensity Iv typ. 5000.00 3200.00 4500.00 4800.00 mcd max. IF@ - 20mA - 20mA - 20mA - 20mA - min. - - - -
Forward Voltage VF typ. 2.00 1.90 2.00 2.00 V max. IF@
Rev Current IR max. 50 50 50 50 A - VR@ 4V 4V 4V 4V
1530.00 850.00 1530.00 1530.00
2.40 20mA 2.40 20mA 2.40 20mA 2.40 20mA -
deg
Precautions * Soldering temperature: 260C max, soldering time: 3 s max (soldering portion of lead: up to 2 mm from the body of the device). * If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to the resin. Soldering should be performed after lead forming. * This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.
NOTICE: * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. * In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314


▲Up To Search▲   

 
Price & Availability of TLYH17TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X