Part Number Hot Search : 
2SA30 MS05J 37509 PD0250 STK6328A 6DQ6B 03140 C90GK1
Product Description
Full Text Search
 

To Download TLVB4200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
TLVB4200
Vishay Semiconductors
Backlighting Blue LED, 3 mm Tinted Non-Diffused Package
Description
The TLVB4200 series was developed for backlighting. Due to its special shape the spatial distribution of the radiation is qualified for backlighting. To optimize the brightness of backlighting a custombuilt reflector (with scattering) is required. Uniform illumination can be enhanced by covering the front of the reflector with diffusor material. This is a flexible solution for backlighting different areas.
19231
e3 Pb
Pb-free
Features
* * * * * * * * * * High light output Wide viewing angle (Backlighting) Categorized for luminous flux Tinted clear package Low power dissipation Low self heating Rugged design High reliability ESD class 1 Lead-free device
Applications
Backlighting of display panels, LCD displays, symbols on switches, keyboards, graphic boards and measuring scales Illumination of large areas e.g. dot matrix displays
Parts Table
Part TLVB4200 Color, Luminous Intensity Blue, V > 25 mlm Angle of Half Intensity () 85 Technology GaN on SiC
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified TLVB4200 Parameter Reverse voltage DC Forward current Surge forward current Power dissipation Junction temperature Operating temperature range Tamb 60 C tp 10 s Tamb 60 C Test condition Symbol VR IF IFSM PV Tj Tamb Value 5 20 0.1 100 100 - 40 to + 100 Unit V mA A mW C C
Document Number 83135 Rev. 1.4, 31-Aug-04
www.vishay.com 1
TLVB4200
Vishay Semiconductors
Parameter Storage temperature range Soldering temperature Thermal resistance junction/ ambient t 5 s, 2 mm from body Test condition Symbol Tstg Tsd RthJA Value - 40 to + 100 260 400
VISHAY
Unit C C K/W
Optical and Electrical Characteristics
Tamb = 25 C, unless otherwise specified
Blue
TLVB4200 Parameter Luminous intensity Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage Test condition IF = 15 mA IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 A Symbol IV d p VF VR 5 Min 25 Typ. 38 466 428 85 3.9 4.5 Max Unit mlm nm nm deg V V
Typical Characteristics (Tamb = 25 C unless otherwise specified)
125
P - Power Dissipation ( mW ) V IF - Forward Current ( mA )
60 50 40 30 20 10 0
15884
100 75 50 25 0
0
20
40
60
80
100
0
20
40
60
80
100
95 10904
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for InGaN
www.vishay.com 2
Document Number 83135 Rev. 1.4, 31-Aug-04
VISHAY
TLVB4200
Vishay Semiconductors
I Vrel - Relative Luminous Intensity
100
I F - Forward Current ( mA )
10
1
10
0.1
1 0
15846
1
2
3
4
5
6
7
8
0.01
15848
1
10 I F - Forward Current ( mA )
100
V F - Forward Voltage ( V )
Figure 3. Forward Current vs. Forward Voltage
Figure 5. Relative Luminous Flux vs. Forward Current
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -10
I F = 10 mA
I Vrel - Relative Luminous Intensity (%)
I Vrel - Relative Luminous Intensity
1.6
120 I F = 10 mA 100 80 60 40 20 0 350
0 10 20 30 40 50 60 70 80 90 100 Tamb - Ambient Temperature ( C )
15849
400
450
500
550
600
15847
- Wavelenght ( nm )
Figure 4. Rel. Luminous Flux vs. Ambient Temperature
Figure 6. Relative Intensity vs. Wavelength
0
I v rel - Relative Luminous Intensity
10
20
30
40
50
60 70 80 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 0.8 1.0
96 11608
Figure 7. Rel. Luminous Intensity vs. Angular Displacement for 90 Emission Angle
Document Number 83135 Rev. 1.4, 31-Aug-04
www.vishay.com 3
TLVB4200
Vishay Semiconductors Package Dimensions in mm
VISHAY
9510954
www.vishay.com 4
Document Number 83135 Rev. 1.4, 31-Aug-04
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
TLVB4200
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 83135 Rev. 1.4, 31-Aug-04
www.vishay.com 5


▲Up To Search▲   

 
Price & Availability of TLVB4200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X