Part Number Hot Search : 
CLC3801 DSPIC LTD056 2CZ20 NTX1N 1000000 TC74AC C2020
Product Description
Full Text Search
 

To Download TLP250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP250(INV)
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP250(INV)
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
The TOSHIBA TLP250(INV) consists of a GaAlAs light emitting diode and a integrated photodetector. This unit is 8-lead DIP. TLP250(INV) is suitable for gate driving circuit of IGBT or power MOS FET. l Input Threshold Current l Supply Current(ICC) l Supply Voltage(VCC) l Output Current(IO) l Isolation Voltage l UL Recognized l Option(D4) VDE Approved : DIN VDE0884/06.92 Certificate No.76823 Maximum Operating Insulation Voltage : 630VPK Highest Permissible Over Voltage : 4000VPK (Note):When a VDE0884 approved type is needed, Please designate the "Option(D4)" l Creepage Distance Clearance : 6.4mm(MIN) : 6.4mm(MIN) : IF=5mA(MAX) : 11mA(MAX) : 10~35V : 2.0A(MAX) : 2500Vrms : UL1577,File No.E67349 TOSHIBA Weight: 0.54 g 11-10C4 Unit in mm
l Switching Time(tpLH/tpHL) : 0.5s(MAX)
TRUTH TABLE
Tr 1 INPUT LED ON OFF ON OFF Tr 2 OFF ON
PIN CONFIGURATION(TOP VIEW)
1:N.C. 2: ANODE 3:CATHODE 4:N.C. 5:GND 6:VO(OUTPUT) 7:VO 8:VCC
SCHEMATIC IF
2+
ICC Tr1 8 IO 6 Tr 5
VCC VO VO GND
VF
3-
A 0.1F bypass capacitor must be Connected between pin 8 and 5(See Note 5).
1
2002-06-27
TLP250(INV)
MAXIMUM RATINGS (Ta=25C)
CHARACTERISTIC Forward Current Forward Current Derating (Ta70) LED Peak Transient Forward Current Reverse Voltage Junction Temperature "H" Peak Output Current "L" Peak Output Current DETECTOR Output Voltage PW 2.5s , f15 kHz PW1.0s , f15 kHz PW2.5s , f15 kHz PW 1.0s , f15 kHz (Ta70C) (Ta=85C) (Ta70C) (Ta=85C) (Note 2) IOPL IOPH (Note 1) SYMBOL IF IF /Ta IFPT VR Tj RATING 20 -0.36 1 5 125 -1.5 -2.0 +1.5 +2.0 35 24 35 24 -0.73 -0.73 125 25 -20~85 -55~125 260 2500 A UNIT mA mA /C A V C
A
VO
V
Supply Voltage Output Voltage Derating (Ta70C) Supply Voltage Derating (Ta70C) Junction Temperature
VCC VO /Ta VCC /Ta Tj
V V /C V /C C kHz C C C Vrms
Operating Frequency Operating Temperature Range Storage Temperature Range Lead Soldering Temperature(10s) Isolation Voltage (AC,1min., R.H. 60%,Ta=25C)
(Note 3)
f Topr Tstg Tsol
(Note 4)
BVS
(Note 1) : Pulse width PW1s,300pps (Note 2) : Exporenential Waveform (Note 3) : Exporenential Waveform IOPH-1.0A (2.5s) , IOPL+1.0A (2.5s) (Note 4) : Device considerd a two terminal device : pins 1,2,3 and 4 shorted together and pins 5,6,7 and 8 shorted together. (Note 5) : A ceramic capacitor(0.1F) should be connected from pin 8 to pin 5 to stabilize the operation of the high gain linear amplifier.Failure to provide the bypassing may impair the switching proparty.The total lead length between capacitor and coupler should not exceed 1cm.
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC Input Current, ON Input Voltage, OFF Supply Voltage Peak Output Current Operating Temperature SYMBOL IF (ON) VF (OFF) VCC IOPH / IOPL Topr MIN 7 0 15 -- -20 TYP. 8 -- -- -- 25 70 30 0.5 85 MAX 10 0.8 20 UNIT mA V V A C
2
2002-06-27
TLP250(INV)
ELECTRICAL CHARACTERISTICS (Ta = -20~70C,Unless otherwise specified)
CHARACTERISTIC Input Forward Voltage Temperature Coefficient of Forward Voltage Input Reverse Current Input Capacitance "H" Level Output Current "L" Level IOPL VOH 1 SYMBOL VF VF /Ta IR CT IOPH TEST CIRCUIT -- -- -- -- 2 TEST CONDITION IF = 10 mA, Ta = 25C IF = 10 mA VR = 5 V, Ta = 25C V = 0, f = 1 MHz, Ta = 25C VCC = 30 V (*1) IF = 10 mA V8-6 = 4 V IF = 0 V6-5 = 2.5 V MIN -- -- -- -- -1.0 1.0 TYP. 1.6 -2.0 -- 45 -1.5 2 MAX 1.8 -- 10 250 -- A -- -- V -- -14.2 -12.5 UNIT V mV /C A pF
"H" Level Output Voltage "L" Level
3
VCC1 = +15 V VEE1 = -15 V RL = 200, IF = 5 mA VCC1 = +15 V VEE1 = -15 V RL = 200, VF = 0.8 V IF = 10 mA Ta = 25C VCC = 30 V IF = 10 mA IF = 0 mA Ta = 25C IF = 0 mA
11
12.8
VOL
4
"H" Level Supply Current "L" Level
ICCH
--
-- -- -- -- --
7 -- 7.5 -- 1.2
-- 11 -- 11 5
mA
ICCL
--
mA
Threshold Input Current Threshold Input Voltage Supply Voltage Capacitance (Input-Output) Resistance (Input-Output)
LH
IFLH --
VCC1 = +15 V VEE1 = -15 V RL = 200, VO > 0V VCC1 = +15 V VEE1 = -15 V RL = 200, VO < 0V -- VS = 0, f = 1 MHz, Ta = 25C VS = 500 V, Ta = 25C R.H.60%
mA
HL
VFHL VCC CS RS -- -- --
0.8 10 -- 1x1012
-- -- 1.0 1014
-- 35 2.0 --
V V pF
(*) : All typical values are at Ta=25C (*1) : Duration of IO time 50s
3
2002-06-27
TLP250(INV)
SWITCHING CHARACTERISTICS
CHARACTERISTIC Propagation Delay Time Switching Time Dispersion between ON and OFF Output Rise Time Output Fall Time Common Mode Transient Immunity at High Level Output Common Mode Transient Immunity at Low Level Output LH HL SYMBOL tpLH tpHL |tpHL-tpLH| tr tf CMH 6 CML VCM = 1000 V, IF = 0 mA VCC = 30 V, Ta = 25C 15000 -- -- V /s VCM = 1000 V, IF = 8 mA VCC = 30 V, Ta = 25C 5 IF = 8 mA, VCC = 15 V RL = 20, CL = 10nF
(Ta = -20~70C,Unless otherwise specified)
TEST CIRCUIT TEST CONDITION MIN 0.05 0.05 -- -- -- -15000 -- TYP. 0.15 0.15 -- MAX 0.5 0.5 0.45 -- -- -- V /s s UNIT
Fig.1 IOPL TEST CIRCUIT
Fig.2 IOPH TEST CIRCUIT
1
8
1
0.1A A
8
0.1A
VCC V6-5
A
V8-6 IOPH
VCC
IOPL 4
4
Fig.3 VOH TEST CIRCUIT
Fig.4 VOL TEST CIRCUIT
8
0.1A
1
8 VCC1
1
0.1A
IF
RL
V
VF
RL
V
VCC1
VOH VEE1
VOL VEE1
4
4
4
2002-06-27
TLP250(INV)
Fig.5 tpLHtpHLtrtf TEST CIRCUIT
1
IF
8
0.1F
IF tr
VO
tf 90% 50% 10%
RL CL
4
VCC VO
tpLH tpHL
5
Fig.6 CMH , CML TEST CIRCUIT
1 8 0.1F
4
SW A
IF B
VCC VO
VCM + VCM
10% 1000V
90%
tr
tf CMH 3V
26V
SW : A(IF=8mA)
CMH = CML =
VO
SW : B(IF=0mA)
800(V) tf(s) 800(V) tr(s)
CML
CML(CMH) is the maximum rate of rise(fall) of the common mode voltage that can be sustained with the output voltage in the low(high)state.
5
2002-06-27
TLP250(INV)
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-06-27


▲Up To Search▲   

 
Price & Availability of TLP250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X