Part Number Hot Search : 
HBM2X1M E13007 B90N3T C1502 CM2341 RT100 32000 063AP
Product Description
Full Text Search
 

To Download TLHF4900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLHF4900
Vishay Telefunken
High Intensity LED in o 3 mm Clear Package
Color Soft orange Type TLHF4900 Technology AlInGaP on GaAs Angle of Half Intensity o 16
Description
This device has been designed to meet the increasing demand for AlInGaP technology. It is housed in a 3 mm clear plastic package. The small viewing angle of these devices provides a high brightness. All LEDs are categorized in luminous intensity groups. That allows users to assemble LEDs with uniform appearance.
Features
D D D D D D D
AlInGaP technology Standard o 3 mm (T-1) package Small mechanical tolerances Suitable for DC and high peak current Very small viewing angle Very high intensity Luminous intensity categorized
96 11675
Applications
Status lights OFF / ON indicator Background illumination Readout lights Maintenance lights Legend light
Document Number 83025 Rev. A2, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
TLHF4900
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified TLHF4900 Parameter Reverse voltage DC forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Test Conditions Tamb 60C tp 10 ms Tamb 60C Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 5 30 0.1 80 100 -40 to +100 -55 to +100 260 400 Unit V mA A mW C C C C K/W
t 5 s, 2 mm from body
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified Soft orange (TLHF4900 ) Parameter Luminous intensity Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage Junction capacitance Test Conditions IF = 10 mA IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 mA VR = 0, f = 1 MHz Type Symbol IV ld lp VF VR Cj Min 66 598 Typ 300 605 610 16 1.9 15 Max 611 Unit mcd nm nm deg V V pF
2.6
5
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
125 PV - Power Dissipation ( mW ) IF - Forward Current ( mA ) 100
95 10894
60 50 40 30 20 10 0 0 20 40 60 80 0 20 40 60 80 100 Tamb - Ambient Temperature ( C ) Tamb - Ambient Temperature ( C )
100
75
50 25 0
95 10887
Figure 1 Power Dissipation vs. Ambient Temperature
Figure 2 Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 83025 Rev. A2, 04-Feb-99
TLHF4900
Vishay Telefunken
0 Iv rel - Relative Luminous Intensity 10 20 30 I Vrel- Relative Luminous Intensity 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1
96 11589
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
2 5
5 2
10 1
20 0.5
50 0.2
100 IF(mA) tp/T
95 10044
10
Figure 3 Rel. Luminous Intensity vs. Angular Displacement
100
Figure 6 Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
10.00 I Vrel- Relative Luminous Intensity
I F - Forward Current ( mA )
1.00
10
0.10
1 1
95 10882
1.5
2.0
2.5
3.0
0.01 1
96 11588
10 IF - Forward Current ( mA )
100
VF - Forward Voltage ( V )
Figure 4 Forward Current vs. Forward Voltage
1.6 I Vrel- Relative Luminous Intensity
Figure 7 Relative Luminous Intensity vs. Forward Current
1.2 IF = 10 mA 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 560 570 580 590 600 610 620 630 640 650 660
l - Wavelength ( nm )
1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 70 80 90 100 Tamb - Ambient Temperature ( C )
95 10883
95 10885
Figure 5 Rel. Luminous Intensity vs. Ambient Temperature
Figure 8 Relative Luminous Intensity vs. Wavelength
I Vrel- Relative Luminous Intensity
1.4
IF = 10 mA
Document Number 83025 Rev. A2, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
TLHF4900
Vishay Telefunken Dimensions in mm
95 10914
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 83025 Rev. A2, 04-Feb-99
TLHF4900
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 83025 Rev. A2, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of TLHF4900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X