Part Number Hot Search : 
4AR01 C9111EOF AK4650VG 74AUP3G MP450707 T321043 32HDVA R1329L00
Product Description
Full Text Search
 

To Download TLDR5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
TLDR5400
Vishay Semiconductors
High Intensity LED, 5 mm Tinted Diffused
Description
This LED contains the double heterojunction (DH) GaAlAs on GaAs technology. This deep red LED can be utilized over a wide range of drive current. It can be DC or pulse driven to achieve desired light output. The device is available in a tinted diffused 5 mm package with a wide radiation angle.
19223
Features
* Exceptional brightness * * * * * * * * Very high intensity even at low drive currents Wide viewing angle Low forward voltage 5 mm (T-13/4) tinted diffused package Deep red color Categorized for luminous intensity Outstanding material efficiency Lead-free device
e2 Pb
Pb-free
Applications
Bright ambient lighting conditions Battery powered equipment Indoor and outdoor information displays Portable equipment Telecommunication indicators General use
Parts Table
Part TLDR5400 Color, Luminous Intensity Red, IV > 35 mcd Angle of Half Intensity () 30 Technology GaAIAs on GaAs
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified TLDR5400 Parameter Reverse voltage DC Forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ ambient t 5 s, 2 mm from body tp 10 s Tamb 65 C Test condition Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 6 50 1 100 100 - 40 to + 100 - 55 to + 100 260 350 Unit V mA A mW C C C C K/W
Document Number 83003 Rev. 1.4, 30-Aug-04
www.vishay.com 1
TLDR5400
Vishay Semiconductors Optical and Electrical Characteristics
Tamb = 25 C, unless otherwise specified
VISHAY
Red
TLDR5400 Parameter Luminous intensity Luminous intensity Dominant wavelength Peak wavelength Spectral line half width Angle of half intensity Forward voltage Reverse current Junction capacitance
1) 1)
Test condition IF = 20 mA IF = 1 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA VR = 6 V VR = 0, f = 1 MHz
Symbol IV IV d p VF IR Cj
Min 35
Typ. 70 3 648 650 20 30 1.8 30
Max
Unit mcd mcd nm nm nm deg
2.2 10
V A pF
in one Packing Unit IVmin/IVmax 0.5
Typical Characteristics (Tamb = 25 C unless otherwise specified)
125
PV - Power Dissipation ( mW )
60
IF - Forward Current ( mA )
100 75 50 25 0 0 20 40 60 80 100
50 40 30 20 10 0 0 20 40 60 80 100
95 10918
Tamb - Ambient Temperature ( C )
96 11489
Tamb - Ambient Temperature (C )
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for AlInGaP
www.vishay.com 2
Document Number 83003 Rev. 1.4, 30-Aug-04
VISHAY
TLDR5400
Vishay Semiconductors
2.0 Tamb 85 C
I v rel - Relative Luminous Intensity
10000
IF - Forward Current ( mA )
Red 1.6 1.2 0.8 0.4 0
1000
t p /T = 0.01
0.02 0.05 0.1
100 1 10 0.5 0.2
1 0.01
95 10025
0.1
1
10
100
95 10015
0
20
40
60
80
100
tp - Pulse Length ( ms )
Tamb - Ambient Temperature ( C )
Figure 3. Forward Current vs. Pulse Length
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
0
I v rel - Relative Luminous Intensity
10
20
I v rel - Relative Luminous Intensity
30
2.4 Red 2.0 1.6 1.2 0.8 0.4 I FAV = 10 mA, const. 0 10
95 10262
1.0 0.9 0.8 0.7 0.6
40 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4
20 0.5
50 0.2
100 0.1
200 0.05
500
I F (mA)
95 10021
1
0.02 t p /T
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 7. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Red
I F - Forward Current ( mA )
I v rel - Relative Luminous Intensity
100
10 Red 1
10
0.1
1 1
95 10014
1.5
2
2.5
3
0.01 0.1
95 10016
1
10
100
V F - Forward Voltage ( V )
I F - Forward Current ( mA )
Figure 5.
Figure 8. Relative Luminous Intensity vs. Forward Current
Document Number 83003 Rev. 1.4, 30-Aug-04
www.vishay.com 3
TLDR5400
Vishay Semiconductors
1.2
I v rel - Relative Luminous Intensity
VISHAY
Red 1.0 0.8 0.6 0.4 0.2 0 600
620
640
660
680
700
95 10018
- Wavelength ( nm )
Figure 9. Relative Intensity vs. Wavelength
Package Dimensions in mm
95 10916
www.vishay.com 4
Document Number 83003 Rev. 1.4, 30-Aug-04
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
TLDR5400
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 83003 Rev. 1.4, 30-Aug-04
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TLDR5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X