Part Number Hot Search : 
LNBTVS3 TOP244F N4740 VHCT125A M35061 P4SMA 2SC6036G CD5365B
Product Description
Full Text Search
 

To Download TK15410MTL410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK15410
75 VIDEO LINE DRIVER FEATURES
s Superimpose Circuit for Character (140 IRE) and Border (70 IRE) Generation s Fixed Gain (6 dB) s Internal 75 Driver with Clamp Circuit s Very Small Output Capacitor Using SAG Function Pin s Active High ON/OFF Control s Very Low Standby Current (typ. ISTBY 25 A) s Single +5 V Power Supply Operation
APPLICATIONS
s s s s s s Video Equipment Digital Cameras CCD Cameras TV Monitors Video Tape Recorders LCD Projectors
DESCRIPTION
Operating from a single +5 V supply, the TK15410 is a single-channel video line driver IC that takes a standard video analog input and provides a buffered analog output for driving a 150 load. The standard video input signal (1 VP-P typical) is internally clamped to 1.25 V and amplified 6 dB to produce 2 VP-P (typical) into a series 75 resistor and 75 cable load. The internal 1.5 k SAG function resistor provides gain compensation for low frequency signals. The built-in superimpose circuit provides the addition of character (140 IRE) and border (70 IRE) generation to the video signal. During standby (Pin 5 grounded), the TK15410 consumes only 125 W of power. Nominal power dissipation (no input) is typically 73 mW. The TK15410M is available in the SOT23L-8 surface mount package.
TK15410
INPUT
OUTPUT
01S
VCC CHARACTER INPUT BORDER INPUT
SAG GND
STANDBY
BLOCK DIAGRAM
VCC
Logic
75 Driver 1.5 k
ORDERING INFORMATION
5 k 5 k GND
TK15410M
Tape/Reel Code
TAPE/REEL CODE
TL: Tape Left
January 2000 TOKO, Inc.
Page 1
TK15410
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................... 6 V Operating Voltage Range .............................. 4.5 to 5.5 V Power Dissipation (Note 1) ................................ 200 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-25 to +85 C
TK15410M ELECTRICAL CHARACTERISTICS
Test conditions: VCC = 5.0 V, VIN = 1.0 VP-P, RL = 150 , TA = 25 C unless otherwise specified.
SYMBOL ICC ISTBY IOS VTHL(SUPER) VTLH(SUPER) VTHL(STBY) VTLH*STBY) VCMP VCHA VBOR GVA DG DP fr PARAMETER Supply Current Standby Supply Current Standby Terminal Current Superimpose Threshold Voltage (High to Low) Superimpose Threshold Voltage (Low to High) Standby Threshold Voltage (High to Low) Standby Threshold Voltage (Low to High) Clamp Voltage Character Level Border Level Voltage Gain Differential Gain Differential Phase Frequency Response TEST CONDITIONS No input Pin 5 Grounded Pin 5 in Standby mode Pin 3, Pin 4 Pin 3, Pin 4 Pin 5 Operating to Standby mode Pin 5 Standby to Operating mode Pin 1 Input terminal Pin 7 SAG terminal Pin 7 SAG terminal fin = 1 MHz Staircase signal input Staircase signal input fin = 1 MHz / 5 MHz GND 2.00 GND 2.00 1.05 130 60 5.45 -3.0 -3.0 1.25 140 70 5.95 +1.3 +0.2 -0.4 MIN TYP 14.5 25.0 25.0 MAX 20.0 50.0 50.0 0.80 VCC 0.60 VCC 1.45 150 80 6.45 +3.0 +3.0 UNITS mA A A V V V V V IRE IRE dB % deg dB
Note 1: Power dissipation is 200 mW in free air. Derate at 1.6 mW/C for operation above 25C.
Page 2
January 2000 TOKO, Inc.
TK15410
TEST CIRCUIT
TP5 TP4 VCC + VCC = 5.0 V 33 F
Input TP1 75
+ 4.7 F +
Output VOUT = 2.0 VP-P TP2
33 F + TP3 33 F 75 75
Output Truth Table Pin 3 L L H H Pin 4 L H L H Output Pin 1 VBOR Pin 1 VCHA
MEASUREMENT METHOD 1. Supply Current (ICC) The Pin 2 current is measured with no input signal and the Standby Pin (Pin 5) open. 2. Standby Supply Current (ISTBY) The Pin 2 current is measured when the Standby Pin (Pin 5) is connected to ground. 3. Standby Terminal Current (IOS) The Pin 5 current is measured when the Standby Pin (Pin 5) is connected to ground. 4. Standby Threshold Voltage (High to Low) (VTHL(STBY)) The Pin 5 voltage is measured at the point which changes the device from operating mode into standby mode.
January 2000 TOKO, Inc.
Page 3
TK15410
MEASUREMENT METHOD (CONT.) 5. Standby Threshold Voltage (Low to High) (VTLH(STBY)) The Pin 5 voltage is measured at the point which changes the device from standby mode into operating mode. 6. Superimpose Threshold Voltage (High to Low) (VTHL(SUPER)) The voltage at TP4 and/or TP5 is slowly decreased. The TP4 and TP5 voltage level is measured at the point at which the video signal is applied to TP2. 7. Superimpose Threshold Voltage (Low to High) (VTLH(SUPER)) The voltage at TP5 and/or TP4 is slowly increased. The TP4 and TP5 voltage level is measured at the point at which the character signal or the border signal (in accordance with the Output Truth Table) is applied to TP2. 8. Clamp Voltage (VCMP) The DC voltage at Pin 1 is measured with no input signal. 9. Character Level (VCHA) The character level equation is as follows: VCHA = (V2 - V1)/(1/140) Where V1 is the measured voltage at TP3 when TP4 and TP5 are at a low level and V2 is the measured voltage at TP3 when TP4 and TP5 are at a high level. 10. Border Level (VBOR) The border level equation is as follows: VBOR = (V2 - V1)/(1/140) Where V1 is the measured voltage at TP3 when TP4 and TP5 are at a low level and V2 is the measured voltage at TP3 when TP4 is at a low level and TP5 is at a high level. 11. Voltage Gain (GVA) The voltage gain equation is as follows: GVA = 20 log10 V2/V1 Where V1 is the input voltage at TP1 and V2 is the measured voltage at TP2. 12. Differential Gain (DG) The differential gain is measured at TP3 when a staircase waveform of 10 steps is applied to TP1. 13. Differential Phase (DP) The differential phase is measured at TP3 when a staircase waveform of 10 steps is applied to TP1. 14. Frequency Response (fr) The frequency response equation is as follows: fr = 20 log10 V2/V1 Where V1 is the measured TP3 voltage when the input frequency is set to 1 MHz and V2 is the measured TP3 voltage when the input frequency is set to 5 MHz.
Page 4
January 2000 TOKO, Inc.
TK15410
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY CURRENT VS. TEMPERATURE 17
VCC = 5.0 V, No Input
SUPPLY CURRENT VS. SUPPLY VOLTAGE 17
TA = 25 C, No Input
STANDBY SUPPLY CURRENT VS. TEMPERATURE 50
VCC = 5.0 V, No Input
16
ICC (mA) ICC (mA)
16
ISTBY (A)
40 30 20 10 0 -50
15 14 13 12 -50
15 14 13 12 4.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
0 TA (C)
50
100
STANDBY SUPPLY CURRENT VS. SUPPLY VOLTAGE 50
TA = 25 C, No Input
VOLTAGE GAIN VS. TEMPERATURE 8.0
VCC = 5.0 V, fIN = 1 MHz, VIN = 1 VP-P
VOLTAGE GAIN VS. SUPPLY VOLTAGE 8.0
TA = 25 C, fIN = 1 MHz, VIN = 1 VP-P
40
ISTBY (A)
7.0
7.0
GVA (dB)
30 20 10 0 4.0
GVA (dB)
6.0
6.0
5.0
5.0
4.5
5.0 VCC (V)
5.5
6.0
4.0 -50
0 TA (C)
50
100
4.0 4.0
4.5
5.0 VCC (V)
5.5
6.0
FREQUENCY RESPONSE VS. TEMPERATURE 0.5
fIN = 1/5 MHz, VIN = 1 VP-P
FREQUENCY RESPONSE VS. SUPPLY VOLTAGE 0.5
fIN = 1/5 MHz, VIN = 1 VP-P
CLAMP VOLTAGE VS. TEMPERATURE 1.5
VCC = 5 V, Pin 1 Voltage
0.0
0.0
1.4
VCMP (V)
fr (dB)
fr (dB)
-0.5
-0.5
1.3
-1.0
-1.0
1.2
-1.5 -50
0 TA (C)
50
100
-1.5 4.0
4.5
5.0 VCC (V)
5.5
6.0
1.1 -50
0 TA (C)
50
100
January 2000 TOKO, Inc.
Page 5
TK15410
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
CLAMP VOLTAGE VS. SUPPLY VOLTAGE 1.5
TA = 25 C, Pin 1 Voltage
CHARACTER LEVEL VS. TEMPERATURE 150
VCC = 5 V, Pin 7 Level
CHARACTER LEVEL VS. SUPPLY VOLTAGE 150
TA = 25 C, Pin 7 Level
1.4 VCHA (IRE)
145
145
VCHA (IRE)
VCMP (V)
1.3
140
140
1.2
135
135
1.1 4.0
4.5
5.0 VCC (V)
5.5
6.0
130 -50
0 TA (C)
50
100
130 4.0
4.5
5.0 VCC (V)
5.5
6.0
BORDER LEVEL VS. TEMPERATURE 80
VCC = 5 V, Pin 7 Level
BORDER LEVEL VS. SUPPLY VOLTAGE 80
TA = 25 C, Pin 7 Level
DIFFERENTIAL GAIN VS. TEMPERATURE 6.0 4.0 2.0 0.0
VCC = 5.0 V, VIN = 1 VP-P
75
75
VBOR (IRE)
VBOR (IRE)
70
70
65
65
60 -50
0 TA (C)
50
100
60 4.0
DG (%)
-2.0 -4.0 -50
4.5
5.0 VCC (V)
5.5
6.0
0 TA (C)
50
100
DIFFERENTIAL GAIN VS. SUPPLY VOLTAGE 30
TA = 25 C, VIN = 1 VP-P
DIFFERENTIAL PHASE VS. TEMPERATURE 6.0 4.0
VCC = 5.0 V, VIN = 1 VP-P
DIFFERENTIAL PHASE VS. SUPPLY VOLTAGE 6.0 4.0
DP (deg)
TA = 25 C, VIN = 1 VP-P
20
10
DP (deg)
DG (%)
2.0 0.0
2.0 0.0 -2.0 -4.0 4.0
0
-2.0 -4.0 -50
-10 4.0
4.5
5.0 VCC (V)
5.5
6.0
0 TA (C)
50
100
4.5
5.0 VCC (V)
5.5
6.0
Page 6
January 2000 TOKO, Inc.
TK15410
PIN FUNCTION DESCRIPTION
TERMINAL PIN NO. 1 INTERNAL EQUIVALENT CIRCUIT SYMBOL INPUT VOLTAGE 1.25 V
VCC
DESCRIPTION
Luminance Input Terminal. The luminance input signal is clamped at 1.25 V.
1.25 V
2 3 4
VCC CHARACTER INPUT BORDER INPUT
VCC
VCC
Power Supply Terminal Pin 3: Character Signal Input Terminal. Pin 4: Border Signal Input Terminal. A video signal, a character signal, and a border signal can be selected by combining the logic levels of these two terminals.
VCC 200 k
75 k
75 k
5
STANDBY
2.1 V
5k
Standby Logic Terminal. The device is in the standby mode when Pin 5 is connected to Low. The device is in the operating mode when Pin 5 is connected to High or Open.
6 7 8
GND SAG OUTPUT
GND 1.25 V 1.25 V
VCC
GND Terminal Pin 7: SAG Terminal. Pin 8: Output Terminal. The output is available to drive a 75 + 75 load.
1.5 k 5k
January 2000 TOKO, Inc.
Page 7
TK15410
PACKAGE OUTLINE
SOT23L-8
0.45
Marking Information
Marking 410
TK15410
8
5 marking 1.0
e 0.8 1 e 0.8 4
+0.15 - 0.05
Recommended Mount Pad 0.1 M
0.3
+0.3
3.5 - 0.1
(3.4) 0.3
2.2
1.4max
1.2
e1 3.0
0 - 0.1
+0.15 - 0.05
0.4
+ 0.3
0.15
0.1
3.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 8
(c) 2000 Toko, Inc. All Rights Reserved IC-xxx-TK15410 0100O0.0K
15 max
January 2000 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK15410MTL410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X