Part Number Hot Search : 
101M1 GP1S73 P2805 Q6704 100AXC MAX11135 23T1A PE4352
Product Description
Full Text Search
 

To Download TIP41CE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
6A NPN Epitaxial Planar Power Transistor
Spec. No. : C611E3 Issued Date : 2004.07.14
Revised Date : Page No. : 1/3
TIP41CE3
Description
TIP41CE3 is designed for use in general purpose amplifier and switching applications. * Low collector-emitter saturation voltage, VCE(sat) = 1.5V(max) @ IC = 6A * High collector-emitter sustaining voltage, BVCEO(SUS) = 100V(min) * High current gain-bandwidth product , fT = 3MHz(min) @ IC = 500mA
Features
Symbol
TIP41CE3
Outline
TO-220AB
BBase CCollector EEmitter
BCE
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Power Dissipation @ TA=25 Power Dissipation @ TC=25 Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Junction Temperature Storage Temperature
Note : 1. Single Pulse , Pw380s, Duty2%.
Symbol VCBO VCEO VEBO IC ICP IB PD PD RJA RJC Tj Tstg
Limits 100 100 5 6 10 (Note 1) 2 2 65 62.5 1.923 150 -55~+150
Unit V V V A A W C/W C/W C C
TIP41CE3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol *BVCEO(SUS) ICEO ICES IEBO *VCE(sat) *VBE(on) *hFE *hFE fT Min. 100 30 15 3 Typ. Max. 700 400 1 1.5 2 75 Unit V A A mA V V MHz
Spec. No. : C611E3 Issued Date : 2004.07.14
Revised Date : Page No. : 2/3
Test Conditions IC=30mA, IB=0 VCE=60V, IB=0 VCE=100V, VBE=0 VEB=5V, IC=0 IC=6A, IB=600mA VCE=4V, IC=6A VCE=4V, IC=0.3A VCE=4V, IC=3A VCE=10V, IC=500mA, f=1MHz
*Pulse Test : Pulse Width 380s, Duty Cycle2%
TIP41CE3
CYStek Product Specification
CYStech Electronics Corp.
TO-220AB Dimension
Spec. No. : C611E3 Issued Date : 2004.07.14
Revised Date : Page No. : 3/3
A D
B E C
Marking:
TIP41C
H I G 4 P M 3 2 1 N
Style: Pin 1.Base 2.Collector 3.Emitter 4.Collector
K
O
3-Lead TO-220AB Plastic Package CYStek Package Code: E3 *: Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
TIP41CE3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of TIP41CE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X