Part Number Hot Search : 
7D1DP30Q 153KL IDT74 EGP20G UPD030A 74HCT138 GKDA3M8 SNXXX
Product Description
Full Text Search
 

To Download TIP147T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP145T/146T/147T
TIP145T/146T/147T
Monolithic Construction With Built In BaseEmitter Shunt Resistors
* High DC Current Gain : hFE = 1000@ VCE = - 4V, IC = - 5A (Min.) * Industrial Use * Complement to TIP140T/141T/142T
1
TO-220 2.Collector 3.Emitter
1.Base
PNP Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO Parameter Collector-Base Voltage : TIP145T : TIP146T : TIP147T Value - 60 - 80 - 100 - 60 - 80 - 100 -5 - 10 - 15 - 0.5 80 150 - 65 ~ 150 Units V V V V V V V A A A W C C
R1 R2 E Equivalent Circuit C
B
VCEO VEBO IC ICP IB PC TJ TSTG
Collector-Emitter Voltage : TIP145T : TIP146T : TIP147T Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current (DC) Collector Dissipation (TC=25C) Junction Temperature Storage Temperature
R1 8k R2 0.12k
Electrical Characteristics TC=25C unless otherwise noted
Symbol VCEO(sus) Parameter Collector-Emitter Sustaining Voltage : TIP145T : TIP146T : TIP147T Collector Cut-off Current : TIP145T : TIP146T : TIP147T ICBO Collector Cut-off Current : TIP145T : TIP146T : TIP147T IEBO hFE VCE(sat) VBE(sat) VBE(on) tD tR tSTG tF Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Delay Time Rise Time Storage Time Fall Time VCB = - 60V, IE = 0 VCB = - 80V, IE = 0 VCB = - 100V, IE = 0 VBE = - 5V, IC = 0 VCE = - 4V, IC = - 5A VCE = - 4V, IC = - 10A IC = - 5A, IB = - 10mA IC = - 10A, IB = - 40mA IC = - 10A, IB = - 40mA VCE = - 4V, IC = - 10A VCC = - 30V, IC = - 5A IB1 = -20mA, IB2 = 20mA RL = 6 0.15 0.55 2.5 2.5 1000 500 -2 -3 - 3.5 -3 V V V V s s s s
Rev. B, December 2002
Test Condition IC = - 30mA, IB = 0
Min. - 60 - 80 - 100
Typ.
Max.
Units V V V
ICEO
VCE = - 30V, IB = 0 VCE = - 40V, IB = 0 VCE = - 50V, IB = 0
-2 -2 -2 -1 -1 -1 -2
mA mA mA mA mA mA mA
(c)2002 Fairchild Semiconductor Corporation
TIP145T/146T/147T
Typical Characteristics
-10 -9
100000
VCE = -4V
IC[A], COLLECTOR CURRENT
-8 -7 -6 -5 -4 -3 -2 -1 -0 -0 -1 -2 -3 -4 -5
IB = -2000A
hFE, DC CURRENT GAIN
IB = -1800A IB = -1600A IB = -1400A IB = -1200A IB = -1000A IB = -800A
10000
1000
IB = -600A
IB = -400A
100 -0.1
-1
-10
-100
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
-10
-1000
IC=-500IB
f=0.1MHz
-1
VCE(sat)
Cob[pF], CAPACITANCE
VBE(sat)
-100
-0.1
-0.01 -0.1
-10 -1 -10 -100 -1 -10 -100 -1000
IC[A], COLLECTOR CURRENT
VCB[V], COLLECTOR-BASE VOLTAGE
Figure 3. Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
-100
120
100
IC[A], COLLECTOR CURRENT
PC[W], POWER DISSIPATION
-10
80
DC
60
-1
40
TIP145T TIP146T TIP147T
20
-0.1 -1 -10 -100 -1000
0 0 25 50
o
75
100
125
150
175
VCE[V], COLLECTOR-EMITTER VOLTAGE
TC[ C], CASE TEMPERATURE
Figure 5. Safe Operating Area
Figure 6. Power Derating
(c)2002 Fairchild Semiconductor Corporation
Rev. B, December 2002
TIP145T/146T/147T
Package Dimensions
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B, December 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of TIP147T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X