Part Number Hot Search : 
STPS15 M30625 WH160050 VAL1Z SSM2537 HSS101 NCP5359A DS0967
Product Description
Full Text Search
 

To Download TIP117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP115, TIP116, TIP117 PNP SILICON POWER DARLINGTONS
Copyright (c) 1997, Power Innovations Limited, UK DECEMBER 1971 - REVISED MARCH 1997
q
Designed for Complementary Use with TIP110, TIP111 and TIP112 50 W at 25C Case Temperature 4 A Continuous Collector Current Minimum hFE of 500 at 4 V, 2 A
B C E
q q q
TO-220 PACKAGE (TOP VIEW)
1 2 3
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING TIP115 Collector-base voltage (IE = 0) TIP116 TIP117 TIP115 Collector-emitter voltage (IB = 0) Emitter-base voltage Continuous collector current Peak collector current (see Note 1) Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. 2. 3. 4. TIP116 TIP117 V EBO IC ICM IB Ptot Ptot 1/2LIC 2 Tj Tstg TL VCEO VCBO SYMBOL VALUE -60 -80 -100 -60 -80 -100 -5 -4 -6 -50 50 2 25 -65 to +150 -65 to +150 260 V A A mA W W mJ C C C V V UNIT
This value applies for tp 0.3 ms, duty cycle 10%. Derate linearly to 150C case temperature at the rate of 0.4 W/C. Derate linearly to 150C free air temperature at the rate of 16 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -5 mA, RBE = 100 , VBE(off) = 0, RS = 0.1 , VCC = -20 V.
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
TIP115, TIP116, TIP117 PNP SILICON POWER DARLINGTONS
DECEMBER 1971 - REVISED MARCH 1997
electrical characteristics at 25C case temperature
PARAMETER V (BR)CEO Collector-emitter breakdown voltage Collector-emitter cut-off current Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Parallel diode forward voltage IC = -30 mA (see Note 5) VCE = -30 V V CE = -40 V V CE = -50 V VCB = -60 V V CB = -80 V V CB = -100 V VEB = VCE = V CE = IB = VCE = IE = -5 V -4 V -4 V -8 mA -4 V -5 A IB = 0 IB = 0 IB = 0 IE = 0 IE = 0 IE = 0 IC = 0 IC = -1 A IC = -2 A IC = -2 A IC = -2 A IB = 0 (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) 1000 500 -2.5 -2.8 -3.5 V V V TEST CONDITIONS TIP115 IB = 0 TIP116 TIP117 TIP115 TIP116 TIP117 TIP115 TIP116 TIP117 MIN -60 -80 -100 -2 -2 -2 -1 -1 -1 -2 mA mA mA V TYP MAX UNIT
ICEO
ICBO
IEBO hFE VCE(sat) VBE VEC
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = -2 A V BE(off) = 5 V IB(on) = -8 mA RL = 15
MIN IB(off) = 8 mA tp = 20 s, dc 2%
TYP 2.6 4.5
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
PRODUCT
INFORMATION
2
TIP115, TIP116, TIP117 PNP SILICON POWER DARLINGTONS
DECEMBER 1971 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 20000 10000 hFE - Typical DC Current Gain
TCS115AA
COLLECTOR-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
-2*0 tp = 300 s, duty cycle < 2% IB = IC / 100 -1*5
TCS115AB
TC = -40C TC = 25C TC = 100C
-1*0
1000
-0*5 TC = -40C TC = 25C TC = 100C 0 -0*5 -1*0 IC - Collector Current - A -5*0
VCE = -4 V tp = 300 s, duty cycle < 2% 100 -0*5 -1*0 IC - Collector Current - A -5*0
Figure 1.
Figure 2.
BASE-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
-3*0 VBE(sat) - Base-Emitter Saturation Voltage - V TC = -40C TC = 25C TC = 100C
TCS115AC
-2*5
-2*0
-1*5
-1*0 IB = IC / 100 t p = 300 s, duty cycle < 2% -0*5 -0*5 -1*0 IC - Collector Current - A -5*0
Figure 3.
PRODUCT
INFORMATION
3
TIP115, TIP116, TIP117 PNP SILICON POWER DARLINGTONS
DECEMBER 1971 - REVISED MARCH 1997
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
-10
SAS115AA
IC - Collector Current - A
-1*0
-0*1
TIP115 TIP116 TIP117 -0.01 -1*0 -10 -100 -1000
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
60 Ptot - Maximum Power Dissipation - W
TIS110AA
50
40
30
20
10
0 0 25 50 75 100 125 150 TC - Case Temperature - C
Figure 5.
PRODUCT
INFORMATION
4
TIP115, TIP116, TIP117 PNP SILICON POWER DARLINGTONS
DECEMBER 1971 - REVISED MARCH 1997
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE
PRODUCT
INFORMATION
5
TIP115, TIP116, TIP117 PNP SILICON POWER DARLINGTONS
DECEMBER 1971 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
6


▲Up To Search▲   

 
Price & Availability of TIP117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X