Part Number Hot Search : 
103ML 4LC21 F20C15 X13137HS A3054KU SC2002D SMC27 SC930
Product Description
Full Text Search
 

To Download TIP117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE. FEATURES
High DC Current Gain. : hFE=1000(Min.), VCE=-4V, IC=-1A. Low Collector-Emitter Saturation Voltage. Complementary to TIP112.
H
L C
TIP117
EPITAXIAL PLANAR PNP TRANSISTOR
A R S
E
F
D
P
Q
T
C
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range DC Pulse DC Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg RATING -100 -100 -5 -2 -4 -50 2 50 150 -65 150
B
M
M
V V V A
J
1. BASE 2. COLLECTOR (HEAT SINK) 3. EMITTER
TO-220AB
mA W
EQUIVALENT CIRCUIT
C
O
1
2
3
N
UNIT
K
DIM A B C D E F G H J K L M N O P Q R S T
MILLIMETERS 10.30 MAX 15.30 MAX 0.80 _ 3.60 + 0.20 3.00 6.70 MAX _ 13.60 + 0.50 5.60 MAX 1.37 MAX 0.50 1.50 MAX 2.54 4.70 MAX 2.60 1.50 MAX 1.50 _ 9.50 + 0.20 _ 8.00 + 0.20 2.90 MAX
G
B
R1 = 10k
R2 = 0.6k E
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Output Capacitance
)
SYMBOL ICEO ICBO IEBO hFE VCEO(SUS) VCE(sat) VBE(ON) Cob TEST CONDITION VCE=-50V, IB=0 VCB=-100V, IE=0 VEB=-5V, IC=0 VCE=-4V, IC=-1A VCE=-4V, IC=-2A IC=-30mA, IB=0 IC=-2A, IB=-8mA VCE=-4V, IC=-2A VCB=-10V, IE=0, f=0.1MHz MIN. 1000 500 -100 TYP. MAX. -2 -1 -2 -2.5 -2.8 200 V V V pF UNIT mA mA
1999. 11. 16
Revision No : 1
1/2
TIP117
I C - V CE
-5 COLLECTOR CURRENT I C (A) -4 -3 -2 -1
-1 0 A 00
h FE - I C
-50 0A 00A -4 A -300
100K DC CURRENT GAIN h FE 30K 10K 300 100 30 10 -0.01
VCE =-4V
-900A -800A -700A -600A
-200A I B =-100A
0
-1
-2
-3
-4
-5
-0.1
-1
-10
COLLECTOR-EMITTER VOLTAGE V CE (V)
COLLECTOR CURRENT I C (A)
V BE(sat) , V CE(sat) - I C
100 SATURATION VOLTAGE VBE(sat) ,V CE(sat) (V) 30 10 3 1 0.3 0.1 0.01
V BE(sat) VCE(sat) I C /I B =500
C ob - V CB
1k 500 300 100 50 30 10 5 3 1 -0.01
f=0.1MHz
CAPACITANCE Cob (pF)
0.1
1
10
-0.1
-1
-10
-100
COLLECTOR CURRENT I C (A)
COLLECTOR-BASE VOLTAGE VCB (V)
SAFE OPERATING AREA P D - Ta
POWER DISSIPATION P D (W) 70 60 50 40 30 20 10 0 0 50 100 150 200 CASE TEMPERATURE Ta ( C) COLLECTOR CURRENT I C (A) 80 10 5 3
DC OPERATION Tc=25 C
I C MAX(PULSED)
1m s
5m s
1 0.5 0.3
SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
0.1 1
3
5
10
30
50
100
COLLECTOR-EMITTER VOLTAGE V CE (V)
1999. 11. 16
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of TIP117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X