Part Number Hot Search : 
RCH123 SDL1310 74466300 TLRF1060 A32416 SA30A SST12P1 APL5501
Product Description
Full Text Search
 

To Download TIP112F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.
U
TIP112F
EPITAXIAL PLANAR NPN TRANSISTOR
A
C
FEATURES
High DC Current Gain. : hFE=1000(Min.), VCE=4V, IC=1A. Low Collector-Emitter Saturation Voltage. Complementary to TIP117F.
E S
K
L M D D
L
T
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage DC Collector Current Pulse Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range DC Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg RATING 100 100 5 2 A 4 50 2 W 20 150 mA UNIT
T N N T
V
Q
V V
O
1
2
3
DIM A B C D E F G H R J K L M V N O P Q R H S T U V
MILLIMETERS 10.30 MAX 15.30 MAX 2.70 0.30 0.85 MAX 3.20 0.20 3.00 0.30 12.30 MAX 0.75 MAX 13.60 0.50 3.90 MAX 1.20 1.30 2.54 4.50 0.20 6.80 2.60 0.20 10 25 5 0.5 2.60 0.15
F G J
1. BASE
B
TO-220IS
EQUIVALENT CIRCUIT
C
-65 150
B
P
2. COLLECTOR
3. EMITTER
R1 = 10k
R2 = 0.6k E
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Output Capacitance
)
SYMBOL ICEO ICBO IEBO hFE VCEO(SUS) VCE(sat) VBE(ON) Cob TEST CONDITION VCE=50V, IB=0 VCB=100V, IE=0 VEB=5V, IC=0 VCE=4V, IC=1A VCE=4V, IC=2A IC=30mA, IB=0 IC=2A, IB=8mA VCE=4V, IC=2A VCB=10V, IE=0, f=0.1MHz MIN. 1000 500 100 TYP. MAX. 2 mA 1 2 2.5 2.8 100 V V V pF mA UNIT
2002. 6. 25
Revision No : 0
1/2
TIP112F
I
2.0 COLLECTOR CURRENT I C (A) 1.6 1.2 0.8 0.4 0
C
- V CE
100K
250A
200A
h FE - I C
VCE =4V
DC CURRENT GAIN h FE 5
A 0A 400A A 0 45 A 350 300 50
30K 10K 300 100 30 10 0.01
I B =150A
1
2
3
4
0.1
1
10
COLLECTOR-EMITTER VOLTAGE V CE (V)
COLLECTOR CURRENT I C (A)
V BE(sat) , V CE(sat) - I C
100 SATURATION VOLTAGE VBE(sat) ,V CE(sat) (V) 30 10 3 1 0.3 0.1 0.01
V BE(sat) VCE(sat) I C /I B =500
C ob - V CB
1k 500 300 100 50 30 10 5 3 1 0.01
f=0.1MHz
CAPACITANCE C ob (pF)
0.1
1
10
0.1
1
10
100
COLLECTOR CURRENT I C (A)
COLLECTOR-BASE VOLTAGE VCB (V)
P D - Ta
30 25 20 15 10 5 0 COLLECTOR CURRENT I C (A) POWER DISSIPATION P D (W)
SAFE OPERATING AREA
10 5 3
s 1m
I C MAX(PULSED)
s 5m
1 0.5 0.3
DC OPERATION Tc=25 C
SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
0
50
100
150
200
0.1 1
CASE TEMPERATURE Ta ( C)
3
5
10
30
50
100
COLLECTOR-EMITTER VOLTAGE V CE (V)
2002. 6. 25
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of TIP112F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X