Part Number Hot Search : 
MTE1300N CTDN145 28F128 ASAT35L 1371FA V23990 M3541 52194
Product Description
Full Text Search
 

To Download TFS86C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filename: TFS86C.doc
version 1.4
21.01.2002
VI TELEFILTER
Measurement condition Ambient temperature: 23 Input power level: 0 dBm Terminating impedance: *) Input: 825 II -1,75 pF Output: 825 II -1,75 pF Characteristics Remark:
Filter Specification
TFS 86 C
1/5
Reference level for the relative attenuation arel of the TFS 86 C is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 86,46 MHz without any tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
Data
Insertion loss (Reference level) Nominal frequency Centre frequency Pass band ripple fN 13 kHz Relative attenuation fN 14 kHz
fN fN fN fN fN ae = amin fN fc
typ. value
3,7 86,463 MHz 0,7 arel - 880 - 120 60 + 120 + 1000 kHz kHz kHz kHz kHz 0,9 64 51 - 60 24 24 45 - 60 3,8 dB dB dB dB dB dB dB s dB
tolerance / limit
max. 5 86,46 max. max. min. min. min. min. min. max. 2,0 3 50 40 20 20 40 10 dB dB dB dB dB dB dB s dBm dB MHz
- 1000 - 880 - 120 + 60 + 120
kHz kHz kHz kHz kHz
... ... ... ... ...
fN fN fN fN fN
Group delay distortion fN 11 kHz Intermodulation **)
GDD
max. - 80
Operating temperature range Storage temperature range Temperature coefficient of frequency ***) Tcf Frequency inversion temperature T0 - 0,036 25 ppm/K C
- 20 C ... + 70 C - 40 C ... + 85 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) Intermodulation in the composite signal by fN 60 kHz and fN 120 kHz each of -20 dBm ***) fc(Hz) = Tcf(ppm/K) x (T - To) x fTo (MHz)
Generated: Checked / approved:
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS86C.doc
version 1.4
21.01.2002
VI TELEFILTER
(All dimensions in mm)
Filter Specification
TFS 86 C
2/5
Construction, pin configuration and 50 - matching network
11,6 Max. 5,2 Max.
TFS 86C P04
Date code
1
5,08 0,20 2,54 0,20
10 9 8 7 6 4 5
Pin 9 Pin 10 Pin 4 Pin 5 Pin 1 Pin 2 Pin 3 Pin 6 Pin 7 Pin 8
Input Input RF return Output Output RF return Ground Ground Ground Ground Ground Ground
1 0,20
1
2
3
2,7 Max.
0,20
0,80 0,20
Date code: M N P ...
Year+week 2000 2001 2002
50 matching network 1
L1 Input 50 Ohm C1 9 4 L2 Output 50 Ohm C2
SAW
1,2,3,5,6,7,8,10
50 matching network 2
Input 50 Ohm 9 C1 L1 4 Output 50 Ohm
SAW
L2
C2
1,2,3,5,6,7,8,10
Note: The filter operates in the matching network in the same manner if the filter is inserted with a rotation of 180 .
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS86C.doc
version 1.4
21.01.2002
VI TELEFILTER
Stability Characteristics
Filter Specification
TFS 86 C
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 1,5 mm or 20g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer 2500 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W Po Do : : : 24 0,3
Do Po
EMBOSSED CARRIER TAPE
4 0,1 1,5 + 0,1 1,75 0,1 11,5 0,1 0,6 2 8 1,5 5,5 11,9
21,5
P2
E : F : G (min) : P2 P1 : :
E
Ao
D1
F
W
CT
0,1 0,1 0,1 0,1
0,1
COVER TAPE
Bo
D1(min) : Ao : Bo
CT
G
P1
:
:
W2
Reel (all dimensions in mm): A W1 N (min) C : : : W2 (max) : : 330 24,4 +2 30,4 60 13 +0,5/-0,2
A C N
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS86C.doc
version 1.4
21.01.2002
VI TELEFILTER
Air reflow temperature conditions
Filter Specification
TFS 86 C
4/5
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS86C.doc
version 1.4
21.01.2002
VI TELEFILTER
History
Version 1.0 1.1 1.2 1.3 1.4 Reason of Changes
Filter Specification
TFS 86 C
5/5
Name Du Hamel Herrler Herrler Dr. Sabah Dr. Wall
Date 20.07.2001 03.08.2001 07.08.2001 13.11.2001 21.01.2001
Generation of specification according to customer requirements. Correct "package" drawing Correct "50 matching network" Add "tape and reel" information Change of construction drawing. Adjust termination impedance. Add typical values. Add commentary for termination impedances. Change number of pieces per reel.
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS86C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X