Part Number Hot Search : 
78L08A 2SC52 4HCT0 B1201 124EC H2N7000 TSCDA12L LA1837M
Product Description
Full Text Search
 

To Download TFS869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS869.doc
version 1.2
22.09.03
VI TELEFILTER
Measurement condition
Ambient temperature: 23 C Input power level: 0 dBm Terminating impedances: input: 50 output: 50
Filter specification
TFS 869
1/5
Characteristics
Remark:
The maximum of the pass band attenuation amax is defined as the insertion loss ae. The nominal frequency fN is fixed at 869,0 MHz without tolerance. The given values for the absolute attenuation ae have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
Data
Insertion loss Nominal frequency Centre frequency Passband absolute attenuation fN 20,0 MHz .... fN 23,0 fN 41,0 MHz .... fN 44,0 Input power level MHz MHz
TCf*) ae = amax fN fc
typ. value
1,8 dB 869,0 8,6 MHz MHz
Variation/ Limitation
max. 3,0 869,0 dB MHz
PB
arel
fN
1,0
MHz
42 42 -
dB dB
min. min. max. -
35,0 dB 40,0 dB 17,0 dBm
Temperature coefficient of the frequency Operating temperature range Storage temperature range
*) fc(Hz) = Tcf(ppm/K) x (To - TA) x fCAT (MHz)
-32 ppm/K
- 30 C ... + 80 C - 40 C ... + 85 C
Generated
:
Checked / approved :
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS869.doc
version 1.2
22.09.03
VI TELEFILTER
Construction, pin configuration
(All dimensions in mm)
Filter specification
TFS 869
2/5
7
5
1,78
869 R39
1 3
SQ 3,81 + 0,2 / -0,1
1,78
0,6
0,1 Date code 1,2 Max. 2,54
Pin Pin Pin Pin
1 2 3 4
Ground Input Ground Package Ground
Pin 5 Pin 6 Pin 7 Pin 8
Ground Output Ground Package ground
Date code: N P R ...
Year + week 2001 2002 2003
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS869.doc
version 1.2
22.09.03
VI TELEFILTER
Stability Characteristics
Filter specification
TFS 869
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): 4; 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer 3000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W : 12 0,3 Po : 4 0,1 Do : 1,5 + 0,1 E : 1,75 0,1 F : 5,5 0,05 G (min) : 0,75 P2 : 2 0,05 P1 : 8 0,1 D1(min) : 1,5 Ao : 4,3 0,1 Bo : 4,3 0,1 CT : 9,5 0,1
Po
EMBOSSED CARRIER TAPE
Do
P2
E Ao F W
D1 CT Bo
G
P1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 : : 330 12,4 + 2,0 18,4 50 13 +0,5/ -0,2
A C N
W 2 (max) : N (min) C : :
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS869.doc
version 1.2
22.09.03
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS 869
4/5
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS869.doc
version 1.2
22.09.03
VI TELEFILTER
History
Version 1.0 1.1 Reason of Changes
Filter specification
TFS 869
5/5
Name Dr. Sabah
Date 18.02.2002
- Generation of development specification according to customer specification - Change of insertion loss - add typical values - generation of filter specification - Add of input power level
Dr. Sabah Dr. Sabah
17.09.2003 22.09.2003
1.2
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information


▲Up To Search▲   

 
Price & Availability of TFS869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X