Part Number Hot Search : 
A1015 UF801 HMM5135B HMM5135B 1N5251 2SA1285A LLSRK200 MP2307DN
Product Description
Full Text Search
 

To Download TFS868D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS868D.doc
Version 1.0
01.10.2003
VI TELE FILTER
Measurement condition
Ambient temperature: 23 C Input power level: 0 dBm Terminating impedances*: input: 63 output: 63
Filter Specification
TFS868D
1/5
// -1,50 pF // -1,50 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 868D is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae . The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss a e. The nominal frequency fN is fixed at 868,30 MHz without tolerance. The given values for the relative attenuation arel have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc
Data
Insertion loss (Reference level) Nominal frequency Centre frequency 3 dB bandwidth 6 dB bandwidth Relative attenuation fN ...... .... fN 300,0 kHz fN 300,0 kHz .... fN fN fN fN fN fN fN fN fN 3,28 - 18,30 - 38,30 - 168,30 + 2,70 + 6,20 + 14,70 + 31,70 MHz MHz MHz MHz MHz MHz MHz MHz .... .... .... .... .... .... .... .... fN fN - fN - fN fN + fN + fN + fN +
fN fc BW BW arel ae = amin
typ. value
3,6 dB
Variation/ Limitation
max. 5,5 dB
868,30 MHz 1130 1300 kHz kHz max. 32 47 47 50 15 30 45 45 dB dB dB dB dB dB dB dB 3
868,30
MHz
min. 600 min. 800 dB max. 6 min. min. min. min. min. min. min. min. 20 32 35 50 11 20 30 35
kHz kHz
400,0 18,30 38,30 168,30 858,30 6,20 14,7 31,70 131,70
kHz MHz MHz MHz MHz MHz MHz MHz MHz
TCf**) To
dB dB dB dB dB dB dB dB dB
Temperature coefficient of the frequency Frequency inversion temperature Operating temperature range Storage temperature range Input power level
-0,036 ppm/k2 25 C - 40 C ... + 85 C - 45 C ... + 90 C max. 0 dBm
OTR
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) fc(Hz) = Tcf(ppm/K) x (To - TA) x fCAT (MHz)
Generated
:
Checked / approved :
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS868D.doc
Version 1.0
01.10.2003
VI TELE FILTER
Construction, pin configuration and 50
(All dimensions in mm)
Filter Specification
- matching network
TFS868D
2/5
5.0 SQ -0.1 7 5
+0.15
868D R40
1 3
Date code
Date code: Year+week N P R ... 2001 2002 2003 Pin 1 Pin 2 Pin 3 Pin 4 Ground Input Ground Ground Pin 5 Pin 6 Pin 7 Pin 8 Ground Output Ground Ground
50 Ohm Test circuit
L1 2 Input 50 Ohm C1 6 L2 Output C2 50 Ohm
SAW
1,3,4,6,7,8
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS868D.doc
Version 1.0
01.10.2003
VI TELE FILTER
Stability Characteristics
Filter Specification
TFS868D
3/5
After the following tests, the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature 4. Resistance to solder heat (reflow): 4 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer 3000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W Po Do E : : : : 12 4 1,5 0,3 0,1 + 0,1
Do Po
EMBOSSED CARRIER TAPE
P2
1,75 0,1 5,5 0,05 0,75 2 8 1,5 5,3 5,3 9,5 0,1 0,1 0,1
COVER TAPE P1 Ao D1 CT Bo
E
F : G (min) : P2 P1 Ao Bo CT : : : : :
F W
0,05 0,1
D1(min) :
G
W2
Reel (all dimensions in mm): A : 330 12,4 + 0,2 18,4 50 13 0,2
A C N
W1 : W2 (max) : N (min) C : :
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS868D.doc
Version 1.0
01.10.2003
VI TELE FILTER
Air reflow temperature conditions
Filter Specification
TFS868D
4/5
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS868D.doc
Version 1.0
01.10.2003
VI TELE FILTER
History
Version 1.0 Reason of Changes
Filter Specification
TFS868D
5/5
Name Dr. Sabah
Date 30.09.2003
- generation of filter specification according to customer specification
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information


▲Up To Search▲   

 
Price & Availability of TFS868D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X