|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
File name : TFS770.doc version 1.1 13.10.2003 VI TELEFILTER Development Specification TFS 770 1/5 Measurement condition Ambient temperature: Input power level: Terminating impedance: * Input: Output: 23 0 50 50 C dBm Characteristics Remark: The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 770 MHz without any tolerance or limit. The values of absolute attenuation arel are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme. Data Insertion loss Nominal frequency Passband Pass band ripple Absolute attenuation 0 707 723 739 800 813 868 998 MHz MHz MHz MHz MHz MHz MHz MHz ... ... ... ... ... ... ... ... 707 723 739 743 813 868 998 1910 MHz MHz MHz MHz MHz MHz MHz MHz OTR aabs ae fN PB typ. value - tolerance / limit max. 2,5 770 fN max. 6 0,7 dB MHz MHz dB TCf ** T.B.D PB ppm/K min. min. min. min. min. min. min. min. 45 40 35 25 15 30 50 30 dB dB dB dB dB dB dB dB Operating temperature range Storage temperature range Temperature coefficient of frequency Input power level VSWR - 30 C ... + 85 C - 40 C ... + 85 C max. max. 15 2:1 dBm *) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz). Generated: Checked / approved: Tele Filter GmbH Potsdamer Strae 18 D-14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. File name : TFS770.doc version 1.1 13.10.2003 VI TELEFILTER Development Specification TFS 770 2/5 Construction and pin configuration (All dimensions in mm) 6 4 Date code: N P R ... Year + week 2001 2002 2003 S 770 R41 1 3 1 3 Pin Pin Pin Pin Pin Pin 1 2 3 4 5 6 Ground Input Ground Ground Output Ground 0,3X45 6 0,64 2,54 4 Stability characteristics Tele Filter GmbH Potsdamer Strae 18 D-14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. File name : TFS770.doc version 1.1 13.10.2003 VI TELEFILTER Development Specification TFS 770 3/5 After the following tests the filter shall meet the whole specification: 1. Shock: 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4; Packing Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer 3000 min 300 mm min 500 mm min 300 mm Tape (all dimensions in mm) W Po Do : : : 12 4 1,5 0,3 0,1 + 0,1 Po EMBOSSED CARRIER TAPE Do P2 E : F : G (min) : P2 : P1 : D1(min) : Ao : Bo : CT : 1,75 0,1 5,5 0,05 0,75 2 0,05 8 0,1 1,5 4,3 0,1 4,3 0,1 9,5 0,1 E Ao F W D1 CT Bo G P1 COVER TAPE W2 Reel (all dimensions in mm): A W1 : : 330 12,4 + 2,0 18,4 50 13 +0,5/ -0,2 A C N W2 (max) : N (min) C : : W1 The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right. Tele Filter GmbH Potsdamer Strae 18 D-14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. File name : TFS770.doc version 1.1 13.10.2003 VI TELEFILTER Development Specification TFS 770 4/5 Air reflow temperature conditions 1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods main-heating periods 150 C - 170 C over 200 C 60 sec. - 90 sec. 20 sec. - 25 sec. peak temperature 255 C 5 C Chip-mount air reflow profile 260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240 Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120 Tele Filter GmbH Potsdamer Strae 18 D-14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. File name : TFS770.doc version 1.1 13.10.2003 VI TELEFILTER Development Specification TFS 770 5/5 History Version 1.0 1.1 Reason of Changes - Generation of development specification - Changes of remark in characteristics Name Roizengaft Roizengaft Date 8.10.2003 13.10.2003 Tele Filter GmbH Potsdamer Strae 18 D-14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. |
Price & Availability of TFS770 |