Part Number Hot Search : 
100BG 95CUHF 1N4559A MF4004 DL4001 MAX7572 BRF10100 RGP10G
Product Description
Full Text Search
 

To Download TFS70Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS70Z.doc
version 1.3
27.03.2003
VI TELEFILTER
Measurement condition
Ambient temperature: 23 Input power level: 0 Terminating impedances at fc *:
Filter Specification
TFS 70 Z
1/5
C dBm input: 1,85 k // -14,5 pF output: 1,49 k // -14,1 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 70Z is the minimum of the pass band attenuation amin . The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 2 dB filter attenuation level relative to the insertion loss ae . The nominal frequency fN is fixed at 70 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
Data
Insertion loss (reference level) Nominal frequency Pass band Amplitude ripple in PB Relative attenuation fN ....... fN fN 0,5 MHz ...... 1 MHz ...... ae
typ. Value
5,2 dB max.
Limit
8 dB
fN PB p-p
a rel
fN max.
70
MHz
0,15 MHz 2 dB
fN fN fN
0,15 1 2
MHz MHz MHz
1 40 43 0,45
dB dB dB s
2
max. min. min. max.
2 35 40 2 -
dB dB dB s
Group delay ripple in PB p-p Temperature coefficient of frequency Tc f Operating temperature range Storage temperature range Turnover temperature To
-0,036 ppm/K 25 C
- 25 C.. + 80 - 40 C.. + 85 -
C C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
generated: checked / approved:
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS70Z.doc
version 1.3
27.03.2003
VI TELEFILTER
Package
( all dimensions in mm )
Filter Specification
TFS 70 Z
2/5
10
6
TFS 70Z
R13
5
date code: N P R
year + week 2001 2002 2003
1
+ 0,20 19 - 0,10
2
date code
Pin 10 Pin 1 Pin 5 Pin 6 Pin 2 - 4, 7 - 9 Input Input RF Return Output Output RF Return Package Ground
1,02
1
1,91 7,62
50 matching network
L1 10 5 L2
C1
SAW
1 6
C2
2,3,4,7,8,9
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS70Z.doc
version 1.3
27.03.2003
VI TELEFILTER
Stability characteristics
Filter Specification
TFS 70 Z
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 14 Test N reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: Trailer 2000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W Po Do E So F G (min) P2 P1 D1(min) Ao Bo Ko t Ct : : : : : : : : : : : : : : : 32 0,3 4 0,1 1,5 + 0,1 1,75 0,1 28,4 0,1 14,2 0,1 0,6 2 0,1 12 0,1 2,0 7,1 0,1 19,6 0,1 2,0 0,1 0,35 0,35 25,5 0,1
X-X
t o WS Ko Do
pull off direction
Po P1 P2 E
X
t C
o B
view direction
Ao
D1
X
SPEC-Gurt 0061/ 19X 6,5 Q09016:0 2.001 Jul.10,01
W2
Reel (all dimensions in mm): A W1 W2(max) N(min) C : : : : : 330 32,4 + 2 38,4 100 13 0,5 / - 0,2
A
C
N
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape in the above shown direction.
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS70Z.doc
version 1.3
27.03.2003
VI TELEFILTER
Filter Specification
TFS 70 Z
4/5
Air reflow temperature conditions
1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods main-heating periods 150 C - 170 C over 200 C 60 sec. - 90 sec. 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS70Z.doc
version 1.3
27.03.2003
VI TELEFILTER
History
Version 1.0 1.1 1.2 1.3 Reason of Changes generation of specification
Filter Specification
TFS 70 Z
5/5
Name Pfeiffer Pfeiffer Pfeiffer Pfeiffer
Date 11.09.2002 16.09.2002 19.02.2003 27.03.2003
remove mean value of group delay add maximum group delay ripple in PB typical values and terminating impedance added terminating impedance fixed
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS70Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X