Part Number Hot Search : 
N3055 HW9D1 2SK30 70NBS CXA10 A2050 PN222112 ADV7185
Product Description
Full Text Search
 

To Download TFS70H44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 File name: TFS70H44.doc
version 1.2
30.07.2002
VI TELEFILTER
Measurement condition :
Ambient temperature TA: Input power level: Terminating impedances in fc *) : 23 C 0 dBm for input: for output:
Filter Specification
TFS 70H44
1/5
486 - 10,2 pF 337 - 12,2 pF
Characteristics :
Remark: Reference level for the relative attenuation arel of the TFS 70H44 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance scheme.
Data
Insertion loss (Reference level) Centre frequency at ambient temperature (fCTA) Pass band : Amplitude ripple in PB : Bandwidth at ambient temperature TA: 1 3 10 20 40 dB dB dB dB dB arel 12,8 MHz 14,0 MHz 25 60 MHz MHz BW ae fc PB
typ. value 25 70,0 dB MHz
tolerance / limit max. 70,0 fc 27,5 dB 0,15 MHz 12,8 MHz 1 dB
0,6
dB
max.
27,25 28,97 31,76 34,05 36,90
MHz MHz MHz MHz MHz
min. min.
25,6 MHz 28,0 MHz
max.
37,7 MHz
Relative attenuation : fc ... fc fc 12,8 MHz ... fc fc 18,85 MHz ... fc fc 25 MHz ... fc
47 53 0,90 38 5,8 56 60 dB dB s ns dB dB
max. max. min. min. max. max.
1 3 40 45 50 8
dB dB dB dB ns
Group delay ( mean value in PB ): Group delay ripple in PB (p-p): Deviation from linear phase in PB : Triple transit attenuation compared to main signal Crosstalk Temperature coefficient of frequency ( Tcf ) : Frequency deviation of fc over temperature : Operating temperature range Storage temperature range
- 75 ppm/K fc(Hz) = Tcf(ppm/K) x (T - To) x fCTA (MHz) - 25 C ... + 80 C - 40 C ... + 85 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
generated: checked / approved:
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
File name: TFS70H44.doc
version 1.2
30.07.2002
VI TELEFILTER
Package and pin connection :
22,5 Max. 5,0 max. 5,6 max. 2,54 0,2 6x2,54 = 15,62
Filter Specification
(All dimensions in mm) 13 max.
TFS 70H44
2/5
0,45 Dia.
7,62
TFS
70H44 P31
date -code: M N P
year + week 2000 2001 2002
...
date-code
...
1
2
7 Pin Pin Pin Pin Pin 14 1 8 7 2, 9 Input Input RF Return Output Output RF Return Pakage Ground
14
9
8
50 matching network ( for details refer to application note ):
50 Ohm
L1
14 C1
8
L2
50 Ohm
SAW
C2
1, 2, 7, 9
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
File name: TFS70H44.doc
version 1.2
30.07.2002
VI TELEFILTER
Filter Specification
TFS 70H44
3/5
Stability characteristics :
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N
4. Resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
File name: TFS70H44.doc
version 1.2
30.07.2002
VI TELEFILTER
Filter Specification
TFS 70H44
4/5
Air reflow temperature conditions :
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
File name: TFS70H44.doc
version 1.2
30.07.2002
VI TELEFILTER
History
Version 1.0 1.1 Reason of changes generate preliminary specification generate filter specification add typical filter values changing matching configuration add terminating impedances remove adjustable matching elements changing terminating impedances
Filter Specification
TFS 70H44
5/5
Name Pfeiffer Pfeiffer
Date 19.04.2002 21.05.2002
1.2
using nonadjustable components
Pfeiffer
31.07.2002
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information


▲Up To Search▲   

 
Price & Availability of TFS70H44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X