Part Number Hot Search : 
GS816 HD41529B PQG20 IRHE3230 GRM188R TK20D60 MAX651 R1E10
Product Description
Full Text Search
 

To Download TFS70H43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 File name: TFS70H43.doc
Version 1.0
18.07.2002
VI TELEFILTER
Filter specification
TFS 70H43
1/5
1. Measurement condition :
Ambient temperature TA: Input power level: Terminating impedances in fc * ) : 23 C. 0 dBm. for input: for output:
454 - 9,26 pF 386 - 10,30 pF
typical value. typical value.
2. Characteristics :
Remark: Reference level for the relative attenuation arel of the TFS 70H43 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance scheme.
Data
Insertion loss (Reference level) Centre frequency Pass band ( PB ) : Amplitude ripple in : Bandwidth ( BW ) : 1 dB 3 dB 20 45 50 dB dB dB fc - 12,25 MHz ... fc + 12,25 MHz at ambient temperature TA ae
typ. value 22,5 dB 70,0 MHz
tolerance / limit max. 25 dB
fc at ambient temperature (fCTA)
70,00 0,10 MHz fc ... fc 13 MHz dB
0,7 dB 24,80 MHz 26,30 MHz 29,98 MHz 31,8 MHz 32,0 MHz 55 55...65 dB dB
max. min. min. max.
1
24,5 MHz 26 MHz 34 MHz
Relative attenuation arel fc ... fc 12,25 MHz fc 12,25 MHz ... fc 13 MHz fc 17 MHz ... fc 25 MHz fc 25 MHz ... fc 50 MHz Group delay ( mean value in PB ): Group delay ripple in PB (p-p): Deviation from linear phase in PB (p-p) : Triple transit attenuation compared to main signal Crosstalk Temperature coefficient of frequency ( Tcf ) : Frequency deviation of fc over temperature : Operating temperature range Storage temperature range
max. max. min. min. max. max.
1 3 45 50 40 6
dB dB dB dB ns
1,05 s 33 ns 5 (r.m.s. 0,9 ) 52 60 dB dB
- 75 ppm/K fc(Hz) = Tcf(ppm/K) x (T - TA) x fCTA (MHz) - 25 C ... + 80 C - 40 C ... + 85 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
Generated: Checked / approved:
W. Dunzow Dr. Bert Wall
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: TFS70H43.doc
Version 1.0
18.07.2002
VI TELEFILTER
Filter specification
TFS 70H43
2/5
3. Construction and pin connection
( all dimensions in mm)
22,5 Max.
o 0,45 0,05 5 Max. 6 Max.
Date-code: M N P ... Pin Pin Pin Pin Pin 14 1 8 7 2, 9 Year+week 2000 2001 2002 ... Input Input RF Return Output Output RF Return Pakage Ground 7 C2 9 8 L21 + L22 50
TFS
70H43 P22
1 1
7
14 10,16 0,2 8
15,24 0,2
4. 50 matching network ( please refer to the application note for further details ) :
C1
50
L11 + L12 14
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
7,62 0,2
12
13 Max.
Date-code
File name: TFS70H43.doc
Version 1.0
18.07.2002
VI TELEFILTER
Filter specification
TFS 70H43
3/5
5. Stability characteristics :
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4;
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: TFS70H43.doc
Version 1.0
18.07.2002
VI TELEFILTER
Filter specification
TFS 70H43
4/5
6. Air reflow temperature conditions :
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name: TFS70H43.doc
Version 1.0
18.07.2002
VI TELEFILTER
7. History :
Version 1.0 Reason of changes Generate filter specification.
Filter specification
TFS 70H43
5/5
Name Dunzow W.
Date 18.07.2002
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS70H43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X