|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
File name: TFS70H313.doc Version 1.1 15.04.2002 VI TELEFILTER Filter specification TFS 70H313 1/5 1. Measurement condition : Ambient temperature TA: Input power level: Terminating impedances in fc *) : 25 C. 0 dBm. for input: for output: 400 -12,3 pF. 50 0 pF. 2. Characteristics : Remark: Reference level for the relative attenuation arel of the TFS 70H313 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 20 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance scheme. Data Insertion loss (Reference level) Centre frequency at ambient temperature (fCTA) Pass band : Amplitude ripple in : fc ... fc 7,9 MHz BW ae fc PB typ. value 23 70,0 dB MHz tolerance / limit max. 26 dB MHz MHz 70,0 0,1 fc ... fc 9 0,4 dB Bandwidth at ambient temperature TA: 1 3 10 20 40 dB dB dB dB dB 17,90 18,50 20,60 21,80 23,20 arel 8,8 MHz 9,0 MHz MHz MHz 52 55 1,21 35 4 53 60 MHz MHz MHz MHz MHz min. min. 17,6 18,0 MHz MHz max. 23,5 MHz Relative attenuation : fc fc ... fc 8,8 MHz ... fc max. max. dB dB s ns dB dB min. min. max. max. 1 3 40 47 60 6 dB dB dB dB ns fc 11,75 MHz ... fc 15 fc 15 MHz ... fc 60 Group delay ( mean value in PB ): Group delay ripple in PB (p-p): Deviation from linear phase in PB : Triple transit attenuation compared to main signal Crosstalk Temperature coefficient of frequency ( Tcf ) : Frequency deviation of fc over temperature : Operating temperature range Storage temperature range - 75 ppm/K fc(Hz) = Tcf(ppm/K) x (T - To) x fCTA (MHz) - 25 C ... + 80 C - 40 C ... + 85 C *) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. Generated: Checked/Approved: Dr. Chilla Dr. Bert Wall VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information File name: TFS70H313.doc Version 1.1 15.04.2002 VI TELEFILTER 3. Package and pin connection : 22,5 Max. 5,0 max. 5,6 max. 2,54 0,2 6x2,54 = 15,62 Filter specification (All dimensions in mm) 13 max. TFS 70H313 2/5 0,45 Dia. 7,62 TFS 70H313 P33 Date-code: M N P Date-code Year+week 2000 2001 2002 1 2 7 Pin Pin Pin Pin Pin 14 1 8 7 2, 9 Input Input RF Return Output Output RF Return Pakage Ground 14 9 8 4. 50 matching network ( details refer to application note ): 12 7 50 L1 14 98 50 Scheme 1. For final test we use scheme 1. VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information File name: TFS70H313.doc Version 1.1 15.04.2002 VI TELEFILTER Filter specification TFS 70H313 3/5 5. Stability characteristics : After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N 4. Resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4; VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information File name: TFS70H313.doc Version 1.1 15.04.2002 VI TELEFILTER Filter specification TFS 70H313 4/5 6. Air reflow temperature conditions : 1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C Air reflow profile 260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240 Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120 VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information File name: TFS70H313.doc Version 1.1 15.04.2002 VI TELEFILTER History Version 1.0 1.1 Reason of changes Generate preliminary specification . Filter specification TFS 70H313 5/5 Name Dr. Chilla Dr. Chilla Date 23.04.2002 16.05.2002 Generate filter specification . add typical filter values; add matching networks: scheme 1; add termination impedances for scheme 1. referency frequency measurement changed from 3 dB to 20 dB VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information |
Price & Availability of TFS70H313 |