Part Number Hot Search : 
CXD3000R UT54LVD C144ES 74ACT241 BPJAALD GLZ82 NB7L216 AD9060SZ
Product Description
Full Text Search
 

To Download TFS70H23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 File name : TFS70H23.doc
Version 1.1
26.06.2002
VI TELEFILTER
Filter specification
TFS 70H23
1/5
1. Measurement condition :
Ambient temperature TA: Input power level: Terminating impedances at fc * ) : Source impedance: Load impedance: 23 C 0 dBm. for input: for output: 50 50 217 - 17,77 pF. 343 - 14,66 pF.
2. Characteristics :
Remark: Reference level for the relative attenuation arel of the TFS 70H23 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating temperature range is not included in the production tolerance scheme
Data Insertion loss (Reference level) Centre frequency ae
typical values 18 70,01 dB MHz
tolerance / limit max. 23 dB MHz
fc at ambient temperature TA (fCAT) PB
70 0,07
Pass band at ambient temperature TA : Amplitude ripple (p-p) in : Bandwidth 0,5 dB 1 dB 3 dB 10 20 40 50 60 dB dB dB dB dB
fC - 0,365 MHz ... fC + 0,375 MHz 0,25 0,52 0,65 0,87 1,22 1,47 1,78 1,88 2,00 dB MHz MHz MHz MHz MHz MHz MHz MHz dB dB dB dB dB dB 0,58 0,75 2,00 1 3 40 45 50 50
fC ... fC 0,2 MHz
at ambient temperature: min. min. MHz MHz
max.
MHz
Relative attenuation fC ... fC fC 0,29 MHz ... fC fC fC fC fC 1 2 - 65 +7 MHz ... fC MHz ... fC MHz ... fC MHz ... fC
arel 0,29 MHz 0,375 MHz MHz MHz MHz MHz 0,7 1,8 50 47...50 70 55...65 max. max. min. min. min. min. dB dB dB dB dB dB s ns deg
2 7 -7 + 35
Group delay ( mean value in PB ) : Group delay ripple in PB (p-p) : Phase ripple in PB (p-p) : Triple transit attenuation compared to main signal Crosstalk Frequency inversion temperature : To Temperature coefficient of frequency : Tcf Frequency deviation of fc over temperature : ** ) Operating temperature range Storage temperature range
3,46 s 120 ns 1,1...1,3 ( r.m.s. 0,6 ) 45 60 dB dB
max. 4 max. 250 max. 4 -
20...40 C -0,04 ppm/K fc(Hz) = Tcf(ppm/K) x (T - To) x fTo (MHz) -
- 25 C ... + 80 C - 40 C ... + 85 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) fTo is frequency at frequency inversion temperature (To )
Generated: Checked/Approved:
Dunzow W. Dr. Wall
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name : TFS70H23.doc
Version 1.1
26.06.2002
VI TELEFILTER
Filter specification
TFS 70H23
2/5
3. Construction and pin connection :
18 11 10
pin grid 2,54 mm
(All dimensions in mm)
TFS 70H23 P44
12
27,18 0,20
9
Date-code
12,65 0,20
Date-code: M N P ...
Year+week 2000 2001 2002 ...
1
o0,450,05
Pin Pin Pin Pin Pin
18 1 10 9 2, 11
Input Input RF Return Output Output RF Return Package Ground
5,2 Max.
2,54 0,20 20,32 0,20
4. 50 matching networks ( for details refer to application note ) :
1 C1 2 9 C2
7,62 0,20
5,60,3
50
L1 18 11 10
L2
50
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name : TFS70H23.doc
Version 1.1
26.06.2002
VI TELEFILTER
Filter specification
TFS 70H23
3/5
5. Stability characteristics :
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N
4. Resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name : TFS70H23.doc
Version 1.1
26.06.2002
VI TELEFILTER
Filter specification
TFS 70H23
4/5
6. Air reflow temperature conditions :
1st and 2nd air reflow profile
Name: Temperature: Time:
pre-heating periods 150 C - 170 C 60 sec. - 90 sec.
main-heating periods over 200 C 20 sec. - 25 sec.
peak temperature 255 C 5 C
Air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
File name : TFS70H23.doc
Version 1.1
26.06.2002
VI TELEFILTER
7. History
Version 1.0 1.1 Reason of changes - generate development specification. - generate filter specification.
Filter specification
TFS 70H23
5/5
Name Dunzow W. Dunzow W.
Date 10.12.2001 26.06.2002
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS70H23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X