Part Number Hot Search : 
C0663A UB5305S SM80C15 ON0443 B1215 C1455 SP8782B HC257
Product Description
Full Text Search
 

To Download TFS462 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filename: tfs 462.doc
Version 1.1
16.04.2004
VI TELEFILTER
Measurement condition
Ambient temperature: Input power level: Terminating impedance: * Input: Output: 23 0. 143 143 C dBm || -3 pF || -3 pF
Filter specification
TFS 462
1/5
Characteristics
Remark:
Reference level for the relative attenuation a rel of the TFS 462 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation a min is defined as the insertion loss a e. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3dB filter attenuation level relative to the insertion loss a e. The nominal frequency fN is fixed on 462,00 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc
Data
Insertion loss (reference level) Nominal frequency Centre frequency Bandwidth Relative attenuation fN 42,8 MHz OTR TCf ** ae= amin fN fC BW arel
typ. value
3,5 MHz
tolerance / limit
max. 4,5 462 MHz MHz
462 9,5
MHz MHz min. 4,0 MHz
60 -32
dB
min.
55
dB
Operating temperature range Storage temperature range Temperature coefficient of frequency
- 10 C ... + 50C - 40 C ... + 85C ppm/K
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. ** fc(Hz) = Tcf(ppm/K) x (T - TA) x fCAT (MHz)
Generated:
Checked / Approved:
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 462.doc
Version 1.1
16.04.2004
VI TELEFILTER
Filter characteristic
0 -5 -10
Filter specification
TFS 462
2/5
0 -10 -20 -30
B d n i e d u t i n g a m
-15 -20 -25 -30
B d n i e d u t i n g a m
-40 -50 -60 -70 -80
-35 -40
-90 440 445 450 455 460 465 470 frequency in MHz 475 480 485 -100 250 300 350 400 450 500 frequency in MHz 550 600 650 700
Construction and pin connection
(All dimensions in mm)
M a x. 3, 5
1
2, 54 0, 2 3x 2,5 4 = 7, 62 0,2
3, 0 0,5
0 ,45 0, 2 D ia .
1 2 3 4
Input Ground Ground Output
S 4 62
S 15
M ax . 4, 8
M a x. 11 ,4
Date code
Date code: S T U ...
Year + week 2004 2005 2006
50 Ohm Test circuit
1
4
C2
L2
2,3
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 462.doc
Version 1.1
16.04.2004
VI TELEFILTER
Stability characteristics
Filter specification
TFS 462
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 14 Test N reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 462.doc
Version 1.1
16.04.2004
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS 462
4/5
1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods main-heating periods 150 C - 170 C over 200 C 60 sec. - 90 sec. 20 sec. - 25 sec. peak temperature 255 C 5 C
Air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120 140 160 180 200 220 240
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: tfs 462.doc
Version 1.1
16.04.2004
VI TELEFILTER
History Version 1.0 Reason of Changes
Filter specification
TFS 462
5/5
Name
Date S. Sabah
generated specification according to customer requierment (scaling from TFS 468B). 23.06.2000 correct of terminating impedances add filter characteristic Noack
1.1
05.04.2004
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS462

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X