Part Number Hot Search : 
P18CA SMBJ22A PRS28G MAX2335 43000 MAZ8110 87871 UN212Y
Product Description
Full Text Search
 

To Download TFS460C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 file: TFS460C.doc
version 1.2 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 460 C 1/3 ______________________________________________________________________________________________________
Measurement condition Ambient temperature: 23 C Input power level: 0 dBm Source impedance: 184 || -0.33 pF Load impedance: 184 || -0.33 pF
Construction and pin connection (see page 2)
Characteristics Remark:
Reference level for the relative attenuation arel of the TFS 460 C is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 460 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo
Data
______________________________________________________________________________________________________ 3 dB max 5 dB ae = amin Insertion loss (Reference level) ______________________________________________________________________________________________________ 460 MHz fN Nominal frequency ______________________________________________________________________________________________________ 460 MHz Centre frequency fo ______________________________________________________________________________________________________ Pass band ripple fN 10 MHz 1 dB max. 2 dB ______________________________________________________________________________________________________ Relative attenuation arel
typ. value
tolerance / limit
360 MHz ... 380 MHz 60 dB min. 50 dB 405 MHz ... 425 MHz > 40 dB min. 40 dB ______________________________________________________________________________________________________ Operating temperature range - 25 C ... + 75 C ______________________________________________________________________________________________________ - 71 ppm/K Temperature coefficient of frequency TC ______________________________________________________________________________________________________
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
file: TFS460C.doc
version 1.2 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 460 C 2/3 ______________________________________________________________________________________________________
Construction and pin connection
S 460C L1
50 test circut 1 *)
L1 1 4 L2
IN
C1
SAW
C2
OUT
2,3
50 test circut 2 *)
C1 1 4 C2
IN
L1
SAW
L2
OUT
2,3
*) Both circuits are possible, but the behavior of the first circuit differs slightly from the second one. The final test at Telefilter is carried out with the first circuit.
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
file: TFS460C.doc
version 1.2 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 460 C 3/3 ______________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C temperature / C time / sec. 23 140 34 150 46 160 60 170 80 180 103 190 121 195 134 200 143 205 150 210 154 215 156 220 158 230 159 240
time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130
temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS460C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X