Part Number Hot Search : 
M1330 MA2Z360 TA1006A TS7010R SLG55550 MBRD660 ZX84C8V A1360
Product Description
Full Text Search
 

To Download TFS460B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 file: TFS460B.eng
version 2.1 4/98 ______________________________________________________________________________________________________
VI TELEFILTER SAW filter specification TFS 460 B 1/4 ______________________________________________________________________________________________________
Measurement condition Ambient temperature: 23 C Input power level: 0 dBm Source impedance: 263 || -0,45 pF Load impedance: 263 || -0,45 pF Construction, pin connection and 50 test circuit see page 2 Stability characteristics and packing see page 3 Air reflow temperature conditions see page 4
Characteristics Remark: Reference level for the relative attenuation arel of the TFS 460 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 2 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 460 MHz without tolerance.
Data
______________________________________________________________________________________________________ 3 dB max. 5 dB ae = amin Insertion loss (Reference level) ______________________________________________________________________________________________________ 460 MHz fN Nominal frequency ______________________________________________________________________________________________________ 460 MHz Centre frequency fo ______________________________________________________________________________________________________ Pass band ripple fN 10 MHz 1 dB max. 2 dB ______________________________________________________________________________________________________ Relative attenuation arel
typ. value
tolerance / limit
360 MHz ... 380 MHz > 60 dB min. 50 dB 405 MHz ... 425 MHz > 40 dB min. 40 dB ______________________________________________________________________________________________________ Intermodulation 40 dB min. 20 dB modulation signals: fN + 1 MHz and fN + 2 MHz, each of 10 dBm ______________________________________________________________________________________________________ IP3 max. 12 V Permissible DC voltage VDC ______________________________________________________________________________________________________ Input power level max. 10 dBm ______________________________________________________________________________________________________ Operating temperature range - 25 C ... + 75 C Storage temperature range - 40 C ... + 85 C ______________________________________________________________________________________________________ - 72 ppm/K Temperature coefficient of frequency TCf ______________________________________________________________________________________________________
Generated: Checked / approved:
______________________________________________________________________________________________________
VI TELEFILTER / Potsdamer Strae 18 / D 14 513 TELTOW Phone: (+33 28) 47 84 52 / Facsimile: (+33 28) 47 84 30 / e-mail: tft@telefilter.com
file: TFS460B.eng
version 2.1 4/98 ______________________________________________________________________________________________________
VI TELEFILTER SAW filter specification TFS 460 B 2/4 ______________________________________________________________________________________________________
Construction and pin connection
S 460 B K1
1 2 3 4 5 6 7 8 9 10 11 12 Ground Ground Output RF Return Output Package Ground Ground Ground Ground Input RF Return Input Package Ground Ground
50 test circut 1 *)
L1 10 4 L2
IN
C1
SAW
C2
OUT
1,2,3,5,6,7,8,9,11,12
50 test circut 2 *)
C1 10 4 C2
IN
L1
SAW
L2
OUT
1,2,3,5,6,7,8,9,11,12
*) Both circuits are possible, but the behavior of the first circuit differs slightly from the second one. The final test at Telefilter is carried out with the first circuit.
______________________________________________________________________________________________________
VI TELEFILTER / Potsdamer Strae 18 / D 14 513 TELTOW Phone: (+33 28) 47 84 52 / Facsimile: (+33 28) 47 84 30 / e-mail: tft@telefilter.com
file: TFS460B.eng
version 2.1 4/98 ______________________________________________________________________________________________________
VI TELEFILTER SAW filter specification TFS 460 B 3/4 ______________________________________________________________________________________________________
Stability characteristics After the following tests the filter shall meet the whole specification: 1. Shock: 100g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0.35 mm amplitude, 5g; 2 hours for 3 planes; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; IEC Pub. 68 - 2 - 3
2. Vibration:
3. Damp heat:
4. Resistance to solder heat (Reflow):
260 C for 10 sec;
Packing Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3400
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 16 4 1,5 0,3 0,1 + 0,5
Do Po P2
EMBOSSED CARRIER TAPE
1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 0,05 8 1,5 5,4 7,4 0,1
E Ao F W
D1 13,4
0,1
G (min) : P2 : P1 : D1(min) : Ao Bo : :
Bo
G
P1
0,1 0,1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape. ______________________________________________________________________________________________________
VI TELEFILTER / Potsdamer Strae 18 / D 14 513 TELTOW Phone: (+33 28) 47 84 52 / Facsimile: (+33 28) 47 84 30 / e-mail: tft@telefilter.com
file: TFS460B.eng version 2.1 4/98
______________________________________________________________________________________________________
VI TELEFILTER SAW filter specification TFS 460 B 4/4 ______________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________
VI TELEFILTER / Potsdamer Strae 18 / D 14 513 TELTOW Phone: +49 3328 4784 52 / Facsimile: +49 3328 4784 30 / e-mail: tft@telefilter.com


▲Up To Search▲   

 
Price & Availability of TFS460B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X