Part Number Hot Search : 
BTA16 58005 MK4027 100H6 BD790 043045 STK41 AN1352
Product Description
Full Text Search
 

To Download TFS400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 version 1.2 06.01.02 TFS400A.doc ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 A 1/4 ______________________________________________________________________________________________________
Application
The filter is suitable for GSM, DCS 1800 and dual band receivers. It can especially be used in the first IF in which full channel selectivity is not necessary. Due to the high frequency the filter is small, thus it saves cost and space on the printed circuit board. As it has symmetrical input and output it does not need any transformation networks in state of the art IC transceiver concepts in which symmetrical inputs and outputs are favourable.
Measurement condition
Ambient temperature: 23 C Input power level: 0 dBm Source impedance: balanced 770 II - 0.8 pF Load impedance: balanced 770 II - 0.8 pF
Construction and pin configuration
see page 2
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 400 A is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 400,000 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Data
______________________________________________________________________________________________________
typ. value
4,5
tolerance/limit
max. 6,5
Insertion loss (Reference level)
ae = amin
dB
______________________________________________________________________________________________________
400,000 MHz fN ______________________________________________________________________________________________________ Centre frequency Centre frequency 3 dB bandwidth 400,012 MHz fo ______________________________________________________________________________________________________ 360 kHz min. 280 kHz BW ______________________________________________________________________________________________________
arel Relative attenuation 400 MHz 70 kHz 400 MHz 400 kHz 400 MHz 600 kHz 400 MHz >1 MHz ... f 13 MHz
______________________________________________________________________________________________________
1 25 35 44
dB dB dB dB s
max. min. min. min.
3 15 27 35
dB dB dB dB s
Group delay ripple 400 MHz 70 kHz
GD
______________________________________________________________________________________________________
0,5
max.
2
Operating temperature range - 20 C ... + 70 C __________________________________________________________________________________________ ca. - 0.036 ppm/K Temperature coefficient of frequency TC __________________________________________________________________________________________ Frequency inversion temperature
______________________________________________________________________________________________________
+ 20 C
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
version 1.2 06.01.02 TFS400A.doc ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 A 2/4 ______________________________________________________________________________________________________
Construction, pin configuration and 50 - matching network
(All dimensions in mm)
TFS 400A tft L1
50 - matching network:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
version 1.2 06.01.02 TFS400A.doc ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 A 3/4 ______________________________________________________________________________________________________
Stability characteristics After the following tests the filter shall meet the whole specification: 1. Shock: 30g, 18 ms, half sine wave, 3 shocks each plane; IEC 68 - 2 - 27 10 Hz to 150 Hz, 0.35 mm amplitude, 5g; 2 hours for 3 planes; IEC 68 - 2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; IEC 68 - 2 - 3
2. Vibration:
3. Damp heat:
4. Resistance to solder heat (Reflow):
260 C for 10 sec;
Packing Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 16 4 1,5 0,3 0,1 + 0,5
Do Po P2
EMBOSSED CARRIER TAPE
1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 0,05 8 1,5 5,4 7,4 0,1
E Ao F W
D1 13,4
0,1
G (min) : P2 : P1 : D1(min) : Ao Bo : :
Bo
G
P1
0,1 0,1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
version 1.2 06.01.02 TFS400A.doc ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 A 4/4 ______________________________________________________________________________________________________
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X