Part Number Hot Search : 
ESD3V S6020 ICS1702 2815S 2SB1032K 1078096 VCO55 BC153
Product Description
Full Text Search
 

To Download TFS400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS400.doc
version 1.3 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 1/4 ______________________________________________________________________________________________________
Application
The filter is suitable for GSM, DCS 1800 and dual band receivers. It can especially be used in the first IF in which full channel selectivity is not necessary. Due to the high frequency the filter is small, thus it saves cost and space on the printed circuit board. As it has symmetrical input and output it does not need any transformation networks in state of the art IC transceiver concepts in which symmetrical inputs and outputs are favourable.
Measurement condition
Ambient temperature: 23 C Input power level: 0 dBm Source impedance: balanced 800 II - 0.7 pF Load impedance: balanced 800 II - 0.7 pF
Construction and pin configuration
see page 2
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 400_1 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 400,000 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Data
______________________________________________________________________________________________________
typ. value
4,5
tolerance/limit
max. 6,5
Insertion loss (Reference level)
ae = amin
dB
______________________________________________________________________________________________________
400,000 MHz fo ______________________________________________________________________________________________________ Centre frequency usable signal bandwidth 3 dB bandwidth
______________________________________________________________________________________________________
-
min 140
kHz
360 kHz min 280 kHz BW ______________________________________________________________________________________________________
arel Relative attenuation 400 MHz 400 kHz 400 MHz 600 kHz 400 MHz >1 MHz ... f 13 MHz
______________________________________________________________________________________________________
25 35 44
dB dB dB s
min 15 min 27 min 35
dB dB dB s
Group delay ripple 400 MHz 70 kHz
GD
______________________________________________________________________________________________________
0,5
max. 2
- 20 C ... + 70 C Operating temperature range __________________________________________________________________________________________ ca. - 0.036 ppm/K Temperature coefficient of frequency TC __________________________________________________________________________________________ Frequency inversion temperature
______________________________________________________________________________________________________
+ 20 C
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS400.doc
version 1.3 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 2/4 ______________________________________________________________________________________________________
Construction, pin configuration and 50 - matching network
TFS 400 tft L5
Stability characteristics
After the following tests the filter shall meet the whole specification:
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS400.doc
version 1.3 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 3/4 ______________________________________________________________________________________________________
1. Shock: 30g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 150 Hz, 0.35 mm amplitude, 5g; 2 hours for 3 planes; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; IEC Pub. 68 - 2 - 3
2. Vibration:
3. Damp heat:
4. Resistance to solder heat (Reflow):
260 C for 10 sec;
Packing
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 2300
Tape (all dimensions in mm) W Po Do D1 E : : : : : 16 4 0,3 0,1
EMBOSSED CARRIER TAPE
Do
Po
P2
1,5 + 0,5 1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 12 1,5 7,6 9,6 0,1 0,1
P1 13,4
0,1
E Ao F W
F : G (min) : P2 P1 : :
D1 Bo
G
D1(min) : Ao : Bo :
0,1 0,1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
Air reflow temperature conditions
1st and 2nd air reflow profile
Name: pre-heating periods main-heating periods peak temperature
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
TFS400.doc
version 1.3 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter specification TFS 400 4/4 ______________________________________________________________________________________________________
Temperature: Time: 150 C - 170 C 60 sec. - 90 sec. over 200 C 20 sec. - 25 sec. 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com
Vectron International, Inc. 267 Lowell Road Hudson, NH 03051 / USA Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information


▲Up To Search▲   

 
Price & Availability of TFS400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X