Part Number Hot Search : 
495V227K OP1130 MO6XXN PN6119 MC1151A TA8750AN AD822 PN5179
Product Description
Full Text Search
 

To Download TFS248E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS248E.doc
version 6.0
08.04.2002
VI TELEFILTER
Measurement condition
Ambient temperature: Input power level: Terminating impedances at fc *) 23 0 Input: Output:
Filter specification
TFS 248 E
1/5
Characteristics
Remark:
C dBm 560 || -5.9pF 500 || -6.3 pF
The reference level for the relative attenuation arel of TFS 248E is the minimum of the pass band attenuation amin. This value is defined as the insertion loss ae. The nominal frequency fN is fixed at 248,6 MHz without any tolerance. The given values for the relative attenuation arel and the group delay ripple have to be reached at the frequencies given below, even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
Data
Insertion Loss (at ambient temperature) Nominal Frequency Centre Frequency Passband Ripple (p-p) fN 100 kHz
ae = a0 fN fc
typ. Value
max. 248,6 MHz 0,6 dB max.
Limit
6,0 dB ***) 248,6 MHz 1,0 dB
Relative Attenuation ****) fN 330 kHz ... fN 600 fN 600 kHz ... fN 0,8 fN 0,8 MHz ... fN 1,6 fN 1,6 MHz ... fN 2,2 fN 2,2 MHz ... fN -29,2 fN 29,2 MHz ... fN -238,6 fN + 2,2 MHz ... fN +100 @-fN + 22,8 @-fN + 52,0 @-fN + 74,8 @-fN +104,0 @-fN +126,8 MHz MHz MHz MHz MHz
arel
kHz MHz MHz MHz MHz MHz MHz
17 38 50 53 60 70 60 68 70 70 75 75
dB dB dB dB dB dB dB dB dB dB dB dB
min. min. min. min. min. min. min. min. min. min. min. min. max.
12 34 48 48 53 60 53 60 60 60 60 60
dB dB dB dB dB dB dB dB dB dB dB dB
Group Delay Ripple (p-p) fN 100 kHz Input power level <=100 hours <=15 years Operating Temperature Range Temperature Coefficient **) Storage temperature range
TC
0,2 s
0,5 s
0,032 ppm/K 25 C
2
max. max.
20 5
dBm dBm
- 20 C ... + 80 C
Frequency inversion temperature (To )
- 40 C .....+ 85 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team. **) fc(Hz) = Tcf(ppm/K) x (T - To) x fTo (MHz) ***) insertion loss includes matching network with coils with Q value>=40, ****) if a frequency range / point is defined twice the larger attenuation value is valid
generated: checked / approved:
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248E.doc
version 6.0
08.04.2002
VI TELEFILTER
Construction and Pin Connection (All dimensions in mm)
Filter specification
TFS 248 E
2/5
TFS 248 E P15
12
+ 0,20 19 - 0,10
6,50 - 0,10
+ 0,20
1
1,02
1 2 3 4 5 6 7 8 9 10
Input Ground Ground Ground Output RF return Output Ground Ground Ground Input RF-return
2,31
2,0 Max.
Datecode M N P ...
Year+week 2000 2001 2002
1,91 7,62
50 matching circuits
L1
L2
1 6
L3
L4 Output 50 Ohm
C2
Input 50 Ohm
C1
SAW
2,3,4,5,7,8,9,10
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248E.doc
version 6.0
08.04.2002
VI TELEFILTER
Stability Characteristics
Filter specification
TFS 248 E
3/5
After the following tests, the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature 4. Resistance to solder heat (reflow): 4; 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page
Packing
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer
Tape (all dimensions in mm) W : 32 0,3 Po Do E F P2 P1 : : : : : : 4 0,1 1,5 + 0,1 1,75 0,1 14,2 0,1 2 12 0,1 0,1 0,1 0,1
P1 Do Po EMBOSSED CARRIER TAPE
2000 min 300 mm min 500 mm min 300 mm
P
2
Ko t E Ao F W
D1 Ct Bo
D1(min) : 2,0 Ao : 7,1 Bo : 19.6 t Ct :
G
0,35 0,05 : 25,5 0,1
COVER TAPE
W2
Reel (all dimensions in mm): A : 330 32,4 +2 38,4 100 13 + 0,5/-0,2
A C N
W1 : W2 (max) : N (min) C : :
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248E.doc
version 6.0
08.04.2002
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS 248 E
4/5
1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248E.doc
version 6.0
08.04.2002
VI TELEFILTER
History
Version Reason of Changes
Filter specification
TFS 248 E
5/5
Name
Date
Development specification 1.0 New specification 1.1 specification changed according to customer needs - insertion loss explanation added - stopband corrected
Steiner Steiner
03.05.2001 07.05.2001
filter specification 2.0 - terminating impedances and typical values added - change of temperature stability added - passband with extended development specification 3.0 - new specification according to the requirements ZF_Filter_v2.xls 4.0
Steiner
02.11.2001
Steiner
21.01.2002 Steiner
- new specification with tighter transition band according to customer specification v3.0 05.03.2002 Steiner Steiner
filter specification 5.0 - typical values and terminating impedances added - limit lines adjusted to cover possible spurious responses 6.0 - package changed back to 19x6mm
05.04.2002 08.04.2002
VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS248E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X