Part Number Hot Search : 
5201A C4388 70EPF06J PM7226KP SF36G ICE2A265 SJ5202 103ML
Product Description
Full Text Search
 

To Download TFS248D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS248D.doc
version 2.1
14.09.00
VI TELEFILTER
Measurement condition
Ambient temperature: Input power level: Terminating impedance: source: load: 23 C 0 dBm 630 || -5,6 pF 600 || -5,7 pF
Filter Specification
TFS 248 D
1/5
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 248 D is the minimum of the pass band attenuation amin. This value is defined as the insertion loss ae. The nominal frequency fN is fixed to 248,6 MHz. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Data
typ. Value
Limit
______________________________________________________________________________________________________ Insertion Loss (at ambient temperature) 4,0 dB ae = a0 3,0 ... 6,0 dB drift vs. Temperature max. 0,5 dB ______________________________________________________________________________________________________ 248,6 MHz Nominal Frequency fN ______________________________________________________________________________________________________ Centre Frequency 248,6 MHz f0 ______________________________________________________________________________________________________ 3 dB bandwidth min. 240 kHz Bw3dB ______________________________________________________________________________________________________ Passband fN 95 kHz ______________________________________________________________________________________________________ Relative Attenuation fN 95 kHz fN 95 kHz ... fN 120
arel
kHz
max. 1,2 dB -0,9 ... +2,1 dB
fN 330 kHz ... fN 600 kHz min. 13 dB fN 600 kHz ... fN 800 kHz min. 22 dB fN 800 kHz ... fN 3 MHz min. 30 dB fN 3 MHz ... fN 105 MHz min. 48 dB fN 105 MHz ... fN 150 MHz min. 51 dB ______________________________________________________________________________________________________ Group Delay 3 s GD max. Group Delay Ripple fN 95 kHz max. 0,7 s fN 120 kHz max. 1,0 s ______________________________________________________________________________________________________ Input power level max. 12 dBm ______________________________________________________________________________________________________ Operating Temperature Range -5 C ... + 75 C ______________________________________________________________________________________________________ Temperature Coefficient - 0,032 ppm/K2 TC ______________________________________________________________________________________________________
generated: checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248D.doc
version 2.1
14.09.00
VI TELEFILTER
Filter Specification
TFS 248 D
2/5
Construction and Pin Connection (All dimensions in mm)
TFS 248 D M36
Datecode
1 2 3 4 5 6 7 8 9 10 Datecode K L M ...
Input Ground Ground Ground Output RF-return Output Ground Ground Ground Input RF-return Year+week 1998 1999 2000
Possible matching circuits
circuit 1 (Reference matching circuit for final testing at Telefilter)
L1 1 Input 50 Ohm C1 6 L2 Output 50 Ohm C2
SAW
2,3,4,5,7, 8,9,10
circuit 2
L1 1 Input 50 Ohm L2 6 L3
SAW
L4
Output 50 Ohm
2,3,4,5,7, 8,9,10
circuit 3
C1 Input 50 Ohm L1 1 6 C2 Output 50 Ohm L2
SAW
2,3,4,5,7, 8,9,10
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248D.doc
version 2.1
14.09.00
VI TELEFILTER
Filter Specification
TFS 248 D
3/5
Stability Characteristics
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Damp heat: (cycle) 4. Resistance to solder heat (reflow): 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 25 C to 55C / 95% r.H. / 10 cycles DIN IEC 68 - 2 - 30 Db max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: Real of empty components at start: Real of empty components at start including leader: Trailer
Tape (all dimensions in mm) W : 32 0,3 Po Do E F : : : : 4 0,1 1,5 + 0,5 1,75 0,1 11,5 0,1 0,75 2 0,1 12 0,1 1,5 7,1 0,1 19.6 0,1 2,1 0,1 0,35 0,05 : 25,5 0,1
Do Po EMBOSSED CARRIER TAPE
1700 min 300 mm min 500 mm min 300 mm
P
2
Ko t E Ao F D1 Ct Bo W
G (min) : P2 : P1 : D1(min) : Ao : Bo Ko t Ct : : :
G
P1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 32,4 +2 38,4 100
C A
13
+ 0,5/-0,2
N
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248D.doc
version 2.1
14.09.00
VI TELEFILTER
Air reflow temperature conditions
Filter Specification
TFS 248 D
4/5
1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS248D.doc
version 2.1
14.09.00
VI TELEFILTER
History
Version Reason of Changes
Filter Specification
TFS 248 D
5/5
Name
Date
2.1
- definition for the insertion loss changed - passband ripple adjusted to the new loss definition - wrong tape and reel dimensions corrected
Steiner
14.09.2000
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS248D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X