Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download TFS246M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS246M.doc
version 1.5
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Measurement condition Ambient temperature: 23 C Input power level: 0 dBm Terminating impedances for input: 600 // - 1,45 pF for output: 600 // - 1,45 pF External coil: 108 nH Characteristics Remark:
Filter Specification
TFS 246 M
Construction see page 2
-
1/4
______________________________________________________________________________________________________
Reference level for the relative attenuation arel of the TFS 246 M is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 246 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo.
Preliminary Data
typ. value
tolerance / limit
______________________________________________________________________________________________________ Insertion loss max 5 dB ae = amin (Reference level) ______________________________________________________________________________________________________ Nominal frequency 246,000 MHz fN ______________________________________________________________________________________________________ Pass band ripple fN - 85 kHz ... fN + 93 kHz max 1,5 dB ______________________________________________________________________________________________________ Relative attenuation arel fN 120 kHz max 3 dB fN 330 kHz ... fN 400 kHz min 18 dB fN 400 kHz ... fN 600 kHz min 25 dB fN 600 kHz ... fN 800 MHz min 40 dB fN 800 kHz ... fN 1,6 MHz min 45 dB fN + 1,6 MHz ... fN + 20 MHz min 46 dB fN + 20 MHz ... fN + 100 MHz min 50 dB fN 1,6 MHz ... fN 3,0 MHz min 45 dB fN 3,0 MHz ... fN - 20 MHz min 46 dB fN - 20 MHz ...fN - 40 MHz min 43 dB fN - 40 MHz ...fN - 100 MHz min 50 dB ______________________________________________________________________________________________________ GDD Group delay distortion fN 50 kHz max 1,2 s fN 70 kHz max 1,5 s fN 100 kHz max 2,5 s ______________________________________________________________________________________________________ Operating temperature range - 20 C ... + 70 C Storage temperature range - 30 C ... + 85 C ______________________________________________________________________________________________________ Temperature coefficient of frequency TCf - 0,036 ppm/K ______________________________________________________________________________________________________ Frequency inversion temperature + 25 C ______________________________________________________________________________________________________
Generated: Checked / approved:
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS246M.doc
version 1.5
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 246 M
-
2/4
______________________________________________________________________________________________________ Construction, pin configuration and 50 matching network (All dimensions in mm)
246 M K7
Pin 1 Pin 2 Pin 3 Pin 4
50 Ohm Test circuit 1
LB-IN L1
Sym. Output Sym. Output External Coil Package Ground
Pin 5 Pin 6 Pin 7 Pin 8
Sym. Input Sym. Input Ground Package ground
6
1
L3
LB-OUT
C1
SAW
5 3 4, 7, 8 L5 2
C2
L2
L4
50 Ohm Test circuit 2
C1 LB-IN 6 1 C3 LB-OUT
L1
SAW
5 2 3 L3
L2
C2
C4
4, 7, 8
Stability Characteristics After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 100g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,075 mm or 1g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS246M.doc
version 1.5
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
3. Damp heat: (steady state) 4. Resistance to solder heat (reflow):
Filter Specification
TFS 246 M
-
3/4
______________________________________________________________________________________________________
90 % to 95 % rel. humidity, 40 C, 10 days; DIN IEC 68 - 2 - 3 max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on sheet 4;
Packing Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000
Tape (all dimensions in mm)
EMBOSSED CARRIER TAPE
W Po Do D1 E F
: : : : : :
16 4 1,5 1,5
0,3 0,1 + 0,5 + 0,5
A
o
Do
Po
P
2
E
1,75 0,1
F
7,5 0,1
13,4
D
0,1
1
B
W
o
G (min) : P2 P1 : :
0,75 2 8 1,5 5,4 5,4 0,1 0,1
COVER TAPE
0,05
G
0,1
P1
D1(min) : Ao Bo : :
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
Air reflow temperature conditions
1st and 2nd air reflow profile
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS246M.doc
version 1.5
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Name: Temperature: Time:
Filter Specification
pre-heating periods 150 C - 170 C 60 sec. - 90 sec.
TFS 246 M
-
4/4
______________________________________________________________________________________________________
main-heating periods over 200 C 20 sec. - 25 sec.
peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS246M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X